Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3.0SMCJ7.0C Datasheet(PDF) 6 Page - Won-Top Electronics

Part # 3.0SMCJ7.0C
Description  3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

3.0SMCJ7.0C Datasheet(HTML) 6 Page - Won-Top Electronics

  3.0SMCJ7.0C Datasheet HTML 1Page - Won-Top Electronics 3.0SMCJ7.0C Datasheet HTML 2Page - Won-Top Electronics 3.0SMCJ7.0C Datasheet HTML 3Page - Won-Top Electronics 3.0SMCJ7.0C Datasheet HTML 4Page - Won-Top Electronics 3.0SMCJ7.0C Datasheet HTML 5Page - Won-Top Electronics 3.0SMCJ7.0C Datasheet HTML 6Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
3.0SMCJ SERIES
6 of 6
© 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
3.0SMCJxx-T3
SMC
3000/Tape & Reel
1.
Shipping quantity given is for minimum packing quantity only. For minimum
order quantity, please consult the Sales Department.
2.
To order RoHS / Lead Free version, add “-LF” suffix to part number above.
For example, 3.0SMCJ5.0-T3-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
We power your everyday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Similar Part No. - 3.0SMCJ7.0C

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
3.0SMCJ7.0C WTE-3.0SMCJ7.0C Datasheet
65Kb / 5P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Shenzhen Taychipst Elec...
3.0SMCJ7.0C TAYCHIPST-3.0SMCJ7.0C Datasheet
2Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
3.0SMCJ7.0CA WTE-3.0SMCJ7.0CA Datasheet
65Kb / 5P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
MDE Semiconductor, Inc.
3.0SMCJ7.0CA MDE-3.0SMCJ7.0CA Datasheet
117Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ7.0CA DIOTECH-3.0SMCJ7.0CA Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 3.0SMCJ7.0C

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
3.0SMCJ WEITRON-3.0SMCJ Datasheet
330Kb / 4P
   3000W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
3.0SMCJ58A-13 DIODES-3.0SMCJ58A-13 Datasheet
99Kb / 4P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
3.0SMCJ180 WTE-3.0SMCJ180 Datasheet
71Kb / 5P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Frontier Electronics.
3.0SMCJ5.0-LFR FRONTIER-3.0SMCJ5.0-LFR Datasheet
134Kb / 4P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ5.0 FRONTIER-3.0SMCJ5.0 Datasheet
192Kb / 4P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
3.0SMCJ5.0A DIODES-3.0SMCJ5.0A Datasheet
99Kb / 4P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ24A-13 DIODES-3.0SMCJ24A-13 Datasheet
99Kb / 4P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Guangdong Juxing Electr...
SMDJ JUXING-SMDJ Datasheet
1Mb / 4P
   Surface Mount Transient Voltage Suppressor Power 3000W
logo
Taiwan Semiconductor Co...
SMDJ10A TSC-SMDJ10A Datasheet
407Kb / 7P
   3000W, 10V - 100V Surface Mount Transient Voltage Suppressor
3KSMC12AH TSC-3KSMC12AH Datasheet
459Kb / 5P
   3000W, 12V- 47V Surface Mount Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com