Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3.0SMCJ7.0C Datasheet(PDF) 1 Page - Won-Top Electronics

Part # 3.0SMCJ7.0C
Description  3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

3.0SMCJ7.0C Datasheet(HTML) 1 Page - Won-Top Electronics

  3.0SMCJ7.0C Datasheet HTML 1Page - Won-Top Electronics 3.0SMCJ7.0C Datasheet HTML 2Page - Won-Top Electronics 3.0SMCJ7.0C Datasheet HTML 3Page - Won-Top Electronics 3.0SMCJ7.0C Datasheet HTML 4Page - Won-Top Electronics 3.0SMCJ7.0C Datasheet HTML 5Page - Won-Top Electronics 3.0SMCJ7.0C Datasheet HTML 6Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
3.0SMCJ SERIES
1 of 6
© 2006 Won-Top Electronics
Pb
3.0SMCJ SERIES
3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Features
!
Glass Passivated Die Construction
!
3000W Peak Pulse Power Dissipation
B
!
5.0V – 170V Standoff Voltage
!
Uni- and Bi-Directional Versions Available
D
!
Excellent Clamping Capability
A
!
Fast Response Time
F
!
Plastic Case Material has UL Flammability
Classification Rating 94V-O
C
H
G
                             E
Mechanical Data
!
Case: SMC/DO-214AB, Molded Plastic
!
Terminals: Solder Plated, Solderable
per MIL-STD-750, Method 2026
!
Polarity: Cathode Band Except Bi-Directional
!
Marking: Device Code
!
Weight: 0.21 grams (approx.)
!
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 6
“C” Suffix Designates Bi-directional Devices
“A” Suffix Designates 5% Tolerance Devices
No Suffix Designates 10% Tolerance Devices
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Peak Pulse Power Dissipation 10/1000µS Waveform (Note 1, 2) Figure 3
PPPM
3000 Minimum
W
Peak Pulse Current on 10/1000µS Waveform (Note 1) Figure 4
IPPM
See Table 1
A
Peak Forward Surge Current 8.3ms Single Half Sine-Wave
Superimposed on Rated Load (JEDEC Method) (Note 2, 3)
IFSM
100
A
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
Note: 1. Non-repetitive current pulse per Figure 4 and derated above TA = 25°C per Figure 1.
2. Mounted on 8.0mm2 copper pad to each terminal.
3. Measured on 8.3ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minutes maximum.
WTE
POWER SEMICONDUCTORS
SMC/DO-214AB
Dim
Min
Max
A
5.59
6.22
B
6.60
7.11
C
2.75
3.25
D
0.152
0.305
E
7.75
8.13
F
2.00
2.62
G
0.051
0.203
H
0.76
1.27
All Dimensions in mm


Similar Part No. - 3.0SMCJ7.0C

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
3.0SMCJ7.0C WTE-3.0SMCJ7.0C Datasheet
65Kb / 5P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Shenzhen Taychipst Elec...
3.0SMCJ7.0C TAYCHIPST-3.0SMCJ7.0C Datasheet
2Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
3.0SMCJ7.0CA WTE-3.0SMCJ7.0CA Datasheet
65Kb / 5P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
MDE Semiconductor, Inc.
3.0SMCJ7.0CA MDE-3.0SMCJ7.0CA Datasheet
117Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ7.0CA DIOTECH-3.0SMCJ7.0CA Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 3.0SMCJ7.0C

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
3.0SMCJ WEITRON-3.0SMCJ Datasheet
330Kb / 4P
   3000W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
3.0SMCJ58A-13 DIODES-3.0SMCJ58A-13 Datasheet
99Kb / 4P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
3.0SMCJ180 WTE-3.0SMCJ180 Datasheet
71Kb / 5P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Frontier Electronics.
3.0SMCJ5.0-LFR FRONTIER-3.0SMCJ5.0-LFR Datasheet
134Kb / 4P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ5.0 FRONTIER-3.0SMCJ5.0 Datasheet
192Kb / 4P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
3.0SMCJ5.0A DIODES-3.0SMCJ5.0A Datasheet
99Kb / 4P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ24A-13 DIODES-3.0SMCJ24A-13 Datasheet
99Kb / 4P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Guangdong Juxing Electr...
SMDJ JUXING-SMDJ Datasheet
1Mb / 4P
   Surface Mount Transient Voltage Suppressor Power 3000W
logo
Taiwan Semiconductor Co...
SMDJ10A TSC-SMDJ10A Datasheet
407Kb / 7P
   3000W, 10V - 100V Surface Mount Transient Voltage Suppressor
3KSMC12AH TSC-3KSMC12AH Datasheet
459Kb / 5P
   3000W, 12V- 47V Surface Mount Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com