Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3.0SMCJ8.5CA Datasheet(PDF) 5 Page - Won-Top Electronics

Part # 3.0SMCJ8.5CA
Description  3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

3.0SMCJ8.5CA Datasheet(HTML) 5 Page - Won-Top Electronics

  3.0SMCJ8.5CA Datasheet HTML 1Page - Won-Top Electronics 3.0SMCJ8.5CA Datasheet HTML 2Page - Won-Top Electronics 3.0SMCJ8.5CA Datasheet HTML 3Page - Won-Top Electronics 3.0SMCJ8.5CA Datasheet HTML 4Page - Won-Top Electronics 3.0SMCJ8.5CA Datasheet HTML 5Page - Won-Top Electronics 3.0SMCJ8.5CA Datasheet HTML 6Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
3.0SMCJ SERIES
5 of 6
© 2006 Won-Top Electronics
MARKING INFORMATION
RECOMMENDED FOOTPRINT
PACKAGING INFORMATION
Reel Diameter
(mm)
Quantity
(PCS)
Inner Box Size
L x W x H (mm)
Quantity
(PCS)
Carton Size
L x W x H (mm)
Quantity
(PCS)
Approx. Gross Weight
(KG)
330
3,000
340 x 337 x 45
6,000
370 x 370 x 420
48,000
19.0
inches(mm)
Product ID Label
Direction of Unreeling
16mm
4mm
1.6mm
Note: 1. Paper reel, white or gray color.
2. Components are packed in accordance with EIA standard 481-1 and 481-2.
TAPE & REEL
Cathode
= Polarity Band Except Bi-Directional Types
WTE
= Manufacturer’s Logo
xxx
= Device Code, See Page 3 & 4
WT E
xxx
0.060 MIN
(1.52 MIN)
0.121 MIN
(3.07 MIN)
0.185 MAX
(4.69 MAX)
330mm
16mm
8mm


Similar Part No. - 3.0SMCJ8.5CA

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
3.0SMCJ8.5CA WTE-3.0SMCJ8.5CA Datasheet
65Kb / 5P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
MDE Semiconductor, Inc.
3.0SMCJ8.5CA MDE-3.0SMCJ8.5CA Datasheet
117Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ8.5CA DIOTECH-3.0SMCJ8.5CA Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
3.0SMCJ8.5CA WEITRON-3.0SMCJ8.5CA Datasheet
330Kb / 4P
   3000W Surface Mount Transient Voltage Suppressor
logo
Shenzhen Taychipst Elec...
3.0SMCJ8.5CA TAYCHIPST-3.0SMCJ8.5CA Datasheet
2Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 3.0SMCJ8.5CA

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
3.0SMCJ WEITRON-3.0SMCJ Datasheet
330Kb / 4P
   3000W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
3.0SMCJ58A-13 DIODES-3.0SMCJ58A-13 Datasheet
99Kb / 4P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
3.0SMCJ180 WTE-3.0SMCJ180 Datasheet
71Kb / 5P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Frontier Electronics.
3.0SMCJ5.0-LFR FRONTIER-3.0SMCJ5.0-LFR Datasheet
134Kb / 4P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ5.0 FRONTIER-3.0SMCJ5.0 Datasheet
192Kb / 4P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
3.0SMCJ5.0A DIODES-3.0SMCJ5.0A Datasheet
99Kb / 4P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ24A-13 DIODES-3.0SMCJ24A-13 Datasheet
99Kb / 4P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Guangdong Juxing Electr...
SMDJ JUXING-SMDJ Datasheet
1Mb / 4P
   Surface Mount Transient Voltage Suppressor Power 3000W
logo
Taiwan Semiconductor Co...
SMDJ10A TSC-SMDJ10A Datasheet
407Kb / 7P
   3000W, 10V - 100V Surface Mount Transient Voltage Suppressor
3KSMC12AH TSC-3KSMC12AH Datasheet
459Kb / 5P
   3000W, 12V- 47V Surface Mount Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com