Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ2L2182MSPQ Datasheet(PDF) 4 Page - Sharp Corporation

Part # PQ2L2182MSPQ
Description  2-Output Type Low Power-Loss Voltage Regulators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ2L2182MSPQ Datasheet(HTML) 4 Page - Sharp Corporation

  PQ2L2182MSPQ Datasheet HTML 1Page - Sharp Corporation PQ2L2182MSPQ Datasheet HTML 2Page - Sharp Corporation PQ2L2182MSPQ Datasheet HTML 3Page - Sharp Corporation PQ2L2182MSPQ Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Sheet No.: OP06046
PQ2Lxxx2MSPQ Series
Junction temperature Tj (°C)
-50
-25
0
25
50
75
100
125
50
300
100
150
200
250
350
VIN=VO1(TYP.)+1.0
IO1=0A,IO2=0A
Fig.10 Quiescent Current vs. Junction Temperature
(PQ2L3252MSPQ)(Typical Value)
Junction temperature Tj (°C)
0.1
1
10
100
0
10
20
70
30
40
50
60
80
VO2
VO1
Input ripple frequency f(kHz)
0
50
100
150
200
250
0.00
0.10
0.20
0.30
0.40
Output current IO (mA)
-50
-25
0
25
50
75
100
125
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0.60
0.65
Junction temperature Tj (°C)
VIN=VO1(TYP.)+1.0V
IOP:Output current when output voltage
falls 0.3V from that at IO=30mA.
-50
-25
0
25
50
75
100
125
0.00
0.10
0.20
0.30
0.40
IO=200mA
IO=100mA
Ta=25°C
VIN:Input voltage when output voltage
falls 0.1V from that at VO1(TYP.)+1V
Input voltage VIN (V)
01
23
4
5
6
7
0
5
10
35
45
15
20
25
30
40
Fig.9 Dropout Voltage vs. Junction Temperature
(PQ2L3252MSPQ)(Typical Value)
Fig.13 Output Peak Current vs. Junction
Temperature(Typical Value)
Fig.12 Dropout Voltage vs. Output Current
(Typical Value)
Fig.8 Circuit Operating Current vs. Input
Voltage (PQ2L3152MSPQ)(Typical Value)
Fig.11 Ripple Rejection vs. Input Ripple Frequency
(PQ2L3182MSPQ)(Typical Value)


Similar Part No. - PQ2L2182MSPQ

ManufacturerPart #DatasheetDescription
logo
YUXIANG Magnetc materia...
PQ20 YUXIANG-PQ20 Datasheet
103Kb / 3P
   PQ CORES
logo
Ferroxcube Internationa...
PQ20 FERROXCUBE-PQ20 Datasheet
65Kb / 6P
   PQ cores and accessories
PQ20-3C81 FERROXCUBE-PQ20-3C81 Datasheet
65Kb / 6P
   PQ cores and accessories
PQ20-3C81-A160 FERROXCUBE-PQ20-3C81-A160 Datasheet
65Kb / 6P
   PQ cores and accessories
PQ20-3C81-A250 FERROXCUBE-PQ20-3C81-A250 Datasheet
65Kb / 6P
   PQ cores and accessories
More results

Similar Description - PQ2L2182MSPQ

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ30RV1 SHARP-PQ30RV1 Datasheet
63Kb / 8P
   Variable Output Low Power-Loss Voltage Regulators
PQ05RH1 SHARP-PQ05RH1_01 Datasheet
68Kb / 7P
   1.5A Output, Low Power-Loss Voltage Regulators
PQ05RF1 SHARP-PQ05RF1_01 Datasheet
80Kb / 8P
   1A Output Low Power-Loss Voltage Regulators
PQ05RF2 SHARP-PQ05RF2 Datasheet
69Kb / 8P
   2A Output, Low Power-Loss Voltage Regulators
PQ05RH1 SHARP-PQ05RH1 Datasheet
50Kb / 6P
   1.5A Output, Low Power-Loss Voltage Regulators
PQ05RF2 SHARP-PQ05RF2_01 Datasheet
96Kb / 9P
   2A Output, Low Power-Loss Voltage Regulators
PQ05RF1 SHARP-PQ05RF1 Datasheet
65Kb / 7P
   1A Output Low Power-Loss Voltage Regulators
PQXXXRDA2SZH SHARP-PQXXXRDA2SZH Datasheet
175Kb / 6P
   TO-220 Type,2A Output Low Power-Loss Voltage Regulators
PQXXXRDA1SZH SHARP-PQXXXRDA1SZH Datasheet
204Kb / 7P
   TO-220 Type,1A Output Low Power-Loss Voltage Regulators
PQ20VZ51 SHARP-PQ20VZ51 Datasheet
46Kb / 6P
   Variable Output, Surface Mount Type Low Power-Loss Voltage Regulators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com