Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ12RH11 Datasheet(PDF) 3 Page - Sharp Corporation

Part # PQ12RH11
Description  1.5A Output, Low Power-Loss Voltage Regulators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ12RH11 Datasheet(HTML) 3 Page - Sharp Corporation

  PQ12RH11 Datasheet HTML 1Page - Sharp Corporation PQ12RH11 Datasheet HTML 2Page - Sharp Corporation PQ12RH11 Datasheet HTML 3Page - Sharp Corporation PQ12RH11 Datasheet HTML 4Page - Sharp Corporation PQ12RH11 Datasheet HTML 5Page - Sharp Corporation PQ12RH11 Datasheet HTML 6Page - Sharp Corporation PQ12RH11 Datasheet HTML 7Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Low Power-Loss Voltage Regulators
PQ05RH1/PQ05RH11 Series
Fig.3
Power Dissipation vs. Ambient
Temperature
Fig.5
Output Voltage Deviation vs. Junction
Temperature (PQ05RH1/PQ05RH11)
Fig.7
Output Voltage Deviation vs. Junction
Temperature (PQ12RH1/PQ12RH11)
Fig.6
Output Voltage Deviation vs. Junction
Temperature (PQ09RH1/PQ09RH11)
Fig.8
Output Voltage vs. Input Voltage
(PQ05RH1/PQ05RH11)
Fig.4
Overcurrent Protection
Characteristics (Typica value)
VIN =7V
IO=0.5A
–25
0
50
25
100
75
125
150
100
50
0
–50
–100
Junction temperature Tj (˚C)
VO =15V
IO=0.5A
–25
0
50
25
100
75
125
200
150
100
50
0
–50
–100
–150
Junction temperature Tj (˚C)
–200
–25
0
50
25
100
75
125
250
200
150
100
50
0
–50
–100
–150
Junction temperature Tj (˚C)
VIN =18V
IO =0.5A
0
02
6
48
10
8
7
6
5
4
3
2
1
RL=
RL=10
RL=5
Input voltage VIN (V)
Tj =25˚C
0
–20
0
PD1
PD2
50
100
150
5
10
15
20
Ambient temperature Ta (˚C)
PD1 :No heat sink
PD2 :With infinite heat sink
0
1.0
2.0
3.0
100
80
40
60
20
0
Output current IO (A)
Note)
Oblique line portion : Overheat protection may operate in this area.


Similar Part No. - PQ12RH11

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PQ12R01 ETC1-PQ12R01 Datasheet
245Kb / 2P
   MULTI-FUNCTIONAL REGULATOR MODULE
PQ12R02 ETC1-PQ12R02 Datasheet
245Kb / 2P
   MULTI-FUNCTIONAL REGULATOR MODULE
PQ12R03 ETC1-PQ12R03 Datasheet
245Kb / 2P
   MULTI-FUNCTIONAL REGULATOR MODULE
PQ12R04 ETC1-PQ12R04 Datasheet
245Kb / 2P
   MULTI-FUNCTIONAL REGULATOR MODULE
PQ12R041 ETC1-PQ12R041 Datasheet
245Kb / 2P
   MULTI-FUNCTIONAL REGULATOR MODULE
More results

Similar Description - PQ12RH11

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ05RH1 SHARP-PQ05RH1 Datasheet
50Kb / 6P
   1.5A Output, Low Power-Loss Voltage Regulators
PQ30RV1 SHARP-PQ30RV1 Datasheet
63Kb / 8P
   Variable Output Low Power-Loss Voltage Regulators
PQ05RF1 SHARP-PQ05RF1_01 Datasheet
80Kb / 8P
   1A Output Low Power-Loss Voltage Regulators
PQ05RF2 SHARP-PQ05RF2 Datasheet
69Kb / 8P
   2A Output, Low Power-Loss Voltage Regulators
PQ05RF2 SHARP-PQ05RF2_01 Datasheet
96Kb / 9P
   2A Output, Low Power-Loss Voltage Regulators
PQ05RF1 SHARP-PQ05RF1 Datasheet
65Kb / 7P
   1A Output Low Power-Loss Voltage Regulators
PQ2LXXX2MSPQ SHARP-PQ2LXXX2MSPQ Datasheet
351Kb / 4P
   2-Output Type Low Power-Loss Voltage Regulators
PQ30RV1 SHARP-PQ30RV1_01 Datasheet
93Kb / 9P
   Low Power-Loss Voltage Regulators
logo
Panasonic Semiconductor
AN6545 PANASONIC-AN6545 Datasheet
27Kb / 3P
   Low Power Loss Voltage Regulators
logo
Sharp Corporation
PQ15RW11J00H SHARP-PQ15RW11J00H Datasheet
76Kb / 4P
   Low Power-Loss Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com