Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ7DV5 Datasheet(PDF) 2 Page - Sharp Corporation

Part # PQ7DV5
Description  Variable Output Type, High Output Current(5A)Type Low Power-loss Voltage Regulators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ7DV5 Datasheet(HTML) 2 Page - Sharp Corporation

  PQ7DV5 Datasheet HTML 1Page - Sharp Corporation PQ7DV5 Datasheet HTML 2Page - Sharp Corporation PQ7DV5 Datasheet HTML 3Page - Sharp Corporation PQ7DV5 Datasheet HTML 4Page - Sharp Corporation PQ7DV5 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Low Power-Loss Voltage Regulators
PQ7DV5
0
–20
0
PD1
PD2
PD1 :No heat sink
PD2 :With infinite heat sink
40
20
60
80
20
10
30
40
50
60
Ambient temperature Ta (˚C)
Fig. 3 Power Dissipation vs. Ambient
Temperature
Fig. 4 Overcurrent Protection
Characteristics(Typical Value)
Parameter
Symbol
Conditions
Input voltage
Output voltage
Reference voltage
Load regulation
Line regulation
Temperature coefficient of reference voltage
Ripple rejection
Dropout voltage
ON-state voltage for control
ON-state current for control
OFF-state voltage for control
OFF-state current for control
Quiescent current
Unit
MAX.
TYP.
NIN.
3
1.5
1.225
45
2.0
1.25
0.5
0.5
±0.01
55
10
7
1.275
2.0
2.5
0.5
20
0.8
–0.4
17
s Electrical Characteristics
❇3 In case of opening control terminal ➃, output voltage turns on.
(Unless otherwise specified, conditions shall be VIN=5V, IO=2.5A, VO=3V[R1=2k
Ω]Ta=25˚C)
VIN
VO
Vref
RegL
RegI
TCVO
RR
Vi-o
VC(ON)
IC(ON)
VC(OFF)
IC(OFF)
Iq
IO=5mA to 5.0A
VIN=4 to 10V
Tj=0 to 125˚C
Refer to Fig. 2
VIN=3V, IO=5A
VC=2.7V
VC=0.4V
Io=0A
V
V
V
%
%
%/˚C
dB
V
V
µA
V
mA
mA
❇3
Fig. 1 Test Circuit
Fig. 2 Test Circuit for Ripple Rejection
0
2.0
4.0
6.0
8.0
10
12
100
80
40
60
20
0
Output current IO (A)
Note)
Oblique line portion : Overheat protection may operate in this area.
f=120Hz(sine wave)
ei(rms)=0.5V
VIN=5V
VO=3V(R1=2k
Ω)
IO=0.5A
RR=20 log(ei(rms)/eo(rms))
A
A
V
V
A
VIN
VC
Iq 2k
IO
VO
RL
47
µF
0.33
µF
+
R2
R1
Vref
1
5
2
4
3
V
VC
2.7V
VIN
ei
2k
IO
RL
0.33
µF
47
µF
+
R2
R1
+
Vref
1
5
2
4
3
Vo=Vref✕(1+R2/R1)
[R1=2k
Ω,Vref Nearly=1.25V]


Similar Part No. - PQ7DV5

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ7DV5 SHARP-PQ7DV5 Datasheet
34Kb / 4P
   Variable Output Type, High Output Current (5A) Type Low Power-loss Voltage Regulators
More results

Similar Description - PQ7DV5

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ7DV5 SHARP-PQ7DV5 Datasheet
34Kb / 4P
   Variable Output Type, High Output Current (5A) Type Low Power-loss Voltage Regulators
PQ3DF53 SHARP-PQ3DF53 Datasheet
31Kb / 4P
   3.3V Output, High Output Current (5A) Type Low Power-loss Voltage Regulator
PQ20VZ51 SHARP-PQ20VZ51 Datasheet
46Kb / 6P
   Variable Output, Surface Mount Type Low Power-Loss Voltage Regulators
PQ20VZ51 SHARP-PQ20VZ51_01 Datasheet
64Kb / 7P
   Variable Output, Surface Mount Type Low Power-Loss Voltage Regulators
PQ20WZ51J00H SHARP-PQ20WZ51J00H Datasheet
174Kb / 6P
   Variable Output,Surface Mount Type Low Power-Loss Voltage Regulators
PQ20WZ1UJ00H SHARP-PQ20WZ1UJ00H Datasheet
169Kb / 6P
   Variable Output,Surface Mount Type Low Power-Loss Voltage Regulators
PQ30RV1 SHARP-PQ30RV1 Datasheet
63Kb / 8P
   Variable Output Low Power-Loss Voltage Regulators
PQ3RF23 SHARP-PQ3RF23 Datasheet
49Kb / 6P
   3.3V Output, High Output Current (2A, 3.5A) Type Low Power-loss Voltage Regulators
PQ3RF23 SHARP-PQ3RF23_01 Datasheet
68Kb / 7P
   3.3V Output, High Output Current(2A, 3.5A)Type Low Power-loss Voltage Regulators
PQ7VZ5 SHARP-PQ7VZ5 Datasheet
43Kb / 5P
   Variable Output, Compact Surface Mount Type Low Power-Loss Voltage Regulators
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com