Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA7206 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SAA7206
Description  DVB compliant descrambler
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7206 Datasheet(HTML) 5 Page - NXP Semiconductors

  SAA7206 Datasheet HTML 1Page - NXP Semiconductors SAA7206 Datasheet HTML 2Page - NXP Semiconductors SAA7206 Datasheet HTML 3Page - NXP Semiconductors SAA7206 Datasheet HTML 4Page - NXP Semiconductors SAA7206 Datasheet HTML 5Page - NXP Semiconductors SAA7206 Datasheet HTML 6Page - NXP Semiconductors SAA7206 Datasheet HTML 7Page - NXP Semiconductors SAA7206 Datasheet HTML 8Page - NXP Semiconductors SAA7206 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
1996 Oct 09
5
Philips Semiconductors
Product specification
DVB compliant descrambler
SAA7206H
6
PINNING
SYMBOL
PIN
I/O
DESCRIPTION
IRQ
1
O
interrupt request output for microcontroller (active LOW, open-drain output)
VSSD1
2
GND
digital ground 1
DCS
3
I
descrambler chip select input (active LOW)
A1
4
I
A1 = address/data indicator input
A0
5
I
A0 = MSByte indicator input
VDDD1
6
supply
digital supply voltage 1 (+5 V)
DAT7
7
I/O
microcontroller bidirectional data bus bit 7
DAT6
8
I/O
microcontroller bidirectional data bus bit 6
DAT5
9
I/O
microcontroller bidirectional data bus bit 5
VSSD1(core)
10
GND
digital ground 1 for core
VDDD2
11
supply
digital supply voltage 2 (+5 V)
DAT4
12
I/O
microcontroller bidirectional data bus bit 4
DAT3
13
I/O
microcontroller bidirectional data bus bit 3
DAT2
14
I/O
microcontroller bidirectional data bus bit 2
DAT1
15
I/O
microcontroller bidirectional data bus bit 1
DAT0
16
I/O
microcontroller bidirectional data bus bit 0
VSSD2
17
GND
digital ground 2
TDI
18
I
boundary scan test data input
TCK
19
I
boundary scan test clock input
TMS
20
I
boundary scan test mode select input
VDDD3
21
supply
digital supply voltage 3 (+5 V)
DCLK
22
I
9 MHz descrambler chip clock input (duty cycle range: 30 to 55%)
VSSD3
23
GND
digital ground 3
DATO0
24
O
data output to demultiplexer bit 0
DATO1
25
O
data output to demultiplexer bit 1
VDDD4
26
supply
digital supply voltage 4 (+5 V)
VSSD4
27
GND
digital ground 4
DATO2
28
O
data output to demultiplexer bit 2
DATO3
29
O
data output to demultiplexer bit 3
DATO4
30
O
data output to demultiplexer bit 4
DATO5
31
O
data output to demultiplexer bit 5
VDDD5
32
supply
digital supply voltage 5 (+5 V)
VSSD5
33
GND
digital ground 5
DATO6
34
O
data output to demultiplexer bit 6
DATO7
35
O
data output to demultiplexer bit 7
VDDD(core)
36
supply
digital supply voltage for core (+3.3 V)
TDO
37
O
boundary scan test data output
DVO
38
O
valid output data indicator
SYNCO
39
O
indicates the first output byte (sync) of a transport packet


Similar Part No. - SAA7206

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7201 PHILIPS-SAA7201 Datasheet
292Kb / 36P
   Integrated MPEG2 AVG decoder
1997 Jan 29
SAA7201H PHILIPS-SAA7201H Datasheet
292Kb / 36P
   Integrated MPEG2 AVG decoder
1997 Jan 29
SAA7205 PHILIPS-SAA7205 Datasheet
363Kb / 84P
   MPEG-2 systems demultiplexer
1997 Jan 21
SAA7205H PHILIPS-SAA7205H Datasheet
363Kb / 84P
   MPEG-2 systems demultiplexer
1997 Jan 21
SAA7207H PHILIPS-SAA7207H Datasheet
98Kb / 20P
   Reed Solomon decoder IC
1996 Jul 17
More results

Similar Description - SAA7206

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C9335 CYPRESS-CY7C9335_02 Datasheet
139Kb / 8P
   SMPTE-259M/DVB-ASI Descrambler/Framer-Controller
CY7C9335 CYPRESS-CY7C9335 Datasheet
144Kb / 7P
   SMPTE-259M/DVB-ASI Descrambler/Framer-Controller
CY7C9335A CYPRESS-CY7C9335A Datasheet
92Kb / 8P
   SMPTE-259M/DVB-ASI Descrambler/Framer-Controller
logo
Hynix Semiconductor
HDM8513A HYNIX-HDM8513A Datasheet
261Kb / 67P
   DVB/DSS Compliant Receiver
HDM8515 HYNIX-HDM8515 Datasheet
272Kb / 75P
   DVB/DSS Compliant Receiver
logo
STMicroelectronics
STV0362 STMICROELECTRONICS-STV0362 Datasheet
77Kb / 3P
   Low-power and ultra compact DVB-T single chip receiver DVB-H broadcast compliant
logo
NXP Semiconductors
PCD4440T PHILIPS-PCD4440T Datasheet
105Kb / 20P
   Analog voice scrambler/descrambler
1996 Dec 20
logo
ATMEL Corporation
AT76C651B ATMEL-AT76C651B Datasheet
82Kb / 7P
   Digital Reception/ Transmission IC Integrated DVB compliant QAM Demodulator
logo
Skyworks Solutions Inc.
SI2165 SKYWORKS-SI2165 Datasheet
189Kb / 2P
   Multi-Standard DVB-T and DVB-C Demodulator
August 11, 2021
logo
Silicon Laboratories
SI2165 SILABS-SI2165 Datasheet
80Kb / 2P
   Multi-Standard DVB-T and DVB-C Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com