Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ7DV10 Datasheet(PDF) 2 Page - Sharp Corporation

Part # PQ7DV10
Description  Variable Output,(1.5 to 7V)10A Output Low Power-loss Voltage Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ7DV10 Datasheet(HTML) 2 Page - Sharp Corporation

  PQ7DV10 Datasheet HTML 1Page - Sharp Corporation PQ7DV10 Datasheet HTML 2Page - Sharp Corporation PQ7DV10 Datasheet HTML 3Page - Sharp Corporation PQ7DV10 Datasheet HTML 4Page - Sharp Corporation PQ7DV10 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Low Power-Loss Voltage Regulators
PQ7DV10
Fig. 3 Power Dissipation vs. Ambient
Temperature
Fig. 4 Overcurrent Protection
Characteristics(Typical Value)
Fig. 1 Test Circuit
Fig. 2 Test Circuit for Ripple Rejection
0
–20
0
PD1
PD2
PD1 : No heat sink
PD2 : With infinite heat sink
40
20
60
80
20
10
30
40
50
60
Ambient temperature Ta (˚C)
0
5
10
15
20
100
80
40
60
20
0
Output current IO (A)
Note)
Oblique line portion : Overheat protection may operate in this area.
Parameter
Symbol
Conditions
Input voltage
Reference voltage
Reference voltage
Load regulation
Line regulation
Temperature coefficient of output voltage
Ripple rejection
Dropout voltage
ON-state voltage for control
ON-state current for control
OFF-state voltage for control
OFF-state current for control
Quiescent current
Unit
MAX.
TYP.
NIN.
3
1.5
1.225
45
2
1.25
0.5
0.5
±0.01
55
10
7
1.275
2
2.5
0.5
20
0.8
–40
17
s Electrical Characteristics
❇3 In case of opening control terminal ➃,output voltage turns on.
(Unless otherwise specified, conditions shall be VIN=5V, Io=5A, Vo=3V(R1=2k
Ω) Ta=25˚C)
VIN
VO
Vref
RegL
RegI
TCVO
RR
Vi-o
VC(ON)
IC(ON)
VC(OFF)
IC(OFF)
Iq
IO=5mA to 10A
VIN=4 to 10V
Tj=0 to 125˚C
Refer to Fig. 2
VIN=3V, Io=10A
VC=2.7V
VC=0.4V
IO=0A
V
V
V
%
%
%/˚C
dB
V
V
µA
V
mA
mA
❇3
V
A
A
V
V
A
VIN
VC
Iq 2k
IO
VO
VC
2.7V
RL
47
µF
0.33
µF
+
R2
R1
VIN
ei
eo
2k
IO
RL
0.33
µF
47
µF
+
R2
R1
+
Vref
Vref
f=120Hz(sine wave)
ei(rms)=0.5V
VIN=5V
VO=3V(R1=2k
Ω)
IO=0.5A
RR=20 log(ei(rms)/eo(rms))
Vo=Vref✕(1+R2/R1)
[R1=2k
Ω,Vref Nearly=1.25V]
1
5
2
4
3
1
5
2
4
3


Similar Part No. - PQ7DV10

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ7DV10 SHARP-PQ7DV10 Datasheet
38Kb / 4P
   Variable Output, (1.5 to 7V) 10A Output Low Power-loss Voltage Regulator
More results

Similar Description - PQ7DV10

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ7DV10 SHARP-PQ7DV10 Datasheet
38Kb / 4P
   Variable Output, (1.5 to 7V) 10A Output Low Power-loss Voltage Regulator
PQ7RV4 SHARP-PQ7RV4 Datasheet
39Kb / 5P
   Variable Output (1.5 to 7V), 4.6A Output Low Power-loss Voltage Regulator
PQ7RV4 SHARP-PQ7RV4_01 Datasheet
60Kb / 6P
   Variable Output(1.5 to 7V), 4.6A Output Low Power-loss Voltage Regulator
PQ30RV31 SHARP-PQ30RV31_01 Datasheet
56Kb / 5P
   Variable Output Low Power-Loss Voltage Regulator
PQ30RV31 SHARP-PQ30RV31 Datasheet
34Kb / 4P
   Variable Output Low Power-Loss Voltage Regulator
PQ30RV1 SHARP-PQ30RV1 Datasheet
63Kb / 8P
   Variable Output Low Power-Loss Voltage Regulators
PQ15RW08 SHARP-PQ15RW08_01 Datasheet
72Kb / 4P
   Variable Output, General Purpose Type Low Power-Loss Voltage Regulator
PQ05RD08 SHARP-PQ05RD08 Datasheet
100Kb / 8P
   0.8A OUTPUT LOW POWER LOSS VOLTAGE REGULATOR
logo
Rohm
BA00BC0WFPWT ROHM-BA00BC0WFPWT Datasheet
142Kb / 2P
   Low Voltage Variable Output LDO Regulator
logo
Sharp Corporation
PQ20WZ1U SHARP-PQ20WZ1U Datasheet
70Kb / 6P
   Variable Output, General Purpose, Surface Mount Type Low Power-Loss Voltage Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com