Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32922 Datasheet(PDF) 4 Page - EPCOS

Part # B32922
Description  Film Capacitors EMI Suppression Capacitors (MKP)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32922 Datasheet(HTML) 4 Page - EPCOS

  B32922 Datasheet HTML 1Page - EPCOS B32922 Datasheet HTML 2Page - EPCOS B32922 Datasheet HTML 3Page - EPCOS B32922 Datasheet HTML 4Page - EPCOS B32922 Datasheet HTML 5Page - EPCOS B32922 Datasheet HTML 6Page - EPCOS B32922 Datasheet HTML 7Page - EPCOS B32922 Datasheet HTML 8Page - EPCOS B32922 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Ordering codes and packing units
Lead spacing
mm
CR
µF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Ammo
pack
pcs./unit
Reel
pcs./unit
Untaped
pcs./unit
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
M =
±20%
K =
±10%
289 = Ammo pack
189 = Reel
000 = Untaped (lead length 6
1 mm)
(Closer tolerances on request
)
Preferred types
10
0.010
4.0
× 9.0 × 13.0 B32921C3103+***
1000
1700
1000
0.022
4.0
× 9.0 × 13.0 B32921C3223+***
1000
1700
1000
0.033
4.0
× 9.0 × 13.0 B32921C3333+***
1000
1700
1000
0.047
5.0
× 11.0 × 13.0 B32921C3473+***
830
1300
1000
0.047
6.0
× 12.0 × 13.0 B32921A2473+***
680
1100
1000
0.068
6.0
× 12.0 × 13.0 B32921A2683M***
680
1100
1000
0.068
6.0
× 12.0 × 13.0 B32921C3683+***
680
1100
1000
0.10
6.0
× 12.0 × 13.0 B32921A2104M***
680
1100
1000
0.10
6.0
× 12.0 × 13.0 B32921C3104M***
680
1100
1000
15
0.033
5.0
× 10.5 × 18.0 B32922C3333+***
1170
1300
1000
0.047
5.0
× 10.5 × 18.0 B32922C3473+***
1170
1300
1000
0.068
6.0
× 11.0 × 18.0 B32922A2683+***
960
1100
1000
0.068
5.0
× 10.5 × 18.0 B32922C3683+***
1170
1300
1000
0.10
6.0
× 11.0 × 18.0 B32922A2104+***
960
1100
1000
0.10
5.0
× 10.5 × 18.0 B32922C3104+***
1170
1300
1000
0.15
7.0
× 12.5 × 18.0 B32922A2154+***
830
900
1000
0.15
6.0
× 12.0 × 18.0 B32922C3154+***
960
1100
1000
0.22
8.5
× 14.5 × 18.0 B32922A2224+***
680
700
500
0.22
8.0
× 14.0 × 18.0 B32922T2224+***
730
750
500
0.22
7.0
× 12.5 × 18.0 B32922C3224+***
830
900
1000
0.22
8.0
× 14.0 × 18.0 B32922T3224+***
730
750
500
0.33
9.0
× 17.5 × 18.0 B32922A2334+***
640
700
500
0.33
13.0
× 14.0 × 18.0 B32922T2334+***
500
300
0.33
8.0
× 14.0 × 18.0 B32922C3334M***
730
750
500
0.33
8.5
× 14.5 × 18.0 B32922D3334+***
680
700
500
0.33
13.0
× 14.0 × 18.0 B32922T3334+***
500
300
0.47
9.0
× 17.5 × 18.0 B32922C3474+***
640
700
500
0.56
11.0
× 18.5 × 18.0 B32922C3564+***
550
250
0.68
11.0
× 18.5 × 18.0 B32922C3684M***
550
250
B32921 ... B32926
X2 / 305 VAC
4


Similar Part No. - B32922

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32922 EPCOS-B32922 Datasheet
355Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32922 EPCOS-B32922 Datasheet
356Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32922 EPCOS-B32922 Datasheet
384Kb / 22P
   EMI Suppression Capacitors (MKP)
logo
Infineon Technologies A...
B329221C3104K INFINEON-B329221C3104K Datasheet
2Mb / 25P
   12W 5V SMPS evaluation board with ICE3AR4780VJZ
Revision 1.2, 2015-05-12
logo
EPCOS
B32922A2154M EPCOS-B32922A2154M Datasheet
384Kb / 22P
   EMI Suppression Capacitors (MKP)
More results

Similar Description - B32922

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32021 EPCOS-B32021 Datasheet
300Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32922C3104M783 EPCOS-B32922C3104M783 Datasheet
312Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32921C EPCOS-B32921C_12 Datasheet
356Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B32032 TDK-B32032 Datasheet
634Kb / 25P
   Film Capacitors EMI Suppression Capacitors (MKP)
November 2019
logo
EPCOS
B32923E EPCOS-B32923E Datasheet
315Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B81192 TDK-B81192 Datasheet
286Kb / 16P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
EPCOS
B32921C3103M289 EPCOS-B32921C3103M289 Datasheet
355Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B32922H TDK-B32922H Datasheet
308Kb / 21P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
EPCOS
B32911 EPCOS-B32911_10 Datasheet
315Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32911 EPCOS-B32911_09 Datasheet
310Kb / 16P
   Film Capacitors EMI Suppression Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com