Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ015YZ5MZ Datasheet(PDF) 1 Page - Sharp Corporation

Part # PQ015YZ5MZ
Description  Low Voltage Operation, Low Power-Loss Voltage Regulators (SC-63 Package)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ015YZ5MZ Datasheet(HTML) 1 Page - Sharp Corporation

  PQ015YZ5MZ Datasheet HTML 1Page - Sharp Corporation PQ015YZ5MZ Datasheet HTML 2Page - Sharp Corporation PQ015YZ5MZ Datasheet HTML 3Page - Sharp Corporation PQ015YZ5MZ Datasheet HTML 4Page - Sharp Corporation PQ015YZ5MZ Datasheet HTML 5Page - Sharp Corporation PQ015YZ5MZ Datasheet HTML 6Page - Sharp Corporation PQ015YZ5MZ Datasheet HTML 7Page - Sharp Corporation PQ015YZ5MZ Datasheet HTML 8Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Low Power-Loss Voltage Regulators
PQ015YZ5MZ Series/PQ015YZ01Z Series
Low Voltage Operation, Low Power-Loss Voltage Regulators (SC-63 Package)
I Outline Dimensions
(Unit : mm)
•Please refer to the chapter " Handling Precautions ".
I Absolute Maximum Ratings
Notice
In the absence of confirmation by device specification sheets,SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs,data books,etc.Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
Internet Internet address for Electronic Components Group http://sharp-world.com/ecg/
I Features
G
Low voltage operation (Minimum operating voltage: 1.7V)
1.8V input
→ available 1.0 to 1.5V output
G
Variable output voltage type
G
Surface mount package (equivalent to EIAJ SC-63)
I Applications
G
Personal computers, power supply in peripherals
G
Power supplies for various electronic equipment such as
DVD player or STB
I Model Line-up
PQ015YZ5MZ Series/PQ015YZ01Z Series
1
2
4
3
5
DC input (VIN)
Bias input (VB)
DC output (VO)
Output voltage adjustment
terminal (VC)
GND
Internal connection diagram
1
4
5
3
2
Specific IC
(
) : Typical dimensions
0.5
+0.2
- 0.1
Epoxy resin
(0.5)
(0.5)
(0 to 0.25)
6.6
MAX.
5.2±
0.5
2.3±
0.5
4(1.27)
3
1
2
3
4
5
015YZ5M
0.5A
1A
PQ015YZ01ZZ
PQ015YZ01ZP
PQ015YZ5MZZ
PQ015YZ5MZP
Variable output
Package type
Output current (IO)
Taping
Sleeve
Taping
Sleeve
Symbol
Rating
Unit
Parameter
Input voltage
Bias supply voltage
Output adjustment terminal voltage
Power dissipation(with infinite heat sink)
Junction temperature
Operating temperature
Storage temperature
Soldering temperature
Output
current
(Ta=25˚C)
3.7
V
8
7
5
0.5
1
V
V
A
W
150
˚C
–25 to +85
˚C
PQ015YZ5MZ series
PQ015YZ01Z series
VIN
VADJ
IO
VB
Tj
Topr
–40 to +150
˚C
Tstg
260 (10s)
˚C
Tsol
❇1
❇1
❇3
PD
❇2
❇1 All are open except GND and applicable terminals
❇2 PD:With infinite heat sink
❇3 Overheat protection may operate at Tj=125˚C to 150˚C


Similar Part No. - PQ015YZ5MZ

ManufacturerPart #DatasheetDescription
logo
Pico Technology Ltd.
PQ015 PICO-PQ015 Datasheet
5Mb / 27P
   Ultra-compact PC oscilloscopes
2021
logo
Sharp Corporation
PQ015EF01SZH SHARP-PQ015EF01SZH Datasheet
177Kb / 6P
   TO-220 Type,Low Voltage Operation Low Power-Loss Voltage Regulators
PQ015EF02SZH SHARP-PQ015EF02SZH Datasheet
163Kb / 5P
   TO-220 Type,Low Voltage Operation Low Power-Loss Voltage Regulators
PQ015EH01ZPH SHARP-PQ015EH01ZPH Datasheet
188Kb / 6P
   Low Voltage Operation Low Power-Loss Voltage Regulators
PQ015EH01ZZH SHARP-PQ015EH01ZZH Datasheet
188Kb / 6P
   Low Voltage Operation Low Power-Loss Voltage Regulators
More results

Similar Description - PQ015YZ5MZ

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ015EZ5MZP SHARP-PQ015EZ5MZP Datasheet
128Kb / 11P
   SC-63 Package, Low Voltage Operation Low Power-Loss Voltage Regulators
PQXXXEZ5MZ SHARP-PQXXXEZ5MZ Datasheet
129Kb / 11P
   SC-63 Package, Low Voltage Operation Low Power-Loss Voltage Regulators
PQXXXFZ5MZ SHARP-PQXXXFZ5MZ Datasheet
119Kb / 10P
   Low Voltage Operation Low Power-Loss Voltage Regulators (SC-63)
PQ070XZ5MZ SHARP-PQ070XZ5MZ Datasheet
89Kb / 8P
   SC-63 Package, Low Voltage Operation Low Power-loss Voltage Regulator
PQXXXEH01ZXH SHARP-PQXXXEH01ZXH Datasheet
188Kb / 6P
   Low Voltage Operation Low Power-Loss Voltage Regulators
PQXXXEZ1HZXH SHARP-PQXXXEZ1HZXH Datasheet
205Kb / 8P
   Low Voltage Operation Low Power-Loss Voltage Regulators
logo
Unisonic Technologies
R15LD10 UTC-R15LD10_10 Datasheet
439Kb / 10P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
logo
Sharp Corporation
PQXXXEH02ZXH SHARP-PQXXXEH02ZXH Datasheet
237Kb / 6P
   Low Voltage Operation Low Power-Loss Voltage Regulators
logo
Unisonic Technologies
RXXLD10 UTC-RXXLD10 Datasheet
126Kb / 10P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
RXXLD10 UTC-RXXLD10_15 Datasheet
453Kb / 11P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com