Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82496C3270+ Datasheet(PDF) 1 Page - EPCOS

Part # B82496C3270+
Description  SMT Inductors, SIMID Series SIMID 0603-C
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82496C3270+ Datasheet(HTML) 1 Page - EPCOS

  B82496C3270+ Datasheet HTML 1Page - EPCOS B82496C3270+ Datasheet HTML 2Page - EPCOS B82496C3270+ Datasheet HTML 3Page - EPCOS B82496C3270+ Datasheet HTML 4Page - EPCOS B82496C3270+ Datasheet HTML 5Page - EPCOS B82496C3270+ Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
05/02
SMT Inductors, SIMID Series
B82496-C
SIMID 0603-C
Size 0603 (EIA) and/or 1608 (IEC)
Rated inductance 1,0 to 220 nH
Rated current 0,11 to 1,8 A
Construction
Copper-plated ceramic core
Laser-cut winding, epoxy-coated
Features
Extremely close tolerance of dimensions
High resonance frequency
Free of polarization effect
Close inductance tolerance
High mechanical stability
Suitable for reflow (IR and vapor phase)
and wave soldering
Applications
Resonant circuits, impedance matching for
Mobile phones
DECT systems
Keyless entry
GPS (Global Positioning System)
Video cameras
Terminals
Electro-plated, 2
µm Ni, 10 µm Sn (lead-free)
Base material Al2O3 ceramic with Cu layer
Marking
No marking on component
Minimum data on reel:
Manufacturer, part number, ordering code,
L value and tolerance of L value,
quantity, date of packing
Delivery mode
8-mm cardboard tape, wound on 180-mm
∅ reel
Bulk case on request
For details on taping, packing and packing units refer to
data book 2000 "Chokes and Inductors", page 151.


Similar Part No. - B82496C3270+

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B82496C3270+000 TDK-B82496C3270+000 Datasheet
487Kb / 8P
   SMT inductors
October 2012
More results

Similar Description - B82496C3270+

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82422H1223K EPCOS-B82422H1223K Datasheet
276Kb / 5P
   SMT Inductors, SIMID Series SIMID 1210?묱
B82422H1474K EPCOS-B82422H1474K Datasheet
484Kb / 8P
   SMT inductors SIMID series, SIMID 1210-H
B82496C3159A EPCOS-B82496C3159A Datasheet
81Kb / 6P
   SMT Inductors, SIMID Series
B82498F EPCOS-B82498F Datasheet
78Kb / 7P
   SMT Inductors, SIMID Series SIMID 0805-F
B82499A EPCOS-B82499A Datasheet
58Kb / 4P
   SMT Inductors, SIMID Series
B82496C3109 EPCOS-B82496C3109 Datasheet
125Kb / 8P
   SMT inductors, SIMID series
B82496-A EPCOS-B82496-A Datasheet
57Kb / 4P
   SMT Inductors, SIMID Series
B82496-C EPCOS-B82496-C Datasheet
130Kb / 6P
   SMT Inductors, SIMID Series
B82494-A1100-K EPCOS-B82494-A1100-K Datasheet
62Kb / 5P
   SMT Inductors, SIMID Series
B82432C EPCOS-B82432C Datasheet
128Kb / 8P
   SIMID series, SIMID 1812-C
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com