Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B37872K9105K072 Datasheet(PDF) 6 Page - EPCOS

Part # B37872K9105K072
Description  Multilayer ceramic capacitor HighCV, X7R, 16 V and 25 V
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37872K9105K072 Datasheet(HTML) 6 Page - EPCOS

  B37872K9105K072 Datasheet HTML 1Page - EPCOS B37872K9105K072 Datasheet HTML 2Page - EPCOS B37872K9105K072 Datasheet HTML 3Page - EPCOS B37872K9105K072 Datasheet HTML 4Page - EPCOS B37872K9105K072 Datasheet HTML 5Page - EPCOS B37872K9105K072 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Important notes
The following applies to all products named in this publication:
1. Some parts of this publication contain statements about the suitability of our products for
certain areas of application. These statements are based on our knowledge of typical
requirements that are often placed on our products in the areas of application concerned. We
nevertheless expressly point out that such statements cannot be regarded as binding
statements about the suitability of our products for a particular customer application. As a
rule, EPCOS is either unfamiliar with individual customer applications or less familiar with them
than the customers themselves. For these reasons, it is always ultimately incumbent on the
customer to check and decide whether an EPCOS product with the properties described in the
product specification is suitable for use in a particular customer application.
2. We also point out that in individual cases, a malfunction of passive electronic components
or failure before the end of their usual service life cannot be completely ruled out in the
current state of the art, even if they are operated as specified. In customer applications
requiring a very high level of operational safety and especially in customer applications in which
the malfunction or failure of a passive electronic component could endanger human life or health
(e.g. in accident prevention or life-saving systems), it must therefore be ensured by means of
suitable design of the customer application or other action taken by the customer (e.g. installation
of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the
event of malfunction or failure of a passive electronic component.
3. The warnings, cautions and product-specific notes must be observed.
4. In order to satisfy certain technical requirements, some of the products described in this
publication may contain substances subject to restrictions in certain jurisdictions (e.g.
because they are classed as “hazardous”). Useful information on this will be found in our
Material Data Sheets on the Internet (www.epcos.com/material). Should you have any more
detailed questions, please contact our sales offices.
5. We constantly strive to improve our products. Consequently, the products described in this
publication may change from time to time. The same is true of the corresponding product
specifications. Please check therefore to what extent product descriptions and specifications
contained in this publication are still applicable before or when you place an order.
We also reserve the right to discontinue production and delivery of products. Consequently,
we cannot guarantee that all products named in this publication will always be available.
6.
Unless otherwise agreed in individual contracts, all orders are subject to the current version of
the “General Terms of Delivery for Products and Services in the Electrical Industry”
published by the German Electrical and Electronics Industry Association (ZVEI).
7. The trade names EPCOS, CeraDiode, CSSP, PhaseCap, PhaseMod, SIFI, SIKOREL, SilverCap,
SIMID, SIOV, SIP5D, SIP5K, TOPcap, UltraCap, WindCap are trademarks registered or
pending in Europe and in other countries. Further information will be found on the Internet at
www.epcos.com/trademarks.
Page 6 of 6


Similar Part No. - B37872K9105K072

ManufacturerPart #DatasheetDescription
logo
EPCOS
B37872K1102K060 EPCOS-B37872K1102K060 Datasheet
432Kb / 19P
   Multilayer ceramic capacitor
B37872K1102K060 EPCOS-B37872K1102K060 Datasheet
810Kb / 37P
   Multilayer ceramic capacitors
B37872K1102K070 EPCOS-B37872K1102K070 Datasheet
810Kb / 37P
   Multilayer ceramic capacitors
B37872K1103K060 EPCOS-B37872K1103K060 Datasheet
432Kb / 19P
   Multilayer ceramic capacitor
B37872K1103K060 EPCOS-B37872K1103K060 Datasheet
810Kb / 37P
   Multilayer ceramic capacitors
More results

Similar Description - B37872K9105K072

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C430C475K3R5TA KEMET-C430C475K3R5TA Datasheet
59Kb / 1P
   Capacitor, Ceramic, 4.7 uF, /-10% Tol, 25 V, X7R
C410C105K3R5TA KEMET-C410C105K3R5TA Datasheet
59Kb / 1P
   Capacitor, Ceramic, 1 uF, /-10% Tol, 25 V, X7R
C315C105K3R5TA KEMET-C315C105K3R5TA Datasheet
56Kb / 1P
   Capacitor, ceramic, 1 uF, /-10% Tol, 25 V, X7R, Lead Spacing=0.1"||" "904409
LOW VF SCHOTTKY BARRIER RECTIFIERS
C410C104K1R5TA KEMET-C410C104K1R5TA Datasheet
58Kb / 1P
   Capacitor, Ceramic, 0.1 uF, /-10% Tol, 100 V, X7R
C410C474K5R5TA KEMET-C410C474K5R5TA Datasheet
59Kb / 1P
   Capacitor, Ceramic, 0.47 uF, /-10% Tol, 50 V, X7R
C412C104J5R5TA KEMET-C412C104J5R5TA Datasheet
59Kb / 1P
   Capacitor, ceramic, 0.1 uF, /-5% Tol, 50 V, X7R
C2220C226K3R1CAUTO KEMET-C2220C226K3R1CAUTO Datasheet
75Kb / 1P
   KPS SMD Auto X7R, Ceramic, Commercial Grade, 22 uF, 10%, 25 V, 2220-1, X7R
C2220C106K3R1CAUTO KEMET-C2220C106K3R1CAUTO Datasheet
75Kb / 1P
   KPS SMD Auto X7R, Ceramic, Commercial Grade, 10 uF, 10%, 25 V, 2220-1, X7R
C1210C226M3R2CAUTO KEMET-C1210C226M3R2CAUTO Datasheet
76Kb / 1P
   KPS SMD Auto X7R, Ceramic, Commercial Grade, 22 uF, 20%, 25 V, 1210-2, X7R
C0805C274K3RACTU KEMET-C0805C274K3RACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 0.27 uF, /-10% Tol, 25 V, X7R, 0805 (2012 metric)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com