Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41820A7335M00 Datasheet(PDF) 3 Page - EPCOS

Part # B41820A7335M00
Description  Single-Ended Capacitors Low Profile
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41820A7335M00 Datasheet(HTML) 3 Page - EPCOS

  B41820A7335M00 Datasheet HTML 1Page - EPCOS B41820A7335M00 Datasheet HTML 2Page - EPCOS B41820A7335M00 Datasheet HTML 3Page - EPCOS B41820A7335M00 Datasheet HTML 4Page - EPCOS B41820A7335M00 Datasheet HTML 5Page - EPCOS B41820A7335M00 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
388 10/02
B41820
Low Profile – 85°C
Overview of available types
Other capacitance and voltage ratings are available upon request.
Technical data and ordering codes
UR (VDC)
6,3
10163550
CR (µF)
Case dimensions
d
× l (mm)
0,10
4
× 5
0,22
4
× 5
0,33
4
× 5
0,47
4
× 5
1,0
4
× 5
2,2
4
× 5
3,3
4
× 54 × 5
4,7
4
× 5
10
4
× 5
15
4
× 5
22
4
× 5
UR
VDC
CR
120 Hz
20 °C
µF
Case
dimensions
d
× l
mm
IL, max
5 min
20 °C
µA
tan
δ
max
120 Hz
20
°C
ESRmax
120 Hz
20
°C
I~R
120 Hz
85
°C
mA
Ordering code1)
6,3
22
4
× 5
3,0
0,22
14
22
B41820A2226M00*
10
15
4
× 5
3,0
0,20
18
20
B41820A3156M00*
16
10
4
× 5
3,0
0,17
23
18
B41820A4106M00*
35
3,3
4
× 5
3,0
0,12
48
12
B41820A7335M00*
4,7
4
× 5
3,0
0,12
34
14
B41820A7475M00*
50
0,10
4
× 5
3,0
0,10
1 326
1,0
B41820A6104M00*
0,22
4
× 5
3,0
0,10
603
2,0
B41820A6224M00*
0,33
4
× 5
3,0
0,10
402
4,0
B41820A6334M00*
0,47
4
× 5
3,0
0,10
282
5,0
B41820A6474M00*
1,0
4
× 5
3,0
0,10
133
7,0
B41820A6105M00*
2,2
4
× 5
3,0
0,10
60
11
B41820A6225M00*
3,3
4
× 5
3,0
0,10
40
13
B41820A6335M00*
Preferred types
1) * = “0” for bulk version.
For taping versions, other lead configurations and packing information see page 503.


Similar Part No. - B41820A7335M00

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4182 EPCOS-B4182 Datasheet
73Kb / 6P
   SAW Components Low-Loss Filter for Mobile Communication 1882,5 MHz
B4182 EPCOS-B4182 Datasheet
74Kb / 10P
   CDMA BTS
logo
List of Unclassifed Man...
B41821 ETC1-B41821 Datasheet
549Kb / 17P
   Single Ended GP - Capacitors
logo
EPCOS
B41821 EPCOS-B41821 Datasheet
784Kb / 36P
   Single-ended capacitors
B41821A2108M000 EPCOS-B41821A2108M000 Datasheet
784Kb / 36P
   Single-ended capacitors
More results

Similar Description - B41820A7335M00

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41852 EPCOS-B41852 Datasheet
90Kb / 6P
   Single-Ended GP Capacitors Low Profile
B41856 EPCOS-B41856 Datasheet
97Kb / 8P
   Single-Ended Capacitors Low Impedance
B41859 EPCOS-B41859 Datasheet
93Kb / 7P
   Single-Ended Capacitors Very Low Impedance
B41825 EPCOS-B41825 Datasheet
98Kb / 7P
   Single-Ended Capacitors Low Leakage Current
B41821 EPCOS-B41821 Datasheet
784Kb / 36P
   Single-ended capacitors
B41858 EPCOS-B41858 Datasheet
722Kb / 30P
   Single-ended capacitors
logo
TDK Electronics
B41896 TDK-B41896_15 Datasheet
499Kb / 28P
   Single-ended capacitors
logo
EPCOS
B41889 EPCOS-B41889_08 Datasheet
537Kb / 25P
   Single-ended capacitors
logo
TDK Electronics
B41895 TDK-B41895_15 Datasheet
510Kb / 29P
   Single-ended capacitors
logo
EPCOS
B42822 EPCOS-B42822 Datasheet
105Kb / 9P
   Single-Ended Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com