Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA7216 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SAA7216
Description  Integrated MPEG AVGD decoders
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7216 Datasheet(HTML) 4 Page - NXP Semiconductors

  SAA7216 Datasheet HTML 1Page - NXP Semiconductors SAA7216 Datasheet HTML 2Page - NXP Semiconductors SAA7216 Datasheet HTML 3Page - NXP Semiconductors SAA7216 Datasheet HTML 4Page - NXP Semiconductors SAA7216 Datasheet HTML 5Page - NXP Semiconductors SAA7216 Datasheet HTML 6Page - NXP Semiconductors SAA7216 Datasheet HTML 7Page - NXP Semiconductors SAA7216 Datasheet HTML 8Page - NXP Semiconductors SAA7216 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
2000 Jan 31
4
Philips Semiconductors
Preliminary specification
Integrated MPEG AVGD decoders
SAA7215; SAA7216; SAA7221
Graphics features
2 nearly identical graphics planes: the first graphics plane
commonly called the background plane and the second
graphics plane commonly called foreground plane.
The following features apply for both planes.
• Graphics is presented in boxes independent of video
format
• Boxes can be up to full screen allowing double buffer
display mechanism
• Two independent data paths with RGB 4 :4:4 and
YCbCr 4 : 2 : 2 formats available with independent
mixing
• RGB path transparent to YCbCr format
• Conversion matrices available to allow any format on
any different data path (RGB or YCbCr)
• Screen arrangement of boxes is determined by display
list mechanism which allows for multiple boxes,
background loading, fast switching, scrolling,
overlapping and fading of regions
• Real-time anti-flickering performed in hardware;
programmable hardware available for off-line
anti-flickering
• Hard edged or soft edged wiping of regions available
• Support of 2, 4, 8, 16 bit/pixel in fixed bit maps format or
coded in accordance to the DVB variable/run length
standard for region based graphics
• Chrominance down-sampling filter switched per region
• Display colours are obtained via colour look up tables or
directly from bitmap; CLUT output can be YCbCrT at
8-bit for each signal component thus enabling 16 M
different colours and 6-bit for T which gives 64 mixing
levels with video; CLUT output can also be RGBT with
same resolutions; non linear processing available by
means of LUTs
• Map table mechanism to specify a sub set of entries if
the CLUT is larger than required by the coded bit
pattern; supported map tables are 16 to 256, 4 to 256
and4to16
• Up to 4 graphics boxes may overlap vertically even
inside one graphics layer thanks to the use of flexible
chained descriptors
• Graphics mechanism can be used for signal generation
in the vertical blanking interval; useful for teletext, wide
screen signalling, closed caption etc.
In addition to the previous listed features, the second
graphics plane sustains:
• Teletext insertion with automatic teletext data retrieving
from the external SDRAM.
Data manipulation unit
• Powerful 3D block move with different patterns for
source and destination area
• Dedicated events for video synchronization
• Scaling, format conversion and bit manipulation from a
chained list of instructions.
Cursor
• Size of 1024 pixels
• Programmable shape (8 × 128, 16 × 64, 32 × 32,
64
× 16 and 128 × 8)
• 16 colours available with a 4 level transparency mixing
with video and graphics
• Cursor colours obtained via two 16 entry CLUTs with
YCbCrT at 6, 4, 4 respectively 2 bits and RGBT at 4, 4, 4
respectively 4 bits (or 4, 5, 3, respectively 4 bits)
• Cursor can be moved freely across the screen without
overlapping restrictions.
Digital output
• Programmable selection for the mixed graphics planes
with video for the CVBS and RGB outputs
• Digital video input/output interface on 8 bit,
27 MHz (CbYCrY multiplexed bus), at a CCIR-656
format.
Analog output
• Analog video output interface on both the RGB and
Y/C/CVBS formats available simultaneously
• PAL/NTSC/SECAM encoding (SAA7221HS only)
• Two DACs for CVBS, Y and C, CVBS running at
27 MHz 10-bit resolution
• Three DACs for R (Y), G (Cb) and B (Cr) running at
27 MHz; 9-bit resolution connected to a 10-bit input DAC
• Closed captioning and teletext encoding on CVBS
• Macrovision 7.01 and 6.1 encoding capability on
Y or CVBS and C or CVBS (SAA7216HS only).


Similar Part No. - SAA7216

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7216HS/C1 PHILIPS-SAA7216HS/C1 Datasheet
80Kb / 20P
   STB5860 Set-Top Box STB concept
1999 Aug 25
More results

Similar Description - SAA7216

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STI3520ACV STMICROELECTRONICS-STI3520ACV Datasheet
1Mb / 15P
   MPEG AUDIO / MPEG 2 VIDEO INTEGRATED DECODER
logo
NXP Semiconductors
SAA7212 PHILIPS-SAA7212 Datasheet
93Kb / 20P
   Integrated MPEG AVG decoder
1998 Sep 07
logo
Fujitsu Component Limit...
MB86H21 FUJITSU-MB86H21 Datasheet
191Kb / 3P
   MPEG-2 Decoder with Integrated NDS ICAM
logo
Holt Integrated Circuit...
HI-1575 HOLTIC-HI-1575 Datasheet
117Kb / 12P
   3.3V Dual Transceivers with Integrated Encoder / Decoders
logo
Cypress Semiconductor
CY2410 CYPRESS-CY2410 Datasheet
432Kb / 13P
   MPEG Clock Generator with VCXO Integrated phase-locked loop (PLL)
logo
List of Unclassifed Man...
VS1011E ETC2-VS1011E Datasheet
467Kb / 49P
   MPEG AUDIO CODEC
logo
National Semiconductor ...
54LS42 NSC-54LS42 Datasheet
128Kb / 6P
   Decimal Decoders
logo
Holt Integrated Circuit...
HI-1575 HOLTIC-HI-1575_11 Datasheet
107Kb / 13P
   MIL-STD-1553 3.3V Dual Transceivers with Integrated Encoder / Decoders
logo
List of Unclassifed Man...
BT829B ETC1-BT829B Datasheet
1Mb / 127P
   VideoStreamII Decoders
logo
National Semiconductor ...
54LS138 NSC-54LS138 Datasheet
165Kb / 8P
   Decoders/Demultiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com