Electronic Components Datasheet Search |
|
B42822A3226M00 Datasheet(PDF) 2 Page - EPCOS |
|
B42822A3226M00 Datasheet(HTML) 2 Page - EPCOS |
2 / 9 page 403 10/02 B42822 Bipolar – 85 °C Specifications and characteristics in brief Rated voltage UR Surge voltage US 10 … 100 VDC 1,15 · UR Rated capacitance CR Capacitance tolerance 0,47 … 1 000 µF ± 20 % M Useful life 85 °C; UR; I~R 40 °C; UR; I~R > 2 000 h > 100 000 h Requirements: ∆C/C ≤ ± 45 % of initial value tan δ≤ 3 times initial specified limit IL ≤ initial specified limit Failure percentage: ≤ 1 % Failure rate: ≤ 100 fit (≤ 100 · 10–9/h) (for definiton “fit”, refer to chapter “Quality”, page 62) Voltage endurance test 85 °C; UR 1 000 h with the polarity in- verted every 250 h Post test requirements: ∆C/C ≤ ± 20 % of initial value tan δ≤ 1,5 times initial specified limit IL ≤ initial specified limit Vibration resistance To IEC 60068-2-6, test Fc: displacement amplitude 0,75 mm, frequency range 10 … 2000 Hz, acceleration max.10 g, duration 3 × 2 h IEC climatic category To IEC 60068-1: 40/085/56 (– 40 °C/+ 85 °C/56 days damp heat test) Sectional specification IEC 60384-4 |
Similar Part No. - B42822A3226M00 |
|
Similar Description - B42822A3226M00 |