Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41825A8335M00 Datasheet(PDF) 3 Page - EPCOS

Part # B41825A8335M00
Description  Single-Ended Capacitors Low Leakage Current
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41825A8335M00 Datasheet(HTML) 3 Page - EPCOS

  B41825A8335M00 Datasheet HTML 1Page - EPCOS B41825A8335M00 Datasheet HTML 2Page - EPCOS B41825A8335M00 Datasheet HTML 3Page - EPCOS B41825A8335M00 Datasheet HTML 4Page - EPCOS B41825A8335M00 Datasheet HTML 5Page - EPCOS B41825A8335M00 Datasheet HTML 6Page - EPCOS B41825A8335M00 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
398 10/02
B41825
Low Leakage Current – 85 °C
Dimensional drawing
Dimensions and weights
Overview of available types
Other capacitance and voltage ratings are available upon request.
Dimensions (mm)
Approx. weight
g
d
× ld
max × lmax
a ± 0,5
b
5
× 11
5,5
× 12
2,0
0,50 ± 0,05
0,5
6,3
× 11
6,8
× 12
2,5
0,50 ± 0,05
0,7
8
× 11
8,5
× 12
3,5
0,60 ± 0,05
1,0
UR (VDC)
10
16
25
63
CR (µF)
Case dimensions
d
× l (mm)
0,10
5
× 11
0,22
5
× 11
0,33
5
× 11
0,47
5
× 11
0,68
5
× 11
1,0
5
× 11
2,2
5
× 11
3,3
5
× 11
6,3
× 11
4,7
5
× 11
6,3
× 11
6,8
5
× 11
6,3
× 11
10
5
× 11
6,3
× 11
8
× 11
15
5
× 11
22
6,3
× 11
8
× 11
33
6,3
× 11
8
× 11
47
6,3
× 11
8
× 11
100
8
× 11
KAL0706-7-E
d
d max.
Safety vent from ød
15 min.
max.
5 min.
Minus pole
marking
+
-
Stand-off rubber seal
6,3 mm
< _


Similar Part No. - B41825A8335M00

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4182 EPCOS-B4182 Datasheet
73Kb / 6P
   SAW Components Low-Loss Filter for Mobile Communication 1882,5 MHz
B4182 EPCOS-B4182 Datasheet
74Kb / 10P
   CDMA BTS
B41820 EPCOS-B41820 Datasheet
93Kb / 6P
   Single-Ended Capacitors Low Profile
B41820A2226M00 EPCOS-B41820A2226M00 Datasheet
93Kb / 6P
   Single-Ended Capacitors Low Profile
B41820A3156M00 EPCOS-B41820A3156M00 Datasheet
93Kb / 6P
   Single-Ended Capacitors Low Profile
More results

Similar Description - B41825A8335M00

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
013RLC VISHAY-013RLC Datasheet
99Kb / 7P
   Aluminum Capacitors Radial Low Leakage Current
Revision: 20-Jun-08
logo
Nexperia B.V. All right...
BAS116T NEXPERIA-BAS116T Datasheet
248Kb / 11P
   Single low leakage current switching diode
logo
STMicroelectronics
STTH2R06-Y STMICROELECTRONICS-STTH2R06-Y Datasheet
232Kb / 8P
   Low leakage current
August 2014 Rev 1
logo
Cornell Dubilier Electr...
HZC CDE-HZC Datasheet
825Kb / 8P
   Low Leakage Current
logo
American Microsemicondu...
1N34A AMMSEMI-1N34A Datasheet
179Kb / 1P
   Low Leakage Current
logo
DIOTEC Electronics Corp...
DL4001 DEC-DL4001 Datasheet
947Kb / 2P
   Low leakage current
logo
Vishay Siliconix
VS-ETL1506-M3 VISHAY-VS-ETL1506-M3 Datasheet
218Kb / 9P
   Low leakage current
Revision: 08-Jul-15
logo
TT Electronics.
QDN006 TTELEC-QDN006 Datasheet
308Kb / 3P
   Low leakage current
logo
Vishay Siliconix
VS-ETU1506-M3 VISHAY-VS-ETU1506-M3 Datasheet
183Kb / 8P
   Low leakage current
Revision: 08-Jul-15
logo
Inchange Semiconductor ...
20N50 ISC-20N50 Datasheet
146Kb / 2P
   Low leakage current
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com