Electronic Components Datasheet Search |
|
3KP170C Datasheet(PDF) 1 Page - Won-Top Electronics |
|
3KP170C Datasheet(HTML) 1 Page - Won-Top Electronics |
1 / 6 page 3KP SERIES 1 of 6 © 2006 Won-Top Electronics Pb 3KP SERIES 3000W TRANSIENT VOLTAGE SUPPRESSOR Features ! Glass Passivated Die Construction ! 3000W Peak Pulse Power Dissipation ! 5.0V – 170V Standoff Voltage A B A ! Uni- and Bi-Directional Versions Available ! Excellent Clamping Capability ! Fast Response Time ! Plastic Case Material has UL Flammability Classification Rating 94V-O C D Mechanical Data ! Case: P-600, Molded Plastic ! Terminals: Axial Leads, Solderable per MIL-STD-750, Method 2026 ! Polarity: Cathode Band Except Bi-Directional ! Marking: Type Number ! Weight: 2.10 grams (approx.) ! Lead Free: For RoHS / Lead Free Version, Add “-LF” Suffix to Part Number, See Page 6 “C” Suffix Designates Bi-directional Devices “A” Suffix Designates 5% Tolerance Devices No Suffix Designates 10% Tolerance Devices Maximum Ratings and Electrical Characteristics @T A=25°C unless otherwise specified Characteristic Symbol Value Unit Peak Pulse Power Dissipation at TA = 25°C (Note 1, 2, 5) Figure 3 PPPM 3000 Minimum W Peak Forward Surge Current (Note 3) IFSM 250 A Peak Pulse Current on 10/1000µS Waveform (Note 1) Figure 1 IPPM See Table 1 A Steady State Power Dissipation (Note 2, 4) PM(AV) 8.0 W Operating and Storage Temperature Range Tj, TSTG -55 to +175 °C Note: 1. Non-repetitive current pulse per Figure 1 and derated above TA = 25°C per Figure 4. 2. Mounted on 20mm2 copper pad. 3. 8.3ms single half sine-wave duty cycle = 4 pulses per minutes maximum. 4. Lead temperature at 75°C. 5. Peak pulse power waveform is 10/1000µS. WTE POWER SEMICONDUCTORS P-600 Dim Min Max A 25.4 — B 8.60 9.10 C 1.20 1.30 D 8.60 9.10 All Dimensions in mm |
Similar Part No. - 3KP170C |
|
Similar Description - 3KP170C |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |