Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD5001 Datasheet(PDF) 2 Page - Won-Top Electronics

Part # BD5001
Description  50A BOSCH TYPE PRESS-FIT DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

BD5001 Datasheet(HTML) 2 Page - Won-Top Electronics

  BD5001 Datasheet HTML 1Page - Won-Top Electronics BD5001 Datasheet HTML 2Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BD5000 – BD5006
2 of 2
© 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
BD5000
13mm Bosch Press-Fit
100 Units/Box
BD5001
13mm Bosch Press-Fit
100 Units/Box
BD5002
13mm Bosch Press-Fit
100 Units/Box
BD5003
13mm Bosch Press-Fit
100 Units/Box
BD5004
13mm Bosch Press-Fit
100 Units/Box
BD5005
13mm Bosch Press-Fit
100 Units/Box
BD5006
13mm Bosch Press-Fit
100 Units/Box
1.
Shipping quantity given is for minimum packing quantity only. For minimum
order quantity, please consult the Sales Department.
2.
To order Lead Free version (with Lead Free finish), add “-LF” suffix to part
number above. For example, BD5000-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
We power your everyday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Similar Part No. - BD5001

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
BD5001 WTE-BD5001 Datasheet
23Kb / 2P
   50A BOSCH TYPE PRESS-FIT DIODE
BD5001 WTE-BD5001 Datasheet
32Kb / 2P
   50A BOSCH TYPE PRESS-FIT DIODE
More results

Similar Description - BD5001

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
BD5000 WTE-BD5000 Datasheet
23Kb / 2P
   50A BOSCH TYPE PRESS-FIT DIODE
BD5000 WTE-BD5000_14 Datasheet
32Kb / 2P
   50A BOSCH TYPE PRESS-FIT DIODE
BD5020 WTE-BD5020_14 Datasheet
32Kb / 2P
   50A AVALANCHE BOSCH TYPE PRESS-FIT DIODE
BD5020 WTE-BD5020 Datasheet
29Kb / 2P
   50A AVALANCHE BOSCH TYPE PRESS-FIT DIODE
BD2500 WTE-BD2500_06 Datasheet
30Kb / 2P
   25A BOSCH TYPE PRESS-FIT DIODE
BD3500 WTE-BD3500_06 Datasheet
30Kb / 2P
   35A BOSCH TYPE PRESS-FIT DIODE
BD3500 WTE-BD3500_14 Datasheet
32Kb / 2P
   35A BOSCH TYPE PRESS-FIT DIODE
BD2500 WTE-BD2500 Datasheet
48Kb / 3P
   25A BOSCH TYPE PRESS-FIT DIODE
BD3500 WTE-BD3500 Datasheet
23Kb / 2P
   35A BOSCH TYPE PRESS-FIT DIODE
BD2500 WTE-BD2500_14 Datasheet
32Kb / 2P
   25A BOSCH TYPE PRESS-FIT DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com