Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41867A5107M00 Datasheet(PDF) 5 Page - EPCOS

Part # B41867A5107M00
Description  Single-Ended Capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41867A5107M00 Datasheet(HTML) 5 Page - EPCOS

  B41867A5107M00 Datasheet HTML 1Page - EPCOS B41867A5107M00 Datasheet HTML 2Page - EPCOS B41867A5107M00 Datasheet HTML 3Page - EPCOS B41867A5107M00 Datasheet HTML 4Page - EPCOS B41867A5107M00 Datasheet HTML 5Page - EPCOS B41867A5107M00 Datasheet HTML 6Page - EPCOS B41867A5107M00 Datasheet HTML 7Page - EPCOS B41867A5107M00 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
489 10/02
140 °C
B41867
Technical data and ordering codes
UR
VDC
CR
120 Hz
20
°C
µF
Case
dimensions
d
× l
mm
IL
5 min
20
°C
µA
tan
δ
max
120 Hz
20
°C
ESRmax
120 Hz
20
°C
I~R
120 Hz
140
°C
mA
Ordering code1)
10
220
10
× 16
22
0,24
1,8
180
B41867A3227M00*
330
10
× 20
33
0,24
1,2
240
B41867A3337M00*
470
12,5
× 25
47
0,24
0,85
350
B41867A3477M00*
1 000
12,5
× 25
100
0,24
0,40
520
B41867A3108M00*
2 200
16
× 31,5
220
0,26
0,20
870
B41867A3228M00*
3 300
18
× 31,5
330
0,28
0,14
1000
B41867A3338M00*
4 700
18
× 35
470
0,30
0,10
1200
B41867A3478M00*
16
100
10
× 16
16
0,20
3,3
130
B41867A4107M00*
220
10
× 20
35
0,20
1,5
210
B41867A4227M00*
330
12,5
× 25
53
0,20
1,0
325
B41867A4337M00*
470
12,5
× 25
75
0,20
0,71
380
B41867A4477M00*
1 000
16
× 25
160
0,20
0,33
580
B41867A4108M00*
2 200
18
× 31,5
352
0,22
0,17
950
B41867A4228M00*
3 300
18
× 40
528
0,24
0,12
1300
B41867A4338M00*
4 700
20
× 40
752
0,26
0,09
1650
B41867A4478M00*
25
100
10
× 16
25
0,17
2,8
140
B41867A5107M00*
220
10
× 20
55
0,17
1,3
265
B41867A5227M00*
330
12,5
× 25
83
0,17
0,85
370
B41867A5337M00*
470
16
× 20
118
0,17
0,60
445
B41867A5477M00*
1 000
16
× 25
250
0,17
0,28
590
B41867A5108M00*
2 200
18
× 40
550
0,19
0,14
1055
B41867A5228M00*
3 300
20
× 40
825
0,21
0,11
1550
B41867A5338M00*
35
100
12,5
× 25
35
0,14
2,3
200
B41867A7107M00*
220
12,5
× 25
77
0,14
1,1
300
B41867A7227M00*
330
16
× 25
116
0,14
0,70
410
B41867A7337M00*
470
16
× 31,5
165
0,14
0,49
540
B41867A7477M00*
1 000
18
× 31,5
350
0,14
0,23
750
B41867A7108M00*
2 200
20
× 40
770
0,16
0,12
1250
B41867A7228M00*
1) * = “0” for bulk version. For taping versions, other lead configurations and packing information see page 503.


Similar Part No. - B41867A5107M00

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41863 EPCOS-B41863 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
logo
TDK Electronics
B41863 TDK-B41863 Datasheet
468Kb / 25P
   Aluminum electrolytic capacitors Single-ended capacitors
B41863A5108A TDK-B41863A5108A Datasheet
474Kb / 25P
   Aluminum electrolytic capacitors
logo
EPCOS
B41863A5108A000 EPCOS-B41863A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B41863A5108A001 EPCOS-B41863A5108A001 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
More results

Similar Description - B41867A5107M00

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41821 EPCOS-B41821 Datasheet
784Kb / 36P
   Single-ended capacitors
B41858 EPCOS-B41858 Datasheet
722Kb / 30P
   Single-ended capacitors
logo
TDK Electronics
B41896 TDK-B41896_15 Datasheet
499Kb / 28P
   Single-ended capacitors
logo
EPCOS
B41889 EPCOS-B41889_08 Datasheet
537Kb / 25P
   Single-ended capacitors
logo
TDK Electronics
B41895 TDK-B41895_15 Datasheet
510Kb / 29P
   Single-ended capacitors
logo
EPCOS
B42822 EPCOS-B42822 Datasheet
105Kb / 9P
   Single-Ended Capacitors
B41853 EPCOS-B41853 Datasheet
643Kb / 24P
   Single-ended capacitors
B41866 EPCOS-B41866 Datasheet
723Kb / 30P
   Single-ended capacitors
B43888 EPCOS-B43888 Datasheet
659Kb / 24P
   Single-ended capacitors
B41896 EPCOS-B41896_08 Datasheet
566Kb / 30P
   Single-ended capacitors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com