Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41886A5108M00 Datasheet(PDF) 3 Page - EPCOS

Part # B41886A5108M00
Description  Single-Ended Capacitors Lowest Impedance
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41886A5108M00 Datasheet(HTML) 3 Page - EPCOS

  B41886A5108M00 Datasheet HTML 1Page - EPCOS B41886A5108M00 Datasheet HTML 2Page - EPCOS B41886A5108M00 Datasheet HTML 3Page - EPCOS B41886A5108M00 Datasheet HTML 4Page - EPCOS B41886A5108M00 Datasheet HTML 5Page - EPCOS B41886A5108M00 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
435 10/02
B41886
Lowest Impedance – 105 °C
Dimensional drawing
Dimensions and weights
Overview of available types
Other capacitance and voltage ratings are available upon request.
Dimensions (mm)
Approx. weight
g
d
× ld
max × lmax
a ± 0,5
b
8
× 11
8,5
× 12
3,5
0,60 ± 0,05
1,0
10
× 16
10,5
× 17
5,0
0,60 ± 0,05
1,9
10
× 20
10,5
× 22
5,0
0,60 ± 0,05
2,6
12,5
× 25
13
× 27
5,0
0,60 ± 0,05
4,5
UR (VDC)
6,3
101625
CR (µF)
Case dimensions
d
× l (mm)
100
8
× 11
220
8
× 11
10
× 16
330
8
× 11
10
× 16
10
× 16
470
8
× 11
10
× 16
10
× 16
10
× 20
680
8
× 11
1 000
10
× 16
10
× 20
10
× 20
12,5
× 25
1 500
10
× 20
2 200
12,5
× 25
12,5
× 25
KAL0812-M-E
d
d max.
15 min.
max.
5 min.
Minus pole
marking
+
-
Stand-off rubber seal


Similar Part No. - B41886A5108M00

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B41887 TDK-B41887 Datasheet
486Kb / 27P
   Aluminum electrolytic capacitors Single-ended capacitors
B41887A4158M000 TDK-B41887A4158M000 Datasheet
62Kb / 2P
   Single Ended (Radial) Capacitors
B41887A4158M001 TDK-B41887A4158M001 Datasheet
62Kb / 2P
   Single Ended (Radial) Capacitors
B41887A4158M002 TDK-B41887A4158M002 Datasheet
62Kb / 2P
   Single Ended (Radial) Capacitors
B41887A4158M004 TDK-B41887A4158M004 Datasheet
62Kb / 2P
   Single Ended (Radial) Capacitors
More results

Similar Description - B41886A5108M00

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41856 EPCOS-B41856 Datasheet
97Kb / 8P
   Single-Ended Capacitors Low Impedance
B41859 EPCOS-B41859 Datasheet
93Kb / 7P
   Single-Ended Capacitors Very Low Impedance
B41821 EPCOS-B41821 Datasheet
784Kb / 36P
   Single-ended capacitors
B41858 EPCOS-B41858 Datasheet
722Kb / 30P
   Single-ended capacitors
logo
TDK Electronics
B41896 TDK-B41896_15 Datasheet
499Kb / 28P
   Single-ended capacitors
logo
EPCOS
B41889 EPCOS-B41889_08 Datasheet
537Kb / 25P
   Single-ended capacitors
logo
TDK Electronics
B41895 TDK-B41895_15 Datasheet
510Kb / 29P
   Single-ended capacitors
logo
EPCOS
B42822 EPCOS-B42822 Datasheet
105Kb / 9P
   Single-Ended Capacitors
B41853 EPCOS-B41853 Datasheet
643Kb / 24P
   Single-ended capacitors
B41866 EPCOS-B41866 Datasheet
723Kb / 30P
   Single-ended capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com