Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43415A3668A000 Datasheet(PDF) 10 Page - EPCOS

Part # B43415A3668A000
Description  Capacitors for pulse applications with snap-in and solder lug terminals
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43415A3668A000 Datasheet(HTML) 10 Page - EPCOS

Back Button B43415A3668A000 Datasheet HTML 6Page - EPCOS B43415A3668A000 Datasheet HTML 7Page - EPCOS B43415A3668A000 Datasheet HTML 8Page - EPCOS B43415A3668A000 Datasheet HTML 9Page - EPCOS B43415A3668A000 Datasheet HTML 10Page - EPCOS B43415A3668A000 Datasheet HTML 11Page - EPCOS B43415A3668A000 Datasheet HTML 12Page - EPCOS B43415A3668A000 Datasheet HTML 13Page - EPCOS B43415A3668A000 Datasheet HTML 14Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
AC capacitance versus temperature
VR = 350 V DC
Typical behaviour
Dissipation factor tan
δ versus temperature
VR = 350 V DC, measuring frequency = 120 Hz
Typical behaviour
Leakage current Ileak versus temperature
Measurement duration = 5 minutes
Typical behaviour
B43415, B43416
Compact
up to 60
°C
Page 10 of 15
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43415A3668A000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43415 EPCOS-B43415 Datasheet
1Mb / 16P
   Aluminum electrolytic capacitors
logo
TDK Electronics
B43415 TDK-B43415 Datasheet
1Mb / 17P
   Capacitors for pulse applications
logo
EPCOS
B43415C3218A000 EPCOS-B43415C3218A000 Datasheet
1Mb / 16P
   Aluminum electrolytic capacitors
B43415C3308A000 EPCOS-B43415C3308A000 Datasheet
1Mb / 16P
   Aluminum electrolytic capacitors
B43415C3478A000 EPCOS-B43415C3478A000 Datasheet
1Mb / 16P
   Aluminum electrolytic capacitors
More results

Similar Description - B43415A3668A000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43520A3687M000 EPCOS-B43520A3687M000 Datasheet
261Kb / 11P
   Capacitors with 4 Snap-In Terminals and Solder Pins
B43510 EPCOS-B43510 Datasheet
59Kb / 2P
   Capacitors with 4 Snap-In Terminals and Solder Pins
B43514 EPCOS-B43514 Datasheet
255Kb / 10P
   Capacitors with 4 Snap-In Terminals and Solder Pins
B43511 EPCOS-B43511 Datasheet
254Kb / 10P
   Capacitors with 4 Snap-In Terminals and Solder Pins
logo
TDK Electronics
B43516 TDK-B43516_15 Datasheet
802Kb / 20P
   Capacitors with 4-pin snap-in terminals and solder pins
B43512 TDK-B43512_15 Datasheet
892Kb / 25P
   Capacitors with 4-/5-pin snap-in terminals and solder pins
B43415 TDK-B43415 Datasheet
1Mb / 17P
   Capacitors for pulse applications
logo
PowerDynamics, Inc
42R38-3X2X-XXX POWERDYNAMICS-42R38-3X2X-XXX Datasheet
42Kb / 1P
   IEC 60320 APPL. INLET AND COMBINATION FUSE HOLDER; SOLDER TERMINALS; SNAP-IN
42R34-3X2X-XXX POWERDYNAMICS-42R34-3X2X-XXX Datasheet
42Kb / 1P
   IEC 60320 APPL. INLET AND COMBINATION FUSE HOLDER; SOLDER TERMINALS; SNAP-IN
logo
List of Unclassifed Man...
ZD102EW080P ETC1-ZD102EW080P Datasheet
743Kb / 6P
   PULSE CAPACITORS FOR FLASH LAMP APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com