Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B42822A7107M00 Datasheet(PDF) 2 Page - EPCOS

Part # B42822A7107M00
Description  Single-Ended Capacitors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B42822A7107M00 Datasheet(HTML) 2 Page - EPCOS

  B42822A7107M00 Datasheet HTML 1Page - EPCOS B42822A7107M00 Datasheet HTML 2Page - EPCOS B42822A7107M00 Datasheet HTML 3Page - EPCOS B42822A7107M00 Datasheet HTML 4Page - EPCOS B42822A7107M00 Datasheet HTML 5Page - EPCOS B42822A7107M00 Datasheet HTML 6Page - EPCOS B42822A7107M00 Datasheet HTML 7Page - EPCOS B42822A7107M00 Datasheet HTML 8Page - EPCOS B42822A7107M00 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
403 10/02
B42822
Bipolar – 85 °C
Specifications and characteristics in brief
Rated voltage
UR
Surge voltage
US
10 … 100 VDC
1,15 ·
UR
Rated capacitance
CR
Capacitance tolerance
0,47 … 1 000
µF
± 20 %
M
Useful life
85 °C;
UR; I~R
40 °C;
UR; I~R
>
2 000 h
> 100 000 h
Requirements:
C/C ≤ ± 45 % of initial value
tan
δ≤ 3 times initial specified limit
IL
≤ initial specified limit
Failure percentage:
≤ 1 %
Failure rate:
≤ 100 fit (≤ 100 · 10–9/h)
(for definiton “fit”, refer to chapter
“Quality”, page 62)
Voltage endurance test
85 °C;
UR
1 000 h
with the polarity in-
verted every 250 h
Post test requirements:
∆C/C ≤ ± 20 % of initial value
tan
δ≤ 1,5 times initial specified limit
IL
≤ initial specified limit
Vibration resistance
To IEC 60068-2-6, test Fc:
displacement amplitude 0,75 mm, frequency range 10 … 2000 Hz,
acceleration max.10
g, duration 3
× 2 h
IEC climatic category
To IEC 60068-1:
40/085/56 (– 40 °C/+ 85 °C/56 days damp heat test)
Sectional specification
IEC 60384-4


Similar Part No. - B42822A7107M00

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B42824 TDK-B42824 Datasheet
416Kb / 21P
   Aluminum electrolytic capacitors Single-ended capacitors
More results

Similar Description - B42822A7107M00

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41821 EPCOS-B41821 Datasheet
784Kb / 36P
   Single-ended capacitors
B41858 EPCOS-B41858 Datasheet
722Kb / 30P
   Single-ended capacitors
logo
TDK Electronics
B41896 TDK-B41896_15 Datasheet
499Kb / 28P
   Single-ended capacitors
logo
EPCOS
B41889 EPCOS-B41889_08 Datasheet
537Kb / 25P
   Single-ended capacitors
logo
TDK Electronics
B41895 TDK-B41895_15 Datasheet
510Kb / 29P
   Single-ended capacitors
logo
EPCOS
B41853 EPCOS-B41853 Datasheet
643Kb / 24P
   Single-ended capacitors
B41866 EPCOS-B41866 Datasheet
723Kb / 30P
   Single-ended capacitors
B41867 EPCOS-B41867 Datasheet
99Kb / 8P
   Single-Ended Capacitors
B43888 EPCOS-B43888 Datasheet
659Kb / 24P
   Single-ended capacitors
B41896 EPCOS-B41896_08 Datasheet
566Kb / 30P
   Single-ended capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com