Electronic Components Datasheet Search |
|
C052G102K2G5CS Datasheet(PDF) 4 Page - Kemet Corporation |
|
C052G102K2G5CS Datasheet(HTML) 4 Page - Kemet Corporation |
4 / 23 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com 2 EFFECT OF TEMPERATURE -20 -40 0 +140 +40 +60 +100 +120 -60 +20 +80 0.0 2.0 4.0 6.0 8.0 Temperature °C Capacitance & DF vs Temperature - X7R Figure 4. 0.10 0.20 0.0 -55 -20 +20 +80 Temperature °C Capacitance & DF vs Temperature - C0G Figure 3. -40 0 +125 +40 +60 +100 -0.1 0 +0.2 -0.2 +0.1 -0.1 0 +0.2 -0.2 +0.1 -20 -10 0 +20 +10 % ∆C %DF % ∆C %DF TABLE 1 EIA TEMPERATURE CHARACTERISTIC CODES FOR CLASS I DIELECTRICS Significant Figure Multiplier Applied Tolerance of of Temperature to Temperature Temperature Coefficient Coefficient Coefficient * PPM per Letter Multi- Number PPM per Letter Degree C Symbol plier Symbol Degree C Symbol 0.0 C -1 0 3 0 G 0.3 B -10 1 60 H 0.9 A -100 2 120 J 1.0 M -1000 3 250 K 1.5 P -100000 4 500 L 2.2 R +1 5 1000 M 3.3 S +10 6 2500 N 4.7 T +100 7 7.5 U +1000 8 +10000 9 * These symetrical tolerances apply to a two-point measurement of temperature coefficient: one at 25ºC and one at 85ºC. Some deviation is permitted at lower temperatures. For example, the PPM tolerance for C0G at -55 is +30 / -72 PPM. TABLE 2 EIA TEMPERATURE CHARACTERISTIC CODES FOR CLASS II & III DIELECTRICS Low Temperature High Temperature Maximum Capacitance Rating Rating Shift Degree Letter Degree Number Letter Celcius Symbol Celcius Symbol Percent Symbol +10C Z +45C 2 ±1.0% A -30C Y +65C 4 ±1.5% B -55C X +85C 5 ±2.2% C +105C 6 ±3.3% D +125C 7 ±4.7% E +150C 8 ±7.5% F +200C 9 ±10.0% P ±15.0% R ±22.0% S +22 / -33% T +22 / -56% U +22 / -82% V APPLICATION NOTES FOR MULTILAYER CERAMIC CAPACITORS PARAMETER TEMPERATURE CHARACTERISTICS C0G X7R Dissipation Factor: Measured at following conditions: C0G - 1 kHz and 1 vrms if capacitance > 1000 pF 1 Mhz and 1 vrms if capacitance ≤ 1000 pF X7R - 1 kHz and 1 vrms* or if extended cap range 0.5 vrms 0.15% 2.5% Dielectric Strength: 2.5 times rated DC voltage Pass Subsequent IR Test Insulation Resistance (IR): At rated DC voltage, or whichever of the two is smaller 1,000 MΩ−µF or 100 GΩ 1,000 MΩ−µF or 100 GΩ Temperature Characteristics: Range, °C Capacitance Change without DC voltage -55 to +125 0 ± 30 ppm/°C -55 to +125 ±15% * 1 MHz and 1 vrms if capacitance ≤ 100 pF on military product. SPECIFIED ELECTRICAL LIMITS |
Similar Part No. - C052G102K2G5CS |
|
Similar Description - C052G102K2G5CS |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |