Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41857A6335M00 Datasheet(PDF) 4 Page - EPCOS

Part # B41857A6335M00
Description  Single-Ended Capacitors High Reliability
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41857A6335M00 Datasheet(HTML) 4 Page - EPCOS

  B41857A6335M00 Datasheet HTML 1Page - EPCOS B41857A6335M00 Datasheet HTML 2Page - EPCOS B41857A6335M00 Datasheet HTML 3Page - EPCOS B41857A6335M00 Datasheet HTML 4Page - EPCOS B41857A6335M00 Datasheet HTML 5Page - EPCOS B41857A6335M00 Datasheet HTML 6Page - EPCOS B41857A6335M00 Datasheet HTML 7Page - EPCOS B41857A6335M00 Datasheet HTML 8Page - EPCOS B41857A6335M00 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
448 10/02
High Reliability – 105 °C
B41857 / B43857
Overview of available types
B41857
B43857
Other voltage and capacitance ratings are also available upon request.
UR (VDC) 10
16
25
35
50
63
100
CR (µF)
Case dimensions
d
× l (mm)
0,47
5
× 11
5
× 11
1
5
× 11
5
× 11
2,2
5
× 11
5
× 11
3,3
5
× 11
5
× 11
4,7
5
× 11
5
× 11
10
5
× 11
6,3
× 11
8
× 11
22
6,3
× 11
6,3
× 11
10
× 12,5
33
5
× 11
6,3
× 11
8
× 11
10
× 16
47
5
× 11
6,3
× 11
8
× 11
8
× 11
10
× 20
100
5
× 11
6,3
× 11
6,3
× 11
8
× 11
10
× 12,5 10 × 12,5 12,5 × 25
220
6,3
× 11
8
× 11
10
× 12,5 10 × 12,5 10 × 20
10
× 20
16
× 25
330
8
× 11
10
× 12,5 10 × 12,5 10 × 16
10
× 20
12,5
× 25
16
× 31,5
470
10
× 12,5 10 × 16
10
× 20
10
× 20
12,5
× 25
16
× 20
16
× 31,5
1 000
10
× 16
10
× 20
12,5
× 25
16
× 20
16
× 31,5 18 × 31,5
2 200
12,5
× 25
16
× 20
16
× 25
16
× 31,5 18 × 40
3 300
16
× 20
16
× 25
16
× 31,5 18 × 35
4 700
16
× 25
16
× 31,5 18 × 35
UR (VDC) 160
200
250
350
450
CR (µF)
Case dimensions
d
× l (mm)
0,47
6,3
× 11
6,3
× 11
6,3
× 11
8
× 11
1
6,3
× 11
6,3
× 11
8
× 11
8
× 11
10
× 12,5
2,2
8
× 11
8
× 11
8
× 11
10
× 12,5
10
× 16
3,3
10
× 12,5
10
× 12,5
10
× 16
10
× 16
10
× 20
4,7
10
× 12,5
10
× 12,5
10
× 16
10
× 20
12,5
× 25
10
10
× 16
10
× 16
10
× 20
10
× 20
16
× 25
22
10
× 20
10
× 20
16
× 20
16
× 25
16
× 31,5
33
10
× 20
12,5
× 25
16
× 25
16
× 31,5
18
× 35
47
12,5
× 25
16
× 20
16
× 31,5
16
× 31,5
18
× 40
100
16
× 25
16
× 31,5
18
× 35
18
× 40
220
18
× 35
18
× 40


Similar Part No. - B41857A6335M00

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B4185-E OMRON-B4185-E Datasheet
173Kb / 20P
   SYSDRIVE 3G3HV Series
logo
EPCOS
B41851 EPCOS-B41851 Datasheet
631Kb / 36P
   Aluminum electrolytic capacitors
B41851A2108M000 EPCOS-B41851A2108M000 Datasheet
631Kb / 36P
   Aluminum electrolytic capacitors
B41851A2108M002 EPCOS-B41851A2108M002 Datasheet
631Kb / 36P
   Aluminum electrolytic capacitors
B41851A2108M012 EPCOS-B41851A2108M012 Datasheet
631Kb / 36P
   Aluminum electrolytic capacitors
More results

Similar Description - B41857A6335M00

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41821 EPCOS-B41821 Datasheet
784Kb / 36P
   Single-ended capacitors
B41858 EPCOS-B41858 Datasheet
722Kb / 30P
   Single-ended capacitors
logo
TDK Electronics
B41896 TDK-B41896_15 Datasheet
499Kb / 28P
   Single-ended capacitors
logo
EPCOS
B41889 EPCOS-B41889_08 Datasheet
537Kb / 25P
   Single-ended capacitors
logo
TDK Electronics
B41895 TDK-B41895_15 Datasheet
510Kb / 29P
   Single-ended capacitors
logo
EPCOS
B42822 EPCOS-B42822 Datasheet
105Kb / 9P
   Single-Ended Capacitors
B41853 EPCOS-B41853 Datasheet
643Kb / 24P
   Single-ended capacitors
B41866 EPCOS-B41866 Datasheet
723Kb / 30P
   Single-ended capacitors
B41867 EPCOS-B41867 Datasheet
99Kb / 8P
   Single-Ended Capacitors
B43888 EPCOS-B43888 Datasheet
659Kb / 24P
   Single-ended capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com