Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B42822A6476M00 Datasheet(PDF) 6 Page - EPCOS

Part # B42822A6476M00
Description  Single-Ended Capacitors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B42822A6476M00 Datasheet(HTML) 6 Page - EPCOS

  B42822A6476M00 Datasheet HTML 1Page - EPCOS B42822A6476M00 Datasheet HTML 2Page - EPCOS B42822A6476M00 Datasheet HTML 3Page - EPCOS B42822A6476M00 Datasheet HTML 4Page - EPCOS B42822A6476M00 Datasheet HTML 5Page - EPCOS B42822A6476M00 Datasheet HTML 6Page - EPCOS B42822A6476M00 Datasheet HTML 7Page - EPCOS B42822A6476M00 Datasheet HTML 8Page - EPCOS B42822A6476M00 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
407 10/02
B42822
Bipolar – 85 °C
50
0,47
5
× 11
3,0
0,15
339
6,0
B42822A6474M00*
1,0
5
× 11
3,0
0,15
159
9,0
B42822A6105M00*
2,2
5
× 11
3,5
0,15
72
14
B42822A6225M00*
3,3
5
× 11
4,9
0,15
48
17
B42822A6335M00*
4,7
5
× 11
7,0
0,15
34
30
B42822F6475M00*
10
8
× 11
15
0,15
16
38
B42822A6106M00*
22
10
× 12,5 33
0,15
7,2
67
B42822A6226M00*
33
10
× 20
50
0,15
4,8
101
B42822A6336M00*
47
10
× 20
71
0,15
3,4
120
B42822A6476M00*
100
12,5
× 25
150
0,15
1,6
214
B42822A6107M00*
220
16
× 25
330
0,15
0,72
357
B42822A6227M00*
330
16
× 31,5 495
0,15
0,50
484
B42822A6337M00*
100
0,47
5
× 11
5,0
0,12
423
9,0
B42822A9474M00*
1,0
5
× 11
5,0
0,12
199
12
B42822A9105M00*
2,2
6,3
× 11
8,8
0,12
90
27
B42822A9225M00*
3,3
6,3
× 11
13
0,12
60
31
B42822A9335M00*
4,7
8
× 11
19
0,12
42
47
B42822A9475M00*
10
10
× 12,5 40
0,12
20
68
B42822A9106M00*
22
10
× 16
88
0,12
9,0
108
B42822A9226M00*
33
10
× 20
132
0,12
6,0
155
B42822A9336M00*
47
12,5
× 25
188
0,12
4,2
192
B42822A9476M00*
100
16
× 25
400
0,12
2,0
350
B42822A9107M00*
150
16
× 31,5 600
0,12
1,3
460
B42822A9157M00*
220
18
× 35
880
0,12
0,90
580
B42822A9227M00*
Technical data and ordering codes
UR
VDC
CR
120 Hz
20 °C
µF
Case
dimensions
d
× l
mm
IL, max
5 min
20 °C
µA
tan
δ
max
120 Hz
20
°C
ESRmax
120 Hz
20
°C
I~R
120 Hz
85
°C
mA
Ordering code1)
Preferred types
1) * = “0” for bulk version.
For taping versions, other lead configurations and packing information see page 503.


Similar Part No. - B42822A6476M00

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B42824 TDK-B42824 Datasheet
416Kb / 21P
   Aluminum electrolytic capacitors Single-ended capacitors
More results

Similar Description - B42822A6476M00

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41821 EPCOS-B41821 Datasheet
784Kb / 36P
   Single-ended capacitors
B41858 EPCOS-B41858 Datasheet
722Kb / 30P
   Single-ended capacitors
logo
TDK Electronics
B41896 TDK-B41896_15 Datasheet
499Kb / 28P
   Single-ended capacitors
logo
EPCOS
B41889 EPCOS-B41889_08 Datasheet
537Kb / 25P
   Single-ended capacitors
logo
TDK Electronics
B41895 TDK-B41895_15 Datasheet
510Kb / 29P
   Single-ended capacitors
logo
EPCOS
B41853 EPCOS-B41853 Datasheet
643Kb / 24P
   Single-ended capacitors
B41866 EPCOS-B41866 Datasheet
723Kb / 30P
   Single-ended capacitors
B41867 EPCOS-B41867 Datasheet
99Kb / 8P
   Single-Ended Capacitors
B43888 EPCOS-B43888 Datasheet
659Kb / 24P
   Single-ended capacitors
B41896 EPCOS-B41896_08 Datasheet
566Kb / 30P
   Single-ended capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com