Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41857A6476M00 Datasheet(PDF) 8 Page - EPCOS

Part # B41857A6476M00
Description  Single-Ended Capacitors High Reliability
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41857A6476M00 Datasheet(HTML) 8 Page - EPCOS

Back Button B41857A6476M00 Datasheet HTML 4Page - EPCOS B41857A6476M00 Datasheet HTML 5Page - EPCOS B41857A6476M00 Datasheet HTML 6Page - EPCOS B41857A6476M00 Datasheet HTML 7Page - EPCOS B41857A6476M00 Datasheet HTML 8Page - EPCOS B41857A6476M00 Datasheet HTML 9Page - EPCOS B41857A6476M00 Datasheet HTML 10Page - EPCOS B41857A6476M00 Datasheet HTML 11Page - EPCOS B41857A6476M00 Datasheet HTML 12Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
452 10/02
High Reliability – 105 °C
B41857 / B43857
Technical data and ordering codes
UR
VDC
CR
120 Hz
20
°C
µF
Case
dimensions
d
× l
mm
IL
5 min
20
°C
µA
tan
δ
max
120 Hz
20
°C
ESRmax
120 Hz
20
°C
I~R
120 Hz
105
°C
mA
Ordering code1)
B43857
160
0,47
6,3
× 11
52
0,20
706
10
B43857A1474M00*
1,0
6,3
× 11
55
0,20
332
15
B43857A1105M00*
2,2
8
× 11
61
0,20
151
25
B43857A1225M00*
3,3
10
× 12,5
66
0,20
101
36
B43857A1335M00*
4,7
10
× 12,5
73
0,20
71
43
B43857A1475M00*
10
10
× 16
98
0,20
33
69
B43857A1106M00*
22
10
× 20
156
0,20
15
111
B43857A1226M00*
33
10
× 20
208
0,20
10
136
B43857A1336M00*
47
12,5
× 25
276
0,20
7,1
203
B43857A1476M00*
100
16
× 25
530
0,20
3,3
336
B43857A1107M00*
220
18
× 35
1106
0,20
1,5
609
B43857A1227M00*
200
0,47
6,3
× 11
53
0,20
706
10
B43857A2474M00*
1,0
6,3
× 11
56
0,20
332
15
B43857A2105M00*
2,2
8
× 11
63
0,20
151
25
B43857A2225M00*
3,3
10
× 12,5
70
0,20
101
36
B43857A2335M00*
4,7
10
× 12,5
78
0,20
71
43
B43857A2475M00*
10
10
× 16
110
0,20
33
69
B43857A2106M00*
22
10
× 20
182
0,20
15
111
B43857A2226M00*
33
12,5
× 25
248
0,20
10
170
B43857A2336M00*
47
16
× 20
332
0,20
7,1
212
B43857A2476M00*
100
16
× 31,5
650
0,20
3,3
365
B43857A2107M00*
220
18
× 40
1370
0,20
1,5
643
B43857A2227M00*
Preferred types
1) * = “0” for bulk version.
For taping versions, other lead configurations and packing information see page 503.


Similar Part No. - B41857A6476M00

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B4185-E OMRON-B4185-E Datasheet
173Kb / 20P
   SYSDRIVE 3G3HV Series
logo
EPCOS
B41851 EPCOS-B41851 Datasheet
631Kb / 36P
   Aluminum electrolytic capacitors
B41851A2108M000 EPCOS-B41851A2108M000 Datasheet
631Kb / 36P
   Aluminum electrolytic capacitors
B41851A2108M002 EPCOS-B41851A2108M002 Datasheet
631Kb / 36P
   Aluminum electrolytic capacitors
B41851A2108M012 EPCOS-B41851A2108M012 Datasheet
631Kb / 36P
   Aluminum electrolytic capacitors
More results

Similar Description - B41857A6476M00

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41821 EPCOS-B41821 Datasheet
784Kb / 36P
   Single-ended capacitors
B41858 EPCOS-B41858 Datasheet
722Kb / 30P
   Single-ended capacitors
logo
TDK Electronics
B41896 TDK-B41896_15 Datasheet
499Kb / 28P
   Single-ended capacitors
logo
EPCOS
B41889 EPCOS-B41889_08 Datasheet
537Kb / 25P
   Single-ended capacitors
logo
TDK Electronics
B41895 TDK-B41895_15 Datasheet
510Kb / 29P
   Single-ended capacitors
logo
EPCOS
B42822 EPCOS-B42822 Datasheet
105Kb / 9P
   Single-Ended Capacitors
B41853 EPCOS-B41853 Datasheet
643Kb / 24P
   Single-ended capacitors
B41866 EPCOS-B41866 Datasheet
723Kb / 30P
   Single-ended capacitors
B41867 EPCOS-B41867 Datasheet
99Kb / 8P
   Single-Ended Capacitors
B43888 EPCOS-B43888 Datasheet
659Kb / 24P
   Single-ended capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com