Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ070XZ1HZPH Datasheet(PDF) 5 Page - Sharp Corporation

Part # PQ070XZ1HZPH
Description  Low Voltage Operation Low Power-loss Voltage Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ070XZ1HZPH Datasheet(HTML) 5 Page - Sharp Corporation

  PQ070XZ1HZPH Datasheet HTML 1Page - Sharp Corporation PQ070XZ1HZPH Datasheet HTML 2Page - Sharp Corporation PQ070XZ1HZPH Datasheet HTML 3Page - Sharp Corporation PQ070XZ1HZPH Datasheet HTML 4Page - Sharp Corporation PQ070XZ1HZPH Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
Sheet No.: OP06020
PQ070XZ1HZxH
0
1
2
3
4
5
6
7
8
9
10
100
103
104
R1=1kΩ
R2 (Ω)
Fig.13 Output Voltage Adjustment Characteristics
(Typical Value)
 Setting of Output Voltage
■ Typical Application
1
3
2
5
4
+
4
5
3
+
VO
Vref
VO=Vref×(1+R2/R1)
[RL=1kΩ, Vref≒1.25V]
ON/OFF signal
High:Output ON
Low or open:Output OFF
DC input
VIN
CIN
R2
R1
1kΩ
CO
VO
Load
Output voltage is able to set from 1.5V to 7V when resistors R1 and R2 are attached to ③,④,⑤ terminals. As for the external
resistors to set output voltage, refer to the figure below and Fig.13.
R2
R1
+


Similar Part No. - PQ070XZ1HZPH

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ070XZ1HZ SHARP-PQ070XZ1HZ Datasheet
89Kb / 6P
   Low Voltage Operation Low Power-loss Voltage Regulator
More results

Similar Description - PQ070XZ1HZPH

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQXXXEZ02Z SHARP-PQXXXEZ02Z Datasheet
69Kb / 4P
   Low Voltage Operation Low Power-loss Voltage Regulator
PQ070XZ1HZ SHARP-PQ070XZ1HZ Datasheet
89Kb / 6P
   Low Voltage Operation Low Power-loss Voltage Regulator
PQ070XH02Z SHARP-PQ070XH02Z Datasheet
67Kb / 6P
   Low Voltage Operation Low Power-Loss Voltage Regulator
PQ070XZ02ZPH SHARP-PQ070XZ02ZPH Datasheet
139Kb / 4P
   Low Voltage Operation Low Power-loss Voltage Regulator
PQ070XH01Z SHARP-PQ070XH01Z Datasheet
66Kb / 6P
   Low Voltage Operation Low Power-loss Voltage Regulator
PQ070XZ5MZXH SHARP-PQ070XZ5MZXH Datasheet
173Kb / 6P
   Low Voltage Operation Low Power-loss Voltage Regulator
PQ070XZ5MZ SHARP-PQ070XZ5MZ Datasheet
89Kb / 8P
   SC-63 Package, Low Voltage Operation Low Power-loss Voltage Regulator
PQXXXEH01ZXH SHARP-PQXXXEH01ZXH Datasheet
188Kb / 6P
   Low Voltage Operation Low Power-Loss Voltage Regulators
PQXXXEZ1HZXH SHARP-PQXXXEZ1HZXH Datasheet
205Kb / 8P
   Low Voltage Operation Low Power-Loss Voltage Regulators
logo
Unisonic Technologies
RXXLD10 UTC-RXXLD10 Datasheet
126Kb / 10P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com