Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BY550-1000-TB Datasheet(PDF) 1 Page - Won-Top Electronics

Part # BY550-1000-TB
Description  5.0A STANDARD DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

BY550-1000-TB Datasheet(HTML) 1 Page - Won-Top Electronics

  BY550-1000-TB Datasheet HTML 1Page - Won-Top Electronics BY550-1000-TB Datasheet HTML 2Page - Won-Top Electronics BY550-1000-TB Datasheet HTML 3Page - Won-Top Electronics BY550-1000-TB Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BY550-50 – BY550-1000
1 of 4
© 2006 Won-Top Electronics
Pb
BY550-50 – BY550-1000
5.0A STANDARD DIODE
Features
!
Diffused Junction
!
Low Forward Voltage Drop
!
High Current Capability
A
B
A
!
High Reliability
!
High Surge Current Capability
Mechanical Data
C
!
Case: DO-201AD, Molded Plastic
D
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Weight: 1.2 grams (approx.)
!
Mounting Position: Any
!
Marking: Type Number
!
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
BY550-
50
BY550-
100
BY550-
200
BY550-
400
BY550-
600
BY550-
800
BY550-
1000
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
(Note 1)
@TA = 75°C
IO
5.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
300
A
Forward Voltage
@IF = 5.0A
VFM
1.1
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
20
100
µA
Typical Junction Capacitance (Note 2)
Cj
40
pF
Typical Thermal Resistance Junction to Ambient
(Note 1)
RJA
30
°C/W
Operating Temperature Range
Tj
-65 to +125
°C
Storage Temperature Range
TSTG
-65 to +150
°C
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case
2. Measured at 1.0 MHz and Applied Reverse Voltage of 4.0V D.C.
WTE
POWER SEMICONDUCTORS
DO-201AD
Dim
Min
Max
A
25.4
B
7.20
9.50
C
1.20
1.30
D
4.80
5.30
All Dimensions in mm


Similar Part No. - BY550-1000-TB

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
BY550-1000 JGD-BY550-1000 Datasheet
138Kb / 2P
   5.0 AMP.SILICON RECTIFIERS
logo
Shenzhen Taychipst Elec...
BY550-1000 TAYCHIPST-BY550-1000 Datasheet
1Mb / 2P
   SOFT RECOVERY FAST-SWITCHING PLASTIC RECTIFIERS
logo
EIC discrete Semiconduc...
BY550-1000 EIC-BY550-1000 Datasheet
16Kb / 2P
   SILICON RECTIFIER DIODES
logo
First Components Intern...
BY550-1000 FCI-BY550-1000 Datasheet
4Mb / 2P
   5.0 Amps Miniature PLASTIC SILICON RECTIFIERS Diffused junction
logo
Diotec Semiconductor
BY550-1000 DIOTEC-BY550-1000 Datasheet
179Kb / 2P
   Silicon Rectifiers
More results

Similar Description - BY550-1000-TB

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
GF5A ZSELEC-GF5A Datasheet
56Kb / 2P
   5.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
logo
Won-Top Electronics
S5A WTE-S5A Datasheet
51Kb / 4P
   5.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
logo
Zibo Seno Electronic En...
GS5A ZSELEC-GS5A Datasheet
89Kb / 2P
   5.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
S5ABF ZSELEC-S5ABF Datasheet
96Kb / 2P
   5.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
S5A ZSELEC-S5A Datasheet
91Kb / 2P
   5.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
logo
Won-Top Electronics
SF51 WTE-SF51_06 Datasheet
57Kb / 4P
   5.0A SUPERFAST DIODE
HER501 WTE-HER501 Datasheet
59Kb / 4P
   5.0A ULTRAFAST DIODE
logo
Zibo Seno Electronic En...
HER501 ZSELEC-HER501 Datasheet
108Kb / 2P
   5.0A ULTRAFAST DIODE
logo
Won-Top Electronics
SR5100 WTE-SR5100_V01 Datasheet
43Kb / 4P
   5.0A SCHOTTKY BARRIER DIODE
September, 2012
logo
Zibo Seno Electronic En...
MBR520 ZSELEC-MBR520 Datasheet
136Kb / 2P
   5.0A SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com