Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B42822A9475M00 Datasheet(PDF) 7 Page - EPCOS

Part # B42822A9475M00
Description  Single-Ended Capacitors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B42822A9475M00 Datasheet(HTML) 7 Page - EPCOS

  B42822A9475M00 Datasheet HTML 1Page - EPCOS B42822A9475M00 Datasheet HTML 2Page - EPCOS B42822A9475M00 Datasheet HTML 3Page - EPCOS B42822A9475M00 Datasheet HTML 4Page - EPCOS B42822A9475M00 Datasheet HTML 5Page - EPCOS B42822A9475M00 Datasheet HTML 6Page - EPCOS B42822A9475M00 Datasheet HTML 7Page - EPCOS B42822A9475M00 Datasheet HTML 8Page - EPCOS B42822A9475M00 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
408 10/02
B42822
Bipolar – 85 °C
Frequency factor of permissible
ripple current
I~
versus frequency
f
Equivalent series resistance
ESR
at
f = 120 Hz versus temperature T
Typical behavior
Impedance Z at
f = 10 kHz
versus temperature
T
Typical behavior
Impedance Z
versus frequency
f
Typical behavior at 20 °C
25 V, 35 V, 50 V
10
0,2
0,4
0,6
0,8
12
10
~
Ι
1,2
1,0
1,4
120 Hz
1,6
1,8
~
Ι
2,2
f
B42822
10
10 3
Hz
f
4
KAL0756-8
10 V, 16 V, 100 V
40
0_
5
100 V
_20
020
50 V
ESR
25 ˚C
10
ESR
15
T
B42822
100
60
40
T
˚C
KAL0757-G
40
10 _
_2
10
_1
_20
0
20
Z
1
10
10 0
10 2
10
3
B42822
100
220 µF/100 V
60
40
T
˚C
KAL0758-P
2,2 µF/50 V
10 µF/25 V
10
10
_2
10 1
_
10 0
2
1
10
10 3
Z
10 1
10 2
10 3
10
4
B42822
10
10 4
10 5 Hz
f
6
KAL0761-9
220 µF/100 V
10 µF/25 V
2,2 µF/50 V


Similar Part No. - B42822A9475M00

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B42824 TDK-B42824 Datasheet
416Kb / 21P
   Aluminum electrolytic capacitors Single-ended capacitors
More results

Similar Description - B42822A9475M00

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41821 EPCOS-B41821 Datasheet
784Kb / 36P
   Single-ended capacitors
B41858 EPCOS-B41858 Datasheet
722Kb / 30P
   Single-ended capacitors
logo
TDK Electronics
B41896 TDK-B41896_15 Datasheet
499Kb / 28P
   Single-ended capacitors
logo
EPCOS
B41889 EPCOS-B41889_08 Datasheet
537Kb / 25P
   Single-ended capacitors
logo
TDK Electronics
B41895 TDK-B41895_15 Datasheet
510Kb / 29P
   Single-ended capacitors
logo
EPCOS
B41853 EPCOS-B41853 Datasheet
643Kb / 24P
   Single-ended capacitors
B41866 EPCOS-B41866 Datasheet
723Kb / 30P
   Single-ended capacitors
B41867 EPCOS-B41867 Datasheet
99Kb / 8P
   Single-Ended Capacitors
B43888 EPCOS-B43888 Datasheet
659Kb / 24P
   Single-ended capacitors
B41896 EPCOS-B41896_08 Datasheet
566Kb / 30P
   Single-ended capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com