Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B42822A9226M00 Datasheet(PDF) 5 Page - EPCOS

Part # B42822A9226M00
Description  Single-Ended Capacitors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B42822A9226M00 Datasheet(HTML) 5 Page - EPCOS

  B42822A9226M00 Datasheet HTML 1Page - EPCOS B42822A9226M00 Datasheet HTML 2Page - EPCOS B42822A9226M00 Datasheet HTML 3Page - EPCOS B42822A9226M00 Datasheet HTML 4Page - EPCOS B42822A9226M00 Datasheet HTML 5Page - EPCOS B42822A9226M00 Datasheet HTML 6Page - EPCOS B42822A9226M00 Datasheet HTML 7Page - EPCOS B42822A9226M00 Datasheet HTML 8Page - EPCOS B42822A9226M00 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
406 10/02
B42822
Bipolar – 85 °C
Technical data and ordering codes
UR
VDC
CR
120 Hz
20 °C
µF
Case
dimensions
d
× l
mm
IL, max
5 min
20 °C
µA
tan
δ
max
120 Hz
20
°C
ESRmax
120 Hz
20
°C
I~R
120 Hz
85
°C
mA
Ordering code1)
10
22
5
× 11
6,6
0,20
12
33
B42822A3226M00*
33
6,3
× 11
9,9
0,20
8,0
46
B42822A3336M00*
47
6,3
× 11
14
0,20
5,6
55
B42822A3476M00*
220
10
× 20
6
0,20
1,2
201
B42822A3227M00*
1 000
16
× 25
300
0,20
0,26
594
B42822A3108M00*
16
10
5
× 11
4,8
0,16
21
25
B42822A4106M00*
22
6,3
× 11
10,6
0,16
9,7
42
B42822A4226M00*
33
8
× 11
16
0,16
6,4
60
B42822A4336M00*
47
8
× 11
23
0,16
4,5
72
B42822A4476M00*
100
10
× 12,5 48
0,16
2,1
124
B42822A4107M00*
220
10
× 20
106
0,16
0,96
225
B42822A4227M00*
330
12,5
× 25
158
0,16
0,64
337
B42822A4337M00*
470
12,5
× 25
226
0,16
0,45
402
B42822A4477M00*
25
4,7
5
× 11
3,5
0,16
45
17
B42822A5475M00*
10
5
× 11
7,5
0,16
21
25
B42822A5106M00*
22
8
× 11
17
0,16
9,7
49
B42822A5226M00*
220
12,5
× 25
165
0,16
0,96
275
B42822A5227M00*
330
12,5
× 25
248
0,16
0,64
337
B42822A5337M00*
35
4,7
5
× 11
4,9
0,15
40
18
B42822A7475M00*
47
10
× 12,5 49
0,15
3,9
91
B42822A7476M00*
100
10
× 20
105
0,15
1,9
162
B42822A7107M00*
470
16
× 31,5 494
0,15
0,39
533
B42822A7477M00*
1) * = “0” for bulk version.
For taping versions, other lead configurations and packing information see page 503.


Similar Part No. - B42822A9226M00

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B42824 TDK-B42824 Datasheet
416Kb / 21P
   Aluminum electrolytic capacitors Single-ended capacitors
More results

Similar Description - B42822A9226M00

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41821 EPCOS-B41821 Datasheet
784Kb / 36P
   Single-ended capacitors
B41858 EPCOS-B41858 Datasheet
722Kb / 30P
   Single-ended capacitors
logo
TDK Electronics
B41896 TDK-B41896_15 Datasheet
499Kb / 28P
   Single-ended capacitors
logo
EPCOS
B41889 EPCOS-B41889_08 Datasheet
537Kb / 25P
   Single-ended capacitors
logo
TDK Electronics
B41895 TDK-B41895_15 Datasheet
510Kb / 29P
   Single-ended capacitors
logo
EPCOS
B41853 EPCOS-B41853 Datasheet
643Kb / 24P
   Single-ended capacitors
B41866 EPCOS-B41866 Datasheet
723Kb / 30P
   Single-ended capacitors
B41867 EPCOS-B41867 Datasheet
99Kb / 8P
   Single-Ended Capacitors
B43888 EPCOS-B43888 Datasheet
659Kb / 24P
   Single-ended capacitors
B41896 EPCOS-B41896_08 Datasheet
566Kb / 30P
   Single-ended capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com