Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ070XZ5MZPH Datasheet(PDF) 6 Page - Sharp Corporation

Part # PQ070XZ5MZPH
Description  Low Voltage Operation Low Power-loss Voltage Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ070XZ5MZPH Datasheet(HTML) 6 Page - Sharp Corporation

  PQ070XZ5MZPH Datasheet HTML 1Page - Sharp Corporation PQ070XZ5MZPH Datasheet HTML 2Page - Sharp Corporation PQ070XZ5MZPH Datasheet HTML 3Page - Sharp Corporation PQ070XZ5MZPH Datasheet HTML 4Page - Sharp Corporation PQ070XZ5MZPH Datasheet HTML 5Page - Sharp Corporation PQ070XZ5MZPH Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
Sheet No.: OP06019
PQ070XZ5MZxH/PQ070XZ01ZxH
4
5
3
+
-
VO=Vref × (1+R2/R1)
[R1=1kΩ, Vref≒1.25V]
VO
Vref
R2
R1
 Setting of Output Voltage
Output voltage is able to set from 1.5V to 7V when resistors R1 and R2 are attached to ③,④,⑤ terminals. As for the external
resistors to set output voltage, refer to the figure below and Fig.17.


Similar Part No. - PQ070XZ5MZPH

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ070XZ5MZP SHARP-PQ070XZ5MZP Datasheet
89Kb / 8P
   SC-63 Package, Low Voltage Operation Low Power-loss Voltage Regulator
More results

Similar Description - PQ070XZ5MZPH

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQXXXEZ02Z SHARP-PQXXXEZ02Z Datasheet
69Kb / 4P
   Low Voltage Operation Low Power-loss Voltage Regulator
PQ070XZ1HZ SHARP-PQ070XZ1HZ Datasheet
89Kb / 6P
   Low Voltage Operation Low Power-loss Voltage Regulator
PQ070XH02Z SHARP-PQ070XH02Z Datasheet
67Kb / 6P
   Low Voltage Operation Low Power-Loss Voltage Regulator
PQ070XZ02ZPH SHARP-PQ070XZ02ZPH Datasheet
139Kb / 4P
   Low Voltage Operation Low Power-loss Voltage Regulator
PQ070XH01Z SHARP-PQ070XH01Z Datasheet
66Kb / 6P
   Low Voltage Operation Low Power-loss Voltage Regulator
PQ070XZ1HZXH SHARP-PQ070XZ1HZXH Datasheet
151Kb / 5P
   Low Voltage Operation Low Power-loss Voltage Regulator
PQ070XZ5MZ SHARP-PQ070XZ5MZ Datasheet
89Kb / 8P
   SC-63 Package, Low Voltage Operation Low Power-loss Voltage Regulator
PQXXXEH01ZXH SHARP-PQXXXEH01ZXH Datasheet
188Kb / 6P
   Low Voltage Operation Low Power-Loss Voltage Regulators
PQXXXEZ1HZXH SHARP-PQXXXEZ1HZXH Datasheet
205Kb / 8P
   Low Voltage Operation Low Power-Loss Voltage Regulators
logo
Unisonic Technologies
RXXLD10 UTC-RXXLD10 Datasheet
126Kb / 10P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com