Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ033EF01SZH Datasheet(PDF) 6 Page - Sharp Corporation

Part # PQ033EF01SZH
Description  TO-220 Type,Low Voltage Operation Low Power-Loss Voltage Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ033EF01SZH Datasheet(HTML) 6 Page - Sharp Corporation

  PQ033EF01SZH Datasheet HTML 1Page - Sharp Corporation PQ033EF01SZH Datasheet HTML 2Page - Sharp Corporation PQ033EF01SZH Datasheet HTML 3Page - Sharp Corporation PQ033EF01SZH Datasheet HTML 4Page - Sharp Corporation PQ033EF01SZH Datasheet HTML 5Page - Sharp Corporation PQ033EF01SZH Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
Sheet No.: OP06048
PQxxxEF01SZH Series
Fig.21 Quiescent Current vs. Junction
Temperature
Fig.22 Ripple Rejection vs. Input Ripple
Frequency
Fig.23 Ripple Rejection vs. Output Current
PQ018EF01SZH
PQ033EF01SZH
PQ025EF01SZH
PQ015EF01SZH
0
1.8
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
-50
25
-25
50
100
75
125
0
IO=0A
VC=2.7V
VIN=2.5V(PQ015EF01SZH)
VIN=2.8V(PQ018EF01SZH)
VIN=3.5V(PQ025EF01SZH)
VIN=4.3V(PQ033EF01SZH)
Junction temperature Tj (°C)
20
0.1
10
1
100
40
80
60
100
PQ015EF01SZH
PQ018EF01SZH
PQ025EF01SZH
PQ033EF01SZH
ei(rms)=0.5V,
VIN=VO(TYP)+2V
IO=0.5A
CO=4.7μF
Tj=25˚C
VC=2.7V
Input ripple frequency f (kHz)
40
0
0.5
1.0
50
60
70
80
90
PQ015EF01SZH
PQ018EF01SZH
PQ033EF01SZH
PQ025EH02ZH
ei(rms)=0.5V,
f=120Hz
VIN=VO(TYP)+2V
CO=4.7μF
Tj=25˚C
VC=2.7V
Output current IO(A)
+
Vo
Load 
1
3
2
4
 Typical Application
VIN
DC input
CO
ON/OFF signal
 
High : Output ON
Low or Open : Output OFF
+


Similar Part No. - PQ033EF01SZH

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ033EF02SZH SHARP-PQ033EF02SZH Datasheet
163Kb / 5P
   TO-220 Type,Low Voltage Operation Low Power-Loss Voltage Regulators
More results

Similar Description - PQ033EF01SZH

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ070XF01SZH SHARP-PQ070XF01SZH Datasheet
151Kb / 4P
   TO-220 Type,Low Voltage Operation Low Power-Loss Voltage Regulators
PQ070XF02SZH SHARP-PQ070XF02SZH Datasheet
150Kb / 4P
   TO-220 Type,Low Voltage Operation Low Power-Loss Voltage Regulators
PQXXXEF02SZH SHARP-PQXXXEF02SZH Datasheet
163Kb / 5P
   TO-220 Type,Low Voltage Operation Low Power-Loss Voltage Regulators
PQXXXEH01ZXH SHARP-PQXXXEH01ZXH Datasheet
188Kb / 6P
   Low Voltage Operation Low Power-Loss Voltage Regulators
PQXXXEZ1HZXH SHARP-PQXXXEZ1HZXH Datasheet
205Kb / 8P
   Low Voltage Operation Low Power-Loss Voltage Regulators
logo
Unisonic Technologies
R15LD10 UTC-R15LD10_10 Datasheet
439Kb / 10P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
logo
Sharp Corporation
PQXXXEH02ZXH SHARP-PQXXXEH02ZXH Datasheet
237Kb / 6P
   Low Voltage Operation Low Power-Loss Voltage Regulators
logo
Unisonic Technologies
RXXLD10 UTC-RXXLD10 Datasheet
126Kb / 10P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
RXXLD10 UTC-RXXLD10_15 Datasheet
453Kb / 11P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
RXXLD10 UTC-RXXLD10_V01 Datasheet
508Kb / 14P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com