Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41857A9226M00 Datasheet(PDF) 10 Page - EPCOS

Part # B41857A9226M00
Description  Single-Ended Capacitors High Reliability
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41857A9226M00 Datasheet(HTML) 10 Page - EPCOS

Back Button B41857A9226M00 Datasheet HTML 4Page - EPCOS B41857A9226M00 Datasheet HTML 5Page - EPCOS B41857A9226M00 Datasheet HTML 6Page - EPCOS B41857A9226M00 Datasheet HTML 7Page - EPCOS B41857A9226M00 Datasheet HTML 8Page - EPCOS B41857A9226M00 Datasheet HTML 9Page - EPCOS B41857A9226M00 Datasheet HTML 10Page - EPCOS B41857A9226M00 Datasheet HTML 11Page - EPCOS B41857A9226M00 Datasheet HTML 12Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
454 10/02
High Reliability – 105 °C
B41857 / B43857
Useful life
depending on ambient temperature
TA under ripple current operating conditions1)
for diameter
≤ 6,3 mm
Useful life
depending on ambient temperature
TA under ripple current operating conditions1)
for diameter = 8 mm
1) Refer to page 40 for an explanation on how to interpret the useful life graphs.
1,0
0
40
50
0,5
90
70
60
80
110
100
T
A
˚C
B41/B43857
R
Ι~
Ι~
1,5
2,0
2,5
3,0
KAL0780-F
1,0
0
40
50
0,5
90
70
60
80
110
100
T
A
˚C
B41/B43857
R
Ι~
Ι~
1,5
2,0
2,5
3,0
KAL0781-N


Similar Part No. - B41857A9226M00

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B4185-E OMRON-B4185-E Datasheet
173Kb / 20P
   SYSDRIVE 3G3HV Series
logo
EPCOS
B41851 EPCOS-B41851 Datasheet
631Kb / 36P
   Aluminum electrolytic capacitors
B41851A2108M000 EPCOS-B41851A2108M000 Datasheet
631Kb / 36P
   Aluminum electrolytic capacitors
B41851A2108M002 EPCOS-B41851A2108M002 Datasheet
631Kb / 36P
   Aluminum electrolytic capacitors
B41851A2108M012 EPCOS-B41851A2108M012 Datasheet
631Kb / 36P
   Aluminum electrolytic capacitors
More results

Similar Description - B41857A9226M00

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41821 EPCOS-B41821 Datasheet
784Kb / 36P
   Single-ended capacitors
B41858 EPCOS-B41858 Datasheet
722Kb / 30P
   Single-ended capacitors
logo
TDK Electronics
B41896 TDK-B41896_15 Datasheet
499Kb / 28P
   Single-ended capacitors
logo
EPCOS
B41889 EPCOS-B41889_08 Datasheet
537Kb / 25P
   Single-ended capacitors
logo
TDK Electronics
B41895 TDK-B41895_15 Datasheet
510Kb / 29P
   Single-ended capacitors
logo
EPCOS
B42822 EPCOS-B42822 Datasheet
105Kb / 9P
   Single-Ended Capacitors
B41853 EPCOS-B41853 Datasheet
643Kb / 24P
   Single-ended capacitors
B41866 EPCOS-B41866 Datasheet
723Kb / 30P
   Single-ended capacitors
B41867 EPCOS-B41867 Datasheet
99Kb / 8P
   Single-Ended Capacitors
B43888 EPCOS-B43888 Datasheet
659Kb / 24P
   Single-ended capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com