Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ015EF02SZH Datasheet(PDF) 2 Page - Sharp Corporation

Part # PQ015EF02SZH
Description  TO-220 Type,Low Voltage Operation Low Power-Loss Voltage Regulators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ015EF02SZH Datasheet(HTML) 2 Page - Sharp Corporation

  PQ015EF02SZH Datasheet HTML 1Page - Sharp Corporation PQ015EF02SZH Datasheet HTML 2Page - Sharp Corporation PQ015EF02SZH Datasheet HTML 3Page - Sharp Corporation PQ015EF02SZH Datasheet HTML 4Page - Sharp Corporation PQ015EF02SZH Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Sheet No.: OP06067
Electrical Characteristics
V
%
dB
Parameter
Output voltage
Load regulation
Line regulation
Ripple rejection
ON-state voltage for control
ON-state current for control
-
Symbol
Conditions
MIN.
MAX.
Unit
2.0
-
0.1
1.0
-
60
RR
200
-
-
-
-
Quiescent current
Output OFF-state dissipation current
Input voltage
Refer to the table below
4
-
-
45
%/°C
-
-
5
-
-
OFF-state voltage for control
12
TYP.
V
0.2
%
-
-
-
2.0
-
V
0.8
-
-
V
OFF-state current for control
2
-
PQxxxEF02SZH Series
(Unless otherwise specified,condition shall be VIN=VO(TYP.)+1V,IO=1A,VC=2.7V,Ta=25°C)
Refer to the table below
VIN
VO
RegL
IO=5mA to 2.0A
RegI
VIN=VO(TYP.)+1V to VO(TYP.)+6V , IO=5mA
Temperature coefficient of output voltage
TCVO
Tj=0 to +125°C, IO=5mA
±0.01
VC(ON)
IC(ON)
VC(OFF)
IC(OFF)
Iq
Iqs
VC=0.4V
IO=0A
IO=0A, VC=0.4V
μA
μA
mA
μA
Dropout voltage
VI-O
IO=2A
0.5
-
V
4
5
Applied to PQ033EF02SZH.
PQ015EF02SZH
PQ018EF02SZH
PQ025EF02SZH
PQ033EF02SZH
VIN
2.35
2.35
3.0
3.8
10
10
10
10
V
Table.1 Input Voltage Range
MIN.
TYP.
MAX.
Unit
-
-
-
-
Conditions
Symbol
Model No.
PQ015EF02SZH
PQ018EF02SZH
PQ025EF02SZH
PQ033EF02SZH
VO
1.45
1.75
2.438
1.55
1.85
2.562
3.382
V
1.5
1.8
2.5
3.3
3.218
Table.2 Output Voltage
MIN.
TYP.
MAX.
Unit
Conditions
Symbol
Model No.
-
6
-
IO=1A, VC=2.7V, Ta=25°C
VIN=VO (TYP.)+1V, IO=1A,
VC=2.7V, Ta=25°C
Fig.1 Test Circuit
A
V
A
A
+
4
2
3
1
Fig.2 Test Circuit of Ripple Rejection
V
+
+
2
3
1
4
f=120Hz (sine wave)
ei(rms)=0.5V
VIN=VO(TYP)+2V
IO=0.3A
RR=20 log(ei(rms)/eo(rms))
+
+
5
-
In case of opening control terminal ④, output voltage turns off.
6
Input voltage shall be the value when output voltage is 95% in comparison with the initial value.
VIN
0.33μF
Iq
VC
IC
47μFVO
IO
RL
ei
VIN
0.33μF
2.7V
VC
IO
47μF
RL
eo


Similar Part No. - PQ015EF02SZH

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ015EF01SZH SHARP-PQ015EF01SZH Datasheet
177Kb / 6P
   TO-220 Type,Low Voltage Operation Low Power-Loss Voltage Regulators
More results

Similar Description - PQ015EF02SZH

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ070XF01SZH SHARP-PQ070XF01SZH Datasheet
151Kb / 4P
   TO-220 Type,Low Voltage Operation Low Power-Loss Voltage Regulators
PQXXXEF01SZH SHARP-PQXXXEF01SZH Datasheet
177Kb / 6P
   TO-220 Type,Low Voltage Operation Low Power-Loss Voltage Regulators
PQ070XF02SZH SHARP-PQ070XF02SZH Datasheet
150Kb / 4P
   TO-220 Type,Low Voltage Operation Low Power-Loss Voltage Regulators
PQXXXEH01ZXH SHARP-PQXXXEH01ZXH Datasheet
188Kb / 6P
   Low Voltage Operation Low Power-Loss Voltage Regulators
PQXXXEZ1HZXH SHARP-PQXXXEZ1HZXH Datasheet
205Kb / 8P
   Low Voltage Operation Low Power-Loss Voltage Regulators
logo
Unisonic Technologies
R15LD10 UTC-R15LD10_10 Datasheet
439Kb / 10P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
logo
Sharp Corporation
PQXXXEH02ZXH SHARP-PQXXXEH02ZXH Datasheet
237Kb / 6P
   Low Voltage Operation Low Power-Loss Voltage Regulators
logo
Unisonic Technologies
RXXLD10 UTC-RXXLD10 Datasheet
126Kb / 10P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
RXXLD10 UTC-RXXLD10_15 Datasheet
453Kb / 11P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
RXXLD10 UTC-RXXLD10_V01 Datasheet
508Kb / 14P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com