Electronic Components Datasheet Search |
|
PQ030EN01ZPH Datasheet(PDF) 7 Page - Sharp Corporation |
|
PQ030EN01ZPH Datasheet(HTML) 7 Page - Sharp Corporation |
7 / 8 page 7 Sheet No.: OP06047 PQxxxEN01ZPH Series 0 10 20 30 0 10 20 30 01 2 3 45 RL=2.5Ω (IO=1A) RL=5Ω (IO=0.5A) RL=∞Ω (IO=0A) VC=2.7V Ta=Room temp. CIN=0.33μF CO=47μF 01 2 3 45 RL=3Ω (IO=1A) RL=6Ω (IO=0.5A) RL=∞Ω (IO=0A) VC=2.7V Ta=Room temp. CIN=0.33μF CO=47μF Fig.22 Circuit Operating Current vs. Input Voltage (PQ025EN01ZPH) Input voltage VIN (V) Fig.23 Circuit Operating Current vs. Input Voltage (PQ030EN01ZPH) Input voltage VIN (V) 0 10 20 30 1.4 1.2 1 0.8 0.6 0.4 0.2 -50 125 100 75 50 25 0 -25 0 01 2 3 45 RL=3.3Ω (IO=1A) RL=6.6Ω (IO=0.5A) RL=∞Ω (IO=0A) VC=2.7V Ta=Room temp. CIN=0.33μF CO=47μF IO =0A VC =2.7V 033:VIN =4.3V 030:VIN =4.0V 018:VIN =2.8V 025:VIN =3.5V 015:VIN =2.5V Fig.24 Circuit Operating Current vs. Input Voltage (PQ033EN01ZPH) Input voltage VIN (V) Fig.25 Quiescent Current vs. Junction Temperature (PQxxxEN01ZPH) Junction temperature Tj (°C) 0 0.25 0.2 0.15 0.1 0.05 -50 125 100 75 50 25 0 -25 PQ033EN01ZPH PQ030EN01ZPH Vo(TYP.)+1V Vc=2.7V Io=0.5A 0.1 1 10 100 35 40 45 50 55 60 65 70 75 ei(rms)=0.5V Vc=2.7V IO=0.3A CO=47μF Ta=Room temp. 015(VIN=3.5V) 018(VIN=3.8V) 033(VIN=5.3V) 030(VIN=5V) 025(VIN=4.5V) Fig.26 Dropout Voltage vs. Junction Temperature (PQ030EN01ZPH,PQ033EN01ZPH) Junction temperature Tj (°C) Fig.27 Ripple Rejection vs. Input Ripple Frequency (PQxxxEN01ZPH) Input ripple frequency f (kHz) |
Similar Part No. - PQ030EN01ZPH |
|
Similar Description - PQ030EN01ZPH |