Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ025EZ1HZPH Datasheet(PDF) 2 Page - Sharp Corporation

Part # PQ025EZ1HZPH
Description  Low Voltage Operation Low Power-Loss Voltage Regulators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ025EZ1HZPH Datasheet(HTML) 2 Page - Sharp Corporation

  PQ025EZ1HZPH Datasheet HTML 1Page - Sharp Corporation PQ025EZ1HZPH Datasheet HTML 2Page - Sharp Corporation PQ025EZ1HZPH Datasheet HTML 3Page - Sharp Corporation PQ025EZ1HZPH Datasheet HTML 4Page - Sharp Corporation PQ025EZ1HZPH Datasheet HTML 5Page - Sharp Corporation PQ025EZ1HZPH Datasheet HTML 6Page - Sharp Corporation PQ025EZ1HZPH Datasheet HTML 7Page - Sharp Corporation PQ025EZ1HZPH Datasheet HTML 8Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Sheet No.: OP06018
Electrical Characteristics
Parameter
Symbol
Conditions
MIN.
MAX.
Unit
Dropout voltage
RR
45
0.2
0.1
60
2.0
1.0
V
V
%
%
dB
2.0
200
0.8
5
V
2
V
mA
2
RegI
RegL
VIN=VO(TYP.)+1V to VO(TYP.)+6V
1.0
VI-O
VC(ON)
IC(ON)
VC(OFF)
IC(OFF)
Iqs
--
μA
μA
--
VC=0.4V
IO=5mA to 1.5A
IO=1.25A
V
IO=0A
1
--
%/°C
--
TCVO
Tj=0 to 125°C, IO=5mA
±0.01
IO=0A, VC=0.4V
VIN
TYP.
Input voltage
Refer to the table 1
Refer to the table 2
Output voltage
VO
Load regulation
Line regulation
Temperature coefficient of output voltage
Ripple Rejection
Refer to Fig.2
4
6
5
ON-state voltage for control
ON-state current for control
OFF-state voltage for control
OFF-state current for control
μA
Quiescent current
Iq
Output OFF-state dissipation current
4
Applied PQ030EZ1HZxH,PQ033EZ1HZxH
Input voltage shall be the value when output voltage is 95% in comparison with the initial value.
5
6
In case of opening control terminal ② , output voltage turns off.
10
10
10
V
V
V
10
V
10
V
3.218
3.3
1.75
1.8
1.45
1.5
2.438
2.5
2.925
VIN
VIN
VIN
VIN
VIN
2.35
2.35
3.0
3.5
3.8
VO
VO
VO
VO
VO
3.0
3.382
1.85
1.55
2.562
3.075
V
V
V
V
V
Model No.
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Model No.
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
PQxxxEZ1HZxH Series
(Unless otherwise specified, condition shall be VIN=VO(TYP.)+1V, IO=0.5A,VC=2.7V, Ta=25˚C)
Table.1 Input Voltage Line-up
(Unless otherwise specified, condition shall be IO=0.5A,VC=2.7V, Ta=25˚C)
PQ015EZ1HZxH
PQ018EZ1HZxH
PQ033EZ1HZxH
PQ030EZ1HZxH
PQ025EZ1HZxH
(Unless otherwise specified, condition shall be VIN=VO(TYP.)+1V, IO=0.5A,VC=2.7V, Ta=25˚C)
PQ015EZ1HZxH
PQ018EZ1HZxH
PQ033EZ1HZxH
PQ030EZ1HZxH
PQ025EZ1HZxH
Table.2 Output Voltage Line-up


Similar Part No. - PQ025EZ1HZPH

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ025EZ01Z SHARP-PQ025EZ01Z Datasheet
1,013Kb / 19P
   DEVICE SPECIFICATION FOR VOLTAGE REGULATOR
PQ025EZ01ZP SHARP-PQ025EZ01ZP Datasheet
1,013Kb / 19P
   DEVICE SPECIFICATION FOR VOLTAGE REGULATOR
PQ025EZ01ZP SHARP-PQ025EZ01ZP Datasheet
128Kb / 11P
   SC-63 Package, Low Voltage Operation Low Power-Loss Voltage Regulators
PQ025EZ01ZP SHARP-PQ025EZ01ZP Datasheet
129Kb / 11P
   SC-63 Package, Low Voltage Operation Low Power-Loss Voltage Regulators
PQ025EZ01ZPH SHARP-PQ025EZ01ZPH Datasheet
262Kb / 10P
   Compact Surface Mount type Low Power-Loss Voltage Regulators
More results

Similar Description - PQ025EZ1HZPH

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQXXXEH01ZXH SHARP-PQXXXEH01ZXH Datasheet
188Kb / 6P
   Low Voltage Operation Low Power-Loss Voltage Regulators
logo
Unisonic Technologies
R15LD10 UTC-R15LD10_10 Datasheet
439Kb / 10P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
logo
Sharp Corporation
PQXXXEH02ZXH SHARP-PQXXXEH02ZXH Datasheet
237Kb / 6P
   Low Voltage Operation Low Power-Loss Voltage Regulators
logo
Unisonic Technologies
RXXLD10 UTC-RXXLD10 Datasheet
126Kb / 10P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
RXXLD10 UTC-RXXLD10_15 Datasheet
453Kb / 11P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
RXXLD10 UTC-RXXLD10_V01 Datasheet
508Kb / 14P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
logo
E-Tech Electronics LTD
RXXLD10 ETL-RXXLD10 Datasheet
439Kb / 10P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
logo
Sharp Corporation
PQXXXFZ5MZ SHARP-PQXXXFZ5MZ Datasheet
119Kb / 10P
   Low Voltage Operation Low Power-Loss Voltage Regulators (SC-63)
PQ070XF01SZH SHARP-PQ070XF01SZH Datasheet
151Kb / 4P
   TO-220 Type,Low Voltage Operation Low Power-Loss Voltage Regulators
PQ015EZ5MZP SHARP-PQ015EZ5MZP Datasheet
128Kb / 11P
   SC-63 Package, Low Voltage Operation Low Power-Loss Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com