Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43508B2158M000 Datasheet(PDF) 11 Page - EPCOS

Part # B43508B2158M000
Description  Aluminum electrolytic capacitors Snap-in capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43508B2158M000 Datasheet(HTML) 11 Page - EPCOS

Back Button B43508B2158M000 Datasheet HTML 7Page - EPCOS B43508B2158M000 Datasheet HTML 8Page - EPCOS B43508B2158M000 Datasheet HTML 9Page - EPCOS B43508B2158M000 Datasheet HTML 10Page - EPCOS B43508B2158M000 Datasheet HTML 11Page - EPCOS B43508B2158M000 Datasheet HTML 12Page - EPCOS B43508B2158M000 Datasheet HTML 13Page - EPCOS B43508B2158M000 Datasheet HTML 14Page - EPCOS B43508B2158M000 Datasheet HTML 15Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
4)
120-Hz conversion factor of ripple current: IAC (120 Hz) = 1.03 IAC (100 Hz)
Technical data and ordering codes
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
Zmax
10 kHz
20
°C
m
IAC,max
100 Hz
60
°C
A
IAC,max
100 Hz
85
°C
A
IAC,R4)
100 Hz
105
°C
A
Ordering code
(composition see
below)
Composition of ordering code
* =
Terminal style
0 = snap-in standard terminals (6.3
±1) mm
2 = snap-in 3 terminals (4.5
1) mm
7 = snap-in short terminals (4.5
1) mm
VR = 450 V DC
270
30
× 35
460
640
3.47
2.59
1.28
B43508B5277M00*
270
35
× 30
460
640
3.55
2.65
1.31
B43508C5277M00*
330
25
× 55
370
530
3.97
2.97
1.47
B43508A5337M00*
330
30
× 40
370
530
4.21
3.15
1.56
B43508B5337M00*
330
35
× 35
370
530
4.06
3.04
1.50
B43508C5337M00*
390
30
× 45
320
450
4.71
3.52
1.74
B43508A5397M00*
390
35
× 35
320
450
4.42
3.30
1.63
B43508B5397M00*
470
30
× 55
260
370
5.42
4.05
2.00
B43508A5477M00*
470
35
× 40
260
370
5.00
3.74
1.85
B43508B5477M00*
560
35
× 45
220
310
5.62
4.20
2.08
B43508A5567M00*
680
35
× 55
180
260
6.50
4.86
2.40
B43508A5687M00*
B43508
Ultra compact
105
°C
Page 11 of 17
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43508B2158M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43508B2158M000 EPCOS-B43508B2158M000 Datasheet
1,016Kb / 20P
   Aluminum electrolytic capacitors
More results

Similar Description - B43508B2158M000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43509 TDK-B43509 Datasheet
621Kb / 20P
   Aluminum electrolytic capacitors Snap-in capacitors
B41252 TDK-B41252 Datasheet
377Kb / 24P
   Aluminum electrolytic capacitors Snap-in capacitors
B41231 TDK-B41231 Datasheet
373Kb / 24P
   Aluminum electrolytic capacitors Snap-in capacitors
B41505 TDK-B41505 Datasheet
352Kb / 17P
   Aluminum electrolytic capacitors Snap-in capacitors
logo
RUBYCON CORPORATION
HFG RUBYCON-HFG Datasheet
167Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
NXG RUBYCON-NXG Datasheet
167Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
USH RUBYCON-USH_15 Datasheet
143Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
FXC RUBYCON-FXC Datasheet
155Kb / 1P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
200VXH2200MEFCSN35X50 RUBYCON-200VXH2200MEFCSN35X50 Datasheet
164Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
350MXG220MEFCSN22X35 RUBYCON-350MXG220MEFCSN22X35 Datasheet
198Kb / 4P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com