Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MH4S72CMA-12 Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # MH4S72CMA-12
Description  301989888-BIT (4194304-WORD BY 72-BIT)SynchronousDRAM
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MH4S72CMA-12 Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  MH4S72CMA-12 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MH4S72CMA-12 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MH4S72CMA-12 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MH4S72CMA-12 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MH4S72CMA-12 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MH4S72CMA-12 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MH4S72CMA-12 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MH4S72CMA-12 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MH4S72CMA-12 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
MH4S72CMA-10,-12,-15
301989888-BIT (4194304-WORD BY 72-BIT)SynchronousDRAM
MITSUBISHI LSIs
(
/ 47 )
MITSUBISHI
ELECTRIC
28.Mar.1997
Preliminary Spec.
Some contents are subject to change without notice.
MIT-DS-0090-3.0
5
Serial Presence Detect Table
29
RAS to CAS Delay Min
-10
30ns
1E
-12
30ns
1E
-15
30ns
1E
30
Active to Precharge Min
-10
60ns
3C
-12
70ns
46
-15
80ns
50
31
Density of each bank on module
32MByte
08
32-61
Superset Information (may be used in future)
option
00
62
SPD Revision
rev 1
01
63
Checksum for bytes 0-62
Check sum for -10
AE
Check sum for -12
E1
Check sum for -15
81
64-71
Manufactures Jedec ID code per JEP-108E
MITSUBISHI
1CFFFFFFFFFFFFFF
72
Manufacturing location
Miyoshi,Japan
01
Tajima,Japan
02
NC,USA
03
Germany
04
73-90
Manufactures Part Number
MH4S72CMA-10
4D4834533732434D412D3130202020202020
MH4S72CMA-12
4D4834533732434D412D3132202020202020
MH4S72CMA-15
4D4834533732434D412D3135202020202020
91-92
Revision Code
PCB revision
rrrr
93-94
Manufacturing date
year/week code
yyww
95-98
Assembly Serial Number
serial number
ssssssss
99-125
Manufacture Specific Data
option
00
126
Intetl specification frequency
66MHz
66
127
Intel specification CAS# Latency support
CL=3: 04H, CL=2/3: 06H
06
128+
Unused storage locations
open
00


Similar Part No. - MH4S72CMA-12

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH4S72BLG-10 MITSUBISHI-MH4S72BLG-10 Datasheet
587Kb / 55P
   301989888-BIT (4194304 - WORD BY 72-BIT)SynchronousDRAM
MH4S72BLG-7 MITSUBISHI-MH4S72BLG-7 Datasheet
587Kb / 55P
   301989888-BIT (4194304 - WORD BY 72-BIT)SynchronousDRAM
MH4S72BLG-8 MITSUBISHI-MH4S72BLG-8 Datasheet
587Kb / 55P
   301989888-BIT (4194304 - WORD BY 72-BIT)SynchronousDRAM
More results

Similar Description - MH4S72CMA-12

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH4S72BLG-7 MITSUBISHI-MH4S72BLG-7 Datasheet
587Kb / 55P
   301989888-BIT (4194304 - WORD BY 72-BIT)SynchronousDRAM
MH4S64DBKG-7 MITSUBISHI-MH4S64DBKG-7 Datasheet
681Kb / 55P
   268435456-BIT (4194304 - WORD BY 64-BIT)SynchronousDRAM
MH4V724AWXJ-5 MITSUBISHI-MH4V724AWXJ-5 Datasheet
174Kb / 20P
   FAST PAGE MODE 301989888 - BIT ( 4194304 - WORD BY 72 - BIT ) DYNAMIC RAM
MH4S64BKG-10 MITSUBISHI-MH4S64BKG-10 Datasheet
572Kb / 55P
   268435456-BIT (4194304 - WORD BY 64-BIT)SynchronousDRAM
MH4S64CBMD-10 MITSUBISHI-MH4S64CBMD-10 Datasheet
708Kb / 47P
   268435456-BIT (4194304-WORD BY 64-BIT)SynchronousDRAM
MH4S64CWZTJ-12 MITSUBISHI-MH4S64CWZTJ-12 Datasheet
678Kb / 44P
   268435456-BIT (4194304-WORD BY 64-BIT)SynchronousDRAM
MH4S64BBKG-7 MITSUBISHI-MH4S64BBKG-7 Datasheet
576Kb / 55P
   268435456-BIT (4194304 - WORD BY 64-BIT)SynchronousDRAM
MH4S64BLG-7 MITSUBISHI-MH4S64BLG-7 Datasheet
586Kb / 55P
   268435456-BIT (4194304 - WORD BY 64-BIT)SynchronousDRAM
MH4S64CZTJ-12 MITSUBISHI-MH4S64CZTJ-12 Datasheet
706Kb / 45P
   268435456-BIT (4194304-WORD BY 64-BIT)SynchronousDRAM
MH8S72PHC-7 MITSUBISHI-MH8S72PHC-7 Datasheet
589Kb / 55P
   603979776-BIT (8388608 - WORD BY 72-BIT)SynchronousDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com