Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQXXXGN1HZPH Datasheet(PDF) 2 Page - Sharp Corporation

Part # PQXXXGN1HZPH
Description  Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQXXXGN1HZPH Datasheet(HTML) 2 Page - Sharp Corporation

  PQXXXGN1HZPH Datasheet HTML 1Page - Sharp Corporation PQXXXGN1HZPH Datasheet HTML 2Page - Sharp Corporation PQXXXGN1HZPH Datasheet HTML 3Page - Sharp Corporation PQXXXGN1HZPH Datasheet HTML 4Page - Sharp Corporation PQXXXGN1HZPH Datasheet HTML 5Page - Sharp Corporation PQXXXGN1HZPH Datasheet HTML 6Page - Sharp Corporation PQXXXGN1HZPH Datasheet HTML 7Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Sheet No.: OP06070
Electrical Characteristics
V
dB
Parameter
Output voltage
Load regulation
Line regulation
Ripple rejection
-
Symbol
Conditions
MIN.
MAX.
Unit
-
0.3
1.0
-
±0.5
RR2
2
-
-
Input voltage
Refer to the following table.1
-
%
-
Refer to Fig.3
-
1.5
TYP.
V
%
-
-
PQxxxGN1HZPH Series
(Unless otherwise specified,condition shall be VIN=1.8V,VB=3.3V,IO=0.5A,Ta=25°C)
VIN
VO
RegL
IO=5mA to 1.5A
RegI
VIN=1.7V to 5.5V,VB=2.35 to 7V , IO=5mA
Temperature coefficient of output voltage
TCVO
Tj=0 to +125°C, IO=5mA
0.3
IB
mA
Bias inflow current
53
-
60
Table.1 Output Voltage
(Unless otherwise specified,condition shall be VIN=1.8V,VB=3.3V,IO=0.5A,VC=2.7V,Ta=25°C)
1.7
-
5.5
2.35
-
7
Bias supply voltage
VB
-
V
1.0
%
RR1
Refer to Fig.2
dB
-
A
3
5
1
V
VIN
1μF
10μF
VO
IO
RL
2
A
VB
IB
1μF
ei
eo
~
VIN
3
5
1
1μF
10μF
IO
RL
2
VB
1μF
1.8V
3.3V
+
V
~
Fig.1 Test Circuit
Fig.2 Test Circuit for Ripple Rejection (1)
f=120Hz(sine wave)
ei(rms)=0.1V
VIN=1.8V
VB=3.3V
IO=0.3A
RR=20log(ei(rms)/eo(rms))
MIN.
TYP.
MAX.
Unit
Conditions
Symbol
Model No.
PQ008GN1HZPH
PQ010GN1HZPH
PQ012GN1HZPH
VO
0.77
0.97
1.07
0.83
1.03
1.23
V
0.8
1
1.2


Similar Part No. - PQXXXGN1HZPH

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQXXXGN01ZPH SHARP-PQXXXGN01ZPH Datasheet
191Kb / 9P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
More results

Similar Description - PQXXXGN1HZPH

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQXXXEN01ZPH SHARP-PQXXXEN01ZPH Datasheet
188Kb / 8P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
PQXXXGN01ZPH SHARP-PQXXXGN01ZPH Datasheet
191Kb / 9P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ015ENAHZPH SHARP-PQ015ENAHZPH Datasheet
147Kb / 5P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ070XNA1ZPH SHARP-PQ070XNA1ZPH Datasheet
142Kb / 5P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ070XN01ZPH SHARP-PQ070XN01ZPH Datasheet
140Kb / 5P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
PQXXXENA1ZPH SHARP-PQXXXENA1ZPH Datasheet
180Kb / 7P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ1LA153MSPQ SHARP-PQ1LA153MSPQ Datasheet
133Kb / 4P
   Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ200WNA1ZPH SHARP-PQ200WNA1ZPH Datasheet
146Kb / 5P
   Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ1KAXX3MZPH SHARP-PQ1KAXX3MZPH Datasheet
138Kb / 4P
   Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ200WN3MZPH SHARP-PQ200WN3MZPH Datasheet
152Kb / 6P
   Compact Surface Mount type Low Power-Loss Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com