Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ010FZ01ZZ Datasheet(PDF) 9 Page - Sharp Corporation

Part # PQ010FZ01ZZ
Description  Low Voltage Operation Low Power-Loss Voltage Regulators (SC-63)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ010FZ01ZZ Datasheet(HTML) 9 Page - Sharp Corporation

Back Button PQ010FZ01ZZ Datasheet HTML 2Page - Sharp Corporation PQ010FZ01ZZ Datasheet HTML 3Page - Sharp Corporation PQ010FZ01ZZ Datasheet HTML 4Page - Sharp Corporation PQ010FZ01ZZ Datasheet HTML 5Page - Sharp Corporation PQ010FZ01ZZ Datasheet HTML 6Page - Sharp Corporation PQ010FZ01ZZ Datasheet HTML 7Page - Sharp Corporation PQ010FZ01ZZ Datasheet HTML 8Page - Sharp Corporation PQ010FZ01ZZ Datasheet HTML 9Page - Sharp Corporation PQ010FZ01ZZ Datasheet HTML 10Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Low Power-Loss Voltage Regulators
PQxxxFZ5MZ Series/PQxxxFZ01Z Series
Fig.34 Typical Application
Fig.35 Power Dissipation vs. Ambient
Temperature (Typical Value)
1
3
2
5
4
VO
VIN
CIN
DC input
CO
+
Load
ON/OFF signal
High:Output ON
Low or open:Output OFF
VB
0
1
2
3
–20
0
20
40
60
80
Cu area 740mm2
Cu area 100mm2
Cu area 180mm2
Cu area 70mm2
Cu area 36mm2
Ambient temperature Ta (
°C)
Material
: Glass-cloth epoxy resin
Size
: 50
×50×1.6mm
Cu thickness : 35
µm
PWB
PWB
Cu


Similar Part No. - PQ010FZ01ZZ

ManufacturerPart #DatasheetDescription
logo
Pico Technology Ltd.
PQ010 PICO-PQ010 Datasheet
5Mb / 27P
   Ultra-compact PC oscilloscopes
2021
logo
Sharp Corporation
PQ010GN01ZPH SHARP-PQ010GN01ZPH Datasheet
191Kb / 9P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ010GN1HZPH SHARP-PQ010GN1HZPH Datasheet
165Kb / 7P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
More results

Similar Description - PQ010FZ01ZZ

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ015EZ5MZP SHARP-PQ015EZ5MZP Datasheet
128Kb / 11P
   SC-63 Package, Low Voltage Operation Low Power-Loss Voltage Regulators
PQ015YZ5MZ SHARP-PQ015YZ5MZ Datasheet
99Kb / 8P
   Low Voltage Operation, Low Power-Loss Voltage Regulators (SC-63 Package)
PQXXXEZ5MZ SHARP-PQXXXEZ5MZ Datasheet
129Kb / 11P
   SC-63 Package, Low Voltage Operation Low Power-Loss Voltage Regulators
PQ070XZ5MZ SHARP-PQ070XZ5MZ Datasheet
89Kb / 8P
   SC-63 Package, Low Voltage Operation Low Power-loss Voltage Regulator
PQXXXEH01ZXH SHARP-PQXXXEH01ZXH Datasheet
188Kb / 6P
   Low Voltage Operation Low Power-Loss Voltage Regulators
PQXXXEZ1HZXH SHARP-PQXXXEZ1HZXH Datasheet
205Kb / 8P
   Low Voltage Operation Low Power-Loss Voltage Regulators
logo
Unisonic Technologies
R15LD10 UTC-R15LD10_10 Datasheet
439Kb / 10P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
logo
Sharp Corporation
PQXXXEH02ZXH SHARP-PQXXXEH02ZXH Datasheet
237Kb / 6P
   Low Voltage Operation Low Power-Loss Voltage Regulators
logo
Unisonic Technologies
RXXLD10 UTC-RXXLD10 Datasheet
126Kb / 10P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
RXXLD10 UTC-RXXLD10_15 Datasheet
453Kb / 11P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com