Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ033EZ01ZPH Datasheet(PDF) 9 Page - Sharp Corporation

Part # PQ033EZ01ZPH
Description  Compact Surface Mount type Low Power-Loss Voltage Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ033EZ01ZPH Datasheet(HTML) 9 Page - Sharp Corporation

Back Button PQ033EZ01ZPH Datasheet HTML 2Page - Sharp Corporation PQ033EZ01ZPH Datasheet HTML 3Page - Sharp Corporation PQ033EZ01ZPH Datasheet HTML 4Page - Sharp Corporation PQ033EZ01ZPH Datasheet HTML 5Page - Sharp Corporation PQ033EZ01ZPH Datasheet HTML 6Page - Sharp Corporation PQ033EZ01ZPH Datasheet HTML 7Page - Sharp Corporation PQ033EZ01ZPH Datasheet HTML 8Page - Sharp Corporation PQ033EZ01ZPH Datasheet HTML 9Page - Sharp Corporation PQ033EZ01ZPH Datasheet HTML 10Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
Sheet No.: OP06021
PQxxxEZ5MZxH Series/PQxxxEZ01ZxH Series
Fig.35 Circuit Operating Current vs. Input
Voltage (PQ018EZ01ZxH)
Input voltage VIN (V)
Fig.36 Circuit Operating Current vs. Input
Voltage (PQ025EZ01ZxH)
Input voltage VIN (V)
Fig.37 Circuit Operating Current vs. Input
Voltage (PQ030EZ01ZxH)
Input voltage VIN (V)
Fig.38 Circuit Operating Current vs. Input
Voltage (PQ033EZ01ZxH)
Input voltage VIN (V)
0
10
20
05 3
4
2
1
V C=2.7V
Ta=Room temp.
CIN=0.33 F
CO=47 F
RL=1.8 (IO=1A)
RL=3.6 (IO=0.5A)
RL
(IO=0A)
0
10
20
30
05 3
4
2
1
V C=2.7V
Ta=Room temp.
CIN=0.33 F
CO=47 F
RL=2.5 (IO=1A)
RL=5 (IO=0.5A)
RL
(IO=0A)
0
10
20
30
05 3
4
2
1
V C=2.7V
Ta=Room temp.
CIN=0.33 F
CO=47 F
RL
(IO=0A)
RL=3 (IO=1A)
RL=6
(IO=0.5A)
0
10
20
30
05 3
4
2
1
V C=2.7V
Ta=Room temp.
CIN=0.33 F
CO=47 F
RL
(IO=0A)
RL=3.3 (IO=1A)
RL=6.6 (IO=0.5A)
1.4
1.2
1
0.8
0.6
0.4
0.2
50
125
100
75
50
25
0
25
0
IO=0A
V C=2.7V
015
:V IN=2.5V
018
:V IN=2.8V
025
:V IN=3.5V
030
:V IN=4.0V
033
:V IN=4.3V
0
0.25
0.2
0.15
0.1
0.05
50
25
0
25
50
75
100
125
V IN=2.35V
V C=2.7V
:IO=0.5A
:
IO=0.5A
:IO=0.3A
:IO=0.3A
P Q 030EZ5MZxH
P Q 033EZ5MZxH
P Q 033EZ01ZxH
P Q 030EZ01ZxH
P Q xxxEZ01ZxH
P Q xxxEZ5MZxH
Fig.39 Quiescent Current vs. Junction
Temperature
Junction temperature Tj (°C)
Fig.40 Dropout Voltage vs. Junction
Temperature
Junction temperature Tj (°C)


Similar Part No. - PQ033EZ01ZPH

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ033EZ01ZP SHARP-PQ033EZ01ZP Datasheet
1,013Kb / 19P
   DEVICE SPECIFICATION FOR VOLTAGE REGULATOR
PQ033EZ01ZP SHARP-PQ033EZ01ZP Datasheet
128Kb / 11P
   SC-63 Package, Low Voltage Operation Low Power-Loss Voltage Regulators
PQ033EZ01ZP SHARP-PQ033EZ01ZP Datasheet
129Kb / 11P
   SC-63 Package, Low Voltage Operation Low Power-Loss Voltage Regulators
More results

Similar Description - PQ033EZ01ZPH

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ1LA153MSPQ SHARP-PQ1LA153MSPQ Datasheet
133Kb / 4P
   Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ200WNA1ZPH SHARP-PQ200WNA1ZPH Datasheet
146Kb / 5P
   Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ1KAXX3MZPH SHARP-PQ1KAXX3MZPH Datasheet
138Kb / 4P
   Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ200WN3MZPH SHARP-PQ200WN3MZPH Datasheet
152Kb / 6P
   Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ1LAX95MSPQ SHARP-PQ1LAX95MSPQ Datasheet
145Kb / 4P
   Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ1MXX5M2SPQ SHARP-PQ1MXX5M2SPQ Datasheet
152Kb / 4P
   Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQXXXDNA1ZPH SHARP-PQXXXDNA1ZPH Datasheet
172Kb / 6P
   Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ1LAXX3MSPQ SHARP-PQ1LAXX3MSPQ Datasheet
136Kb / 4P
   Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQXXXEN01ZPH SHARP-PQXXXEN01ZPH Datasheet
188Kb / 8P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
PQXXXGN01ZPH SHARP-PQXXXGN01ZPH Datasheet
191Kb / 9P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com