Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9650M Datasheet(PDF) 2 Page - EPCOS

Part # X9650M
Description  Bandpass Filter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

X9650M Datasheet(HTML) 2 Page - EPCOS

  X9650M Datasheet HTML 1Page - EPCOS X9650M Datasheet HTML 2Page - EPCOS X9650M Datasheet HTML 3Page - EPCOS X9650M Datasheet HTML 4Page - EPCOS X9650M Datasheet HTML 5Page - EPCOS X9650M Datasheet HTML 6Page - EPCOS X9650M Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Mar 31, 2006
SAW Components
X 9650 M
44,00 MHz
Bandpass Filter
Data Sheet
Plastic package SIP5K
Standard
s
DVB-DAVIC
Features
s
Bandpass filter for digital cable TV with two
channels
s
Channel 1: 3dB bandwidth 1,8 MHz
s
Channel 2: 3dB bandwidth 1,1 MHz
s
Constant group delay
Terminals
s
Tinned CuFe alloy
Pin configuration
1
Input
2
Switching input
3
Chip carrier - ground
4
Output
5
Output
Type
Ordering code
Marking and package
according to
Packing
according to
X 9650 M
B39440-X9650-M100
C61157-A1-A15
F61074-V8067-Z000
Maximum ratings
Operable temperature range
TA
–25/+65
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
5
V
between any terminals
AC voltage
Vpp
10
V
between any terminals
Dimensions in mm, approx. weight 1,0 g


Similar Part No. - X9650M

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X96010 INTERSIL-X96010 Datasheet
372Kb / 26P
   Sensor Conditioner with Dual Look Up Table Memory and DACs
logo
Renesas Technology Corp
X96010 RENESAS-X96010 Datasheet
438Kb / 26P
   Sensor Conditioner with Dual Look Up Table Memory and DACs
October 25, 2005
logo
Intersil Corporation
X96010V14I INTERSIL-X96010V14I Datasheet
372Kb / 26P
   Sensor Conditioner with Dual Look Up Table Memory and DACs
logo
Renesas Technology Corp
X96010V14I RENESAS-X96010V14I Datasheet
438Kb / 26P
   Sensor Conditioner with Dual Look Up Table Memory and DACs
October 25, 2005
logo
Intersil Corporation
X96010V14IZ INTERSIL-X96010V14IZ Datasheet
372Kb / 26P
   Sensor Conditioner with Dual Look Up Table Memory and DACs
More results

Similar Description - X9650M

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF6007 XFMRS-XF6007_15 Datasheet
76Kb / 1P
   BANDPASS FILTER
logo
KR Electronics, Inc.
1905A-1 KR-1905A-1 Datasheet
21Kb / 1P
   Bandpass Filter
logo
PCA ELECTRONICS INC.
EPB5162G PCA-EPB5162G Datasheet
18Kb / 1P
   Bandpass Filter
logo
XFMRS Inc.
XF6003 XFMRS-XF6003 Datasheet
42Kb / 1P
   BANDPASS FILTER
XF6006S XFMRS-XF6006S Datasheet
67Kb / 2P
   BANDPASS FILTER
XFVDSLCO1 XFMRS-XFVDSLCO1 Datasheet
62Kb / 1P
   BANDPASS FILTER
XFVDSLCPE1 XFMRS-XFVDSLCPE1 Datasheet
62Kb / 1P
   BANDPASS FILTER
logo
Integrated Technology F...
250457B ITF-250457B Datasheet
196Kb / 5P
   Bandpass Filter
logo
KR Electronics, Inc.
2157-17.25-5-50 KR-2157-17.25-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-20-5-50 KR-2157-20-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-51.75-5-50 KR-2157-51.75-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com