Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMV1500HD Datasheet(PDF) 7 Page - STMicroelectronics

Part # DMV1500HD
Description  DAMPER MODULATION DIODE FOR CRT TV
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DMV1500HD Datasheet(HTML) 7 Page - STMicroelectronics

  DMV1500HD Datasheet HTML 1Page - STMicroelectronics DMV1500HD Datasheet HTML 2Page - STMicroelectronics DMV1500HD Datasheet HTML 3Page - STMicroelectronics DMV1500HD Datasheet HTML 4Page - STMicroelectronics DMV1500HD Datasheet HTML 5Page - STMicroelectronics DMV1500HD Datasheet HTML 6Page - STMicroelectronics DMV1500HD Datasheet HTML 7Page - STMicroelectronics DMV1500HD Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
DMV1500HD
7/8
Figure 19: TO-220FPAB Package Mechanical Data
Table 8: Ordering Information
Part Number
Marking
Package
Weight
Base qty
Delivery
mode
DMV1500HDFD
DMV1500HD
TO-220FPAB
2.4 g
50
Tube
DMV1500HDFD6
DMV1500HD
TO-220FPAB F6
2.4 g
45
Tube
Table 9: Revision History
Date
Revision
Description of Changes
16-Mar-2005
1
First issue
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.4
4.9
0.173
0.192
B
2.5
2.9
0.098
0.114
D
2.45
2.75
0.096
0.108
E
0.4
0.7
0.016
0.027
F
0.6
1
0.024
0.039
F1
1.15
1.7
0.045
0.067
F2
1.15
1.7
0.045
0.067
G
4.95
5.2
0.195
0.205
G1
2.4
2.7
0.094
0.106
H
10
10.7
0.393
0.421
L2
16 Typ.
0.630 Typ.
L3
28.6
30.6
1.126
1.205
L4
9.8
10.7
0.385
0.421
L6
15.8
16.4
0.622
0.646
L7
9
9.9
0.354
0.390
Dia.
2.9
3.5
0.114
0.138


Similar Part No. - DMV1500HD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DMV1500H STMICROELECTRONICS-DMV1500H Datasheet
86Kb / 8P
   DAMPER MODULATION DIODE FOR VIDEO
DMV1500HFD STMICROELECTRONICS-DMV1500HFD Datasheet
86Kb / 8P
   DAMPER MODULATION DIODE FOR VIDEO
DMV1500HFD5 STMICROELECTRONICS-DMV1500HFD5 Datasheet
86Kb / 8P
   DAMPER MODULATION DIODE FOR VIDEO
More results

Similar Description - DMV1500HD

ManufacturerPart #DatasheetDescription
logo
Sanken electric
FMV-3FU SANKEN-FMV-3FU Datasheet
26Kb / 1P
   Damper Diode (Diode modulation for TV)
logo
STMicroelectronics
DMV1500M STMICROELECTRONICS-DMV1500M Datasheet
73Kb / 9P
   DAMPER MODULATION DIODE FOR VIDEO
logo
Fairchild Semiconductor
FFAF60A150DS FAIRCHILD-FFAF60A150DS Datasheet
138Kb / 6P
   MODULATION DAMPER DIODE
logo
STMicroelectronics
DMV1500H STMICROELECTRONICS-DMV1500H Datasheet
86Kb / 8P
   DAMPER MODULATION DIODE FOR VIDEO
DMV STMICROELECTRONICS-DMV Datasheet
114Kb / 9P
   DAMPER MODULATION DIODE FOR VIDEO
DMV1500L STMICROELECTRONICS-DMV1500L Datasheet
87Kb / 9P
   DAMPER MODULATION DIODE FOR VIDEO
DMV1500M STMICROELECTRONICS-DMV1500M_04 Datasheet
90Kb / 8P
   DAMPER MODULATION DIODE FOR VIDEO
DMV1500SD STMICROELECTRONICS-DMV1500SD Datasheet
90Kb / 8P
   DAMPER MODULATION DIODE FOR VIDEO
logo
Fairchild Semiconductor
FFPF60B150DS FAIRCHILD-FFPF60B150DS Datasheet
56Kb / 6P
   DAMPER MODULATION DIODE
logo
Sanken electric
FMP-3FU SANKEN-FMP-3FU Datasheet
33Kb / 2P
   Damper diode (Diode modulation for Displays)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com