Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS89C420 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS89C420
Description  Ultra-High-Speed Microcontroller
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS89C420 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS89C420_05 Datasheet HTML 5Page - Maxim Integrated Products DS89C420_05 Datasheet HTML 6Page - Maxim Integrated Products DS89C420_05 Datasheet HTML 7Page - Maxim Integrated Products DS89C420_05 Datasheet HTML 8Page - Maxim Integrated Products DS89C420_05 Datasheet HTML 9Page - Maxim Integrated Products DS89C420_05 Datasheet HTML 10Page - Maxim Integrated Products DS89C420_05 Datasheet HTML 11Page - Maxim Integrated Products DS89C420_05 Datasheet HTML 12Page - Maxim Integrated Products DS89C420_05 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
DS89C420 Ultra-High-Speed Microcontroller
9 of 47
EXTERNAL CLOCK CHARACTERISTICS
(VCC = 4.5V to 5.5V; TA = -40°C to +85°C.)*
PARAMETER
SYMBOL
MIN
MAX
UNITS
Clock High Time
tCHCX
10
ns
Clock Low Time
tCLCX
10
ns
Clock Rise Time
tCLCH
5
ns
Clock Fall Time
tCHCL
5
ns
SERIAL PORT MODE 0 TIMING CHARACTERISTICS
(VCC = 4.5V to 5.5V; TA = -40°C to +85°C.)* (Figure 4)
33MHz
VARIABLE
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
MIN
MAX
UNITS
SM2 = 0
360
12tCLCL
Clock Cycle Time
tXLXL
SM2 = 1
120
4tCLCL
ns
SM2 = 0
200
10tCLCL -
100
Output Data Setup to
Clock Rising
tQVXH
SM2 = 1
40
3tCLCL -
10
ns
SM2 = 0
50
2tCLCL -
10
Output Data Hold to Clock
Rising
tXHQX
SM2 = 1
20
tCLCL -
100
ns
SM2 = 0
0
0
Input Data Hold after
Clock Rising
tXHDX
SM2 = 1
0
0
ns
SM2 = 0
200
10tCLCL -
100
Clock Rising Edge to Input
Data Valid
tXHDV
SM2 = 1
40
3tCLCL -
50
ns
Note: SM2 is the serial port 0, mode bit 2. When serial port 0 is operating in mode 0 (SM0 = SM1 = 0), SM2 determines the number of crystal
clocks in a serial-port clock cycle.
*Specifications to -40°C are guaranteed by design and not production tested.


Similar Part No. - DS89C420_05

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS89C420 MAXIM-DS89C420_02 Datasheet
669Kb / 58P
   Ultra-High-Speed Microcontroller
051302
More results

Similar Description - DS89C420_05

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS89C420 DALLAS-DS89C420 Datasheet
539Kb / 59P
   Ultra-High-Speed Microcontroller
logo
Maxim Integrated Produc...
DS89C420 MAXIM-DS89C420_02 Datasheet
669Kb / 58P
   Ultra-High-Speed Microcontroller
051302
DS89C420-QCL MAXIM-DS89C420-QCL Datasheet
6Mb / 139P
   Ultra-High-Speed Flash Microcontroller User?셲 Guide
2004
logo
Dallas Semiconductor
DS80C310 DALLAS-DS80C310_09 Datasheet
382Kb / 22P
   High-Speed Microcontroller
logo
Maxim Integrated Produc...
DS80C310 MAXIM-DS80C310 Datasheet
382Kb / 22P
   High-Speed Microcontroller
19-4859 ; Rev 8/09
logo
Dallas Semiconductor
DS5240 DALLAS-DS5240 Datasheet
43Kb / 3P
   High-Speed Secure Microcontroller
DS5250 DALLAS-DS5250_04 Datasheet
123Kb / 3P
   High-Speed Secure Microcontroller
DS5250-DS5250F DALLAS-DS5250-DS5250F Datasheet
123Kb / 3P
   High-Speed Secure Microcontroller
DS80C320-MCG DALLAS-DS80C320-MCG Datasheet
1Mb / 175P
   High-Speed Microcontroller User Guide
logo
List of Unclassifed Man...
KL5C80A12 ETC-KL5C80A12 Datasheet
252Kb / 1P
   Z80 COMPATIBLE HIGH SPEED MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com