Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX84C8V2 Datasheet(PDF) 2 Page - Won-Top Electronics

Part # BZX84C8V2
Description  350mW SURFACE MOUNT ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

BZX84C8V2 Datasheet(HTML) 2 Page - Won-Top Electronics

  BZX84C8V2 Datasheet HTML 1Page - Won-Top Electronics BZX84C8V2 Datasheet HTML 2Page - Won-Top Electronics BZX84C8V2 Datasheet HTML 3Page - Won-Top Electronics BZX84C8V2 Datasheet HTML 4Page - Won-Top Electronics BZX84C8V2 Datasheet HTML 5Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BZX84C2V4 – BZX84C51
2 of 5
© 2006 Won-Top Electronics
Electrical Characteristics @T
A=25°C unless otherwise specified
Zener Voltage Range
(Note 2)
Maximum Zener Impedance
(Note 3)
Max Reverse
Leakage Current
VZ @ IZT
ZZT @ IZT
ZZK @ IZK
IR
@ VR
Temp.
Coefficient of
Zener Voltage
@ IZT
mV / °C
Type
Number
(Note 1)
Device
Marking
Code
Nom (V)
Min (V)
Max (V)
(



)(mA)
(



)(mA)
(µA)
(V)
Min
Max
BZX84C2V4
BZX84C2V7
BZX84C3
BZX84C3V3
W1
W2
W3
W4
2.4
2.7
3.0
3.3
2.28
2.57
2.85
3.14
2.52
2.84
3.15
3.47
100
100
95
95
5.0
5.0
5.0
5.0
600
600
600
600
1.0
1.0
1.0
1.0
50
20
10
5.0
1.0
1.0
1.0
1.0
-3.5
-3.5
-3.5
-3.5
0
0
0
0
BZX84C3V6
BZX84C3V9
BZX84C4V3
BZX84C4V7
W5
W6
W7
W8
3.6
3.9
4.3
4.7
3.42
3.71
4.09
4.47
3.78
4.10
4.52
4.94
90
90
90
80
5.0
5.0
5.0
5.0
600
600
600
500
1.0
1.0
1.0
1.0
5.0
3.0
3.0
3.0
1.0
1.0
1.0
2.0
-3.5
-3.5
-3.5
-3.5
0
0
0
0.2
BZX84C5V1
BZX84C5V6
BZX84C6V2
BZX84C6V8
W9
WA
WB
WC
5.1
5.6
6.2
6.8
4.85
5.32
5.89
6.46
5.36
5.88
6.51
7.14
60
40
10
15
5.0
5.0
5.0
5.0
480
400
150
80
1.0
1.0
1.0
1.0
2.0
1.0
3.0
2.0
2.0
2.0
4.0
4.0
-2.7
-2.0
0.4
1.2
1.2
2.5
3.7
4.5
BZX84C7V5
BZX84C8V2
BZX84C9V1
BZX84C10
WD
WE
WF
WG
7.5
8.2
9.1
10
7.13
7.79
8.65
9.50
7.88
8.61
9.56
10.50
15
15
15
20
5.0
5.0
5.0
5.0
80
80
100
150
1.0
1.0
1.0
1.0
1.0
0.7
0.5
0.2
5.0
5.0
6.0
7.0
2.5
3.2
3.8
4.5
5.3
6.2
7.0
8.0
BZX84C11
BZX84C12
BZX84C13
BZX84C15
WH
WI
WK
WL
11
12
13
15
10.45
11.40
12.35
14.25
11.55
12.60
13.65
15.75
20
25
30
30
5.0
5.0
5.0
5.0
150
150
170
200
1.0
1.0
1.0
1.0
0.1
0.1
0.1
0.1
8.0
8.0
8.0
10.5
5.4
6.0
7.0
9.2
9.0
10
11
13
BZX84C16
BZX84C18
BZX84C20
BZX84C22
WM
WN
WO
WP
16
18
20
22
15.20
17.10
19.00
20.90
16.80
18.90
21.00
23.10
40
45
55
55
5.0
5.0
5.0
5.0
200
225
225
250
1.0
1.0
1.0
1.0
0.1
0.1
0.1
0.1
11.2
12.6
14
15.4
10.4
12.4
14.4
16.4
14
16
18
20
BZX84C24
BZX84C27
BZX84C30
BZX84C33
WR
WS
WT
WU
24
27
30
33
22.80
25.65
28.50
31.35
25.20
28.35
31.50
34.65
70
80
80
80
5.0
5.0
5.0
5.0
250
300
300
325
1.0
1.0
1.0
1.0
0.1
0.1
0.1
0.1
16.8
18.9
21
23.1
18.4
21.4
24.4
27.4
22
25.3
29.4
33.4
BZX84C36
BZX84C39
BZX84C43
BZX84C47
BZX84C51
WW
WX
WY
WZ
XA
36
39
43
47
51
34.20
37.05
40.85
44.65
48.45
37.80
40.95
45.15
49.35
53.55
90
130
150
170
100
5.0
5.0
5.0
5.0
5.0
350
350
375
375
400
1.0
1.0
1.0
1.0
1.0
0.1
0.1
0.1
0.1
0.1
25.2
27.3
30.1
32.9
38
30.4
33.4
10.0
10.0
10.0
37.4
41.2
12
12
12
Note: 1. Type numbers listed have standard tolerance on the nominal zener voltage of ±5%.
2. Measured with pulses tp = 5ms.
3. f = 1KHz


Similar Part No. - BZX84C8V2

ManufacturerPart #DatasheetDescription
logo
Guilin Strong Micro-Ele...
BZX84C8V2 GSME-BZX84C8V2 Datasheet
247Kb / 3P
   SOT-23 SURFACE MOUNT ZENER DIODE
logo
Vishay Siliconix
BZX84C8V2 VISHAY-BZX84C8V2 Datasheet
70Kb / 5P
   350 mW Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
logo
Bruckewell Technology L...
BZX84C8V2 BWTECH-BZX84C8V2 Datasheet
287Kb / 2P
   ZENER VOLTAGE REGULATORS
logo
SHENZHEN YONGERJIA INDU...
BZX84C8V2 WINNERJOIN-BZX84C8V2 Datasheet
435Kb / 5P
   Planar Die Construction.
logo
Central Semiconductor C...
BZX84C8V2 CENTRAL-BZX84C8V2 Datasheet
120Kb / 2P
   SURFACE MOUNT 350mW SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
More results

Similar Description - BZX84C8V2

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZX84C2V4 DIODES-BZX84C2V4_15 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C43 DIODES-BZX84C43_1 Datasheet
350Kb / 3P
   350mW SURFACE MOUNT ZENER DIODE
DS30370 Rev. 5 - 2
MMBZ5221B DIODES-MMBZ5221B Datasheet
66Kb / 3P
   350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 7 - 2
MMBZ5221B DIODES-MMBZ5221B_10 Datasheet
88Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 21 - 2
BZX84C2V4 DIODES-BZX84C2V4_12 Datasheet
103Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C12-7 DIODES-BZX84C12-7 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C18-7 DIODES-BZX84C18-7 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
MMBZ5221B WTE-MMBZ5221B Datasheet
76Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
BZX84C2V4 DIODES-BZX84C2V4_1 Datasheet
447Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
DS18001 Rev. 25 - 2
BZX84C20-7 DIODES-BZX84C20-7 Datasheet
87Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
logo
Diode Semiconductor Kor...
BZX84C2V4 DSK-BZX84C2V4 Datasheet
313Kb / 5P
   350mW Surface Mount Zener Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com