Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZT52C22 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # BZT52C22
Description  410mW SURFACE MOUNT ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

BZT52C22 Datasheet(HTML) 1 Page - Won-Top Electronics

  BZT52C22 Datasheet HTML 1Page - Won-Top Electronics BZT52C22 Datasheet HTML 2Page - Won-Top Electronics BZT52C22 Datasheet HTML 3Page - Won-Top Electronics BZT52C22 Datasheet HTML 4Page - Won-Top Electronics BZT52C22 Datasheet HTML 5Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BZT52C2V4 – BZT52C51
1 of 5
© 2006 Won-Top Electronics
Pb
BZT52C2V4 – BZT52C51
410mW SURFACE MOUNT ZENER DIODE
Features
!
Planar Die Construction
!
410mW Power Dissipation
A
!
2.4 – 51V Nominal Zener Voltage
!
5% Standard Vz Tolerance
!
Designed for Surface Mount Application
C
!
Plastic Material – UL Recognition Flammability
D
Classification 94V-O
B
                 
E
Mechanical Data
H
!
Case: SOD-123, Molded Plastic
G
!
Terminals: Plated Leads Solderable per
J
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Weight: 0.01 grams (approx.)
!
Marking: Device Code, See Page 2
!
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 5
Maximum Ratings @T
A=25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Peak Pulse Power Dissipation at TA = 25°C (Note 1)
Pd
410
mW
Forward Voltage @ IF = 10mA
VF
0.9
V
Thermal Resistance Junction to Ambient (Note 1)
RJA
300
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Note: 1. Diode on ceramic substrate 10mm x 8mm x 0.7mm.
WTE
POWER SEMICONDUCTORS
SOD-123
Dim
Min
Max
A
3.6
3.9
B
2.5
2.8
C
1.4
1.8
D
0.5
0.7
E
—0.2
G
0.4
H
0.95
1.35
J
—0.12
All Dimensions in mm


Similar Part No. - BZT52C22

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZT52C22 DIODES-BZT52C22 Datasheet
73Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS18004 Rev. 19 - 2
logo
Taiwan Semiconductor Co...
BZT52C22 TSC-BZT52C22 Datasheet
230Kb / 5P
   5% Tolerance SMD Zener Diode
logo
SeCoS Halbleitertechnol...
BZT52C22 SECOS-BZT52C22 Datasheet
184Kb / 4P
   Surface Mount Zener Diode
BZT52C22 SECOS-BZT52C22 Datasheet
685Kb / 4P
   500mW SOD-123 Surface Mount Zener Diodes
logo
First Components Intern...
BZT52C22 FCI-BZT52C22 Datasheet
136Kb / 2P
   1/2 Watt ZEBER DIODES Planar Die Construction
More results

Similar Description - BZT52C22

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
ECC1N4148W E-CMOS-ECC1N4148W Datasheet
376Kb / 5P
   410mW Surface Mount Switching Diode-100V
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
   SURFACE MOUNT ZENER DIODE
logo
Comchip Technology
CZRM27C3V6P COMCHIP-CZRM27C3V6P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
CZRA3011 COMCHIP-CZRA3011 Datasheet
118Kb / 5P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C2V0S DIODES-BZT52C2V0S Datasheet
54Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
logo
Bruckewell Technology L...
BZT52C2V0S BWTECH-BZT52C2V0S Datasheet
480Kb / 4P
   Surface mount zener diode
logo
Galaxy Semi-Conductor H...
SMBJ5913B BILIN-SMBJ5913B Datasheet
243Kb / 5P
   Surface mount zener diode
logo
Microdiode Electronics ...
BZT52C2V0 CHENDA-BZT52C2V0 Datasheet
1Mb / 4P
   Surface mount zener diode
logo
SeCoS Halbleitertechnol...
MMSZ5221BS SECOS-MMSZ5221BS Datasheet
166Kb / 3P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C5V1LP DIODES-BZT52C5V1LP Datasheet
274Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS30506 Rev. 11 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com