Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ER1601ACT Datasheet(PDF) 3 Page - Won-Top Electronics

Part # ER1601ACT
Description  16A GLASS PASSIVATED DUAL SUPERFAST RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

ER1601ACT Datasheet(HTML) 3 Page - Won-Top Electronics

  ER1601ACT Datasheet HTML 1Page - Won-Top Electronics ER1601ACT Datasheet HTML 2Page - Won-Top Electronics ER1601ACT Datasheet HTML 3Page - Won-Top Electronics ER1601ACT Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ER1600CT – ER1606CT
3 of 4
© 2006 Won-Top Electronics
MARKING INFORMATION
PACKAGING INFORMATION
Tube Size
L x W x H (mm)
Quantity
(PCS)
Inner Box Size
L x W x H (mm)
Quantity
(PCS)
Carton Size
L x W x H (mm)
Quantity
(PCS)
Approx. Gross Weight
(KG)
525 x 31 x 6
50
555 x 145 x 95
2,000
572 x 306 x 218
8,000
19.0
RECOMMENDED SCREW MOUNTING ARRANGEMENT
Note: 1. Anti-static tube, water clear color.
BULK
WTE
= Manufacturer’s Logo
ER160xCT
= Device Number
x
= 0, 1, 1A, 2, 3, 4 or 6
Polarity
= As Marked on Body
Plain Washer
Insulating Bushing
Rectifier
Insulator
Heatsink
Compression Washer
4-40 HEX Nut
Recommended isolated mounting when
screw is at heatsink potential. 4-40
hardware is used.
Screw should not be tightened with any
type of air-forced torque or equipment
that may cause high impact on device
package. The insulating bushing inside
the mounting hole will insure the screw
threads do not contact the metal base.
The interface should apply a layer of
thermal grease or a highly conductive
thermal pad for better heat dissipation.
4-40 PAN or HEX Head Screw
WTE
ER160xCT


Similar Part No. - ER1601ACT

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
ER1601ACT WTE-ER1601ACT Datasheet
52Kb / 3P
   16A SUPER-FAST GLASS PASSIVATED RECTIFIER
logo
Pan Jit International I...
ER1601ACT PANJIT-ER1601ACT Datasheet
41Kb / 2P
   SUPERFAST RECOVERY RECTIFIER
ER1601ACT PANJIT-ER1601ACT Datasheet
86Kb / 2P
   ISOLATION SUPERFAST RECOVERY RECTIFIER
logo
Thinki Semiconductor Co...
ER1601ACT THINKISEMI-ER1601ACT Datasheet
689Kb / 2P
   16Ampere Heat Sink Dual Common Cathode Super Fast Recovery Rectifiers
More results

Similar Description - ER1601ACT

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
ER1600FCT WTE-ER1600FCT_06 Datasheet
54Kb / 4P
   16A GLASS PASSIVATED DUAL SUPERFAST RECTIFIER
ER1000FCT WTE-ER1000FCT_06 Datasheet
56Kb / 4P
   10A GLASS PASSIVATED DUAL SUPERFAST RECTIFIER
U16D05C WTE-U16D05C Datasheet
59Kb / 4P
   16A GLASS PASSIVATED DUAL SUPEFAST RECTIFIER
UF1600CT WTE-UF1600CT_06 Datasheet
61Kb / 4P
   16A GLASS PASSIVATED DUAL ULTRAFAST RECTIFIER
UF1600FCT WTE-UF1600FCT_06 Datasheet
60Kb / 4P
   16A GLASS PASSIVATED DUAL ULTRAFAST RECTIFIER
ER1000CT WTE-ER1000CT_06 Datasheet
51Kb / 4P
   10A GLASS PASSIVATED DUAL SUPERFAST RECTIFIER
logo
Frontier Electronics.
FEF160-02CT FRONTIER-FEF160-02CT Datasheet
130Kb / 2P
   16A DUAL FAST EFFICIENT GLASS PASSIVATED RECTIFIER
logo
Won-Top Electronics
UF1600CT WTE-UF1600CT Datasheet
49Kb / 3P
   16A ULTRAFAST GLASS PASSIVATED RECTIFIER
logo
Frontier Electronics.
GPF160-005 FRONTIER-GPF160-005 Datasheet
123Kb / 2P
   16A GLASS PASSIVATED STANDARD RECTIFIER
logo
Zibo Seno Electronic En...
MUR1010CT ZSELEC-MUR1010CT Datasheet
205Kb / 2P
   10.0A GLASS PASSIVATED SUPERFAST RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com