Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ10EL16VOT Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AZ10EL16VOT
Description  ECL/PECL Oscillator Gain Stage and Buffer with Enable
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AZ10EL16VOT Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AZ10EL16VOT Datasheet HTML 1Page - List of Unclassifed Manufacturers AZ10EL16VOT Datasheet HTML 2Page - List of Unclassifed Manufacturers AZ10EL16VOT Datasheet HTML 3Page - List of Unclassifed Manufacturers AZ10EL16VOT Datasheet HTML 4Page - List of Unclassifed Manufacturers AZ10EL16VOT Datasheet HTML 5Page - List of Unclassifed Manufacturers AZ10EL16VOT Datasheet HTML 6Page - List of Unclassifed Manufacturers AZ10EL16VOT Datasheet HTML 7Page - List of Unclassifed Manufacturers AZ10EL16VOT Datasheet HTML 8Page - List of Unclassifed Manufacturers AZ10EL16VOT Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
AZ10EL16VO
AZ100EL16VO
June 2007 * REV - 23
www.azmicrotek.com
3
Absolute Maximum Ratings are those values beyond which device life may be impaired.
Symbol
Characteristic
Rating
Unit
VCC
PECL Power Supply
(VEE = 0V)
0 to +6.0
Vdc
VI
PECL Input Voltage
(VEE = 0V)
0 to +6.0
Vdc
VEE
ECL Power Supply
(VCC = 0V)
-6.0 to 0
Vdc
VI
ECL Input Voltage
(VCC = 0V)
-6.0 to 0
Vdc
VI_DIFF
Differential Input Voltage
D/D
¯
0 to
±1.6
Vpp1
IOUT
Output Current
— Continuous
— Surge
50
100
mA
TA
Operating Temperature Range
-40 to +85
°C
TSTG
Storage Temperature Range
-65 to +150
°C
1.
VI_DIFF is the voltage difference between D and D
¯
TRUTH TABLE
EN
¯¯
Q/Q
¯
QHG
Q
¯ HG
LOW or NC
Data
Data
Data
HIGH
Data
LOW
HIGH
NC = No Connect
TIMING DIAGRAM
D
Q
EN
Q
HG


Similar Part No. - AZ10EL16VOT

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ10EL16VOT AZM-AZ10EL16VOT Datasheet
258Kb / 18P
   ECL/PECL Oscillator Gain Stage and Buffer with Enable
AZ10EL16VOT++ AZM-AZ10EL16VOT+ Datasheet
258Kb / 18P
   ECL/PECL Oscillator Gain Stage and Buffer with Enable
More results

Similar Description - AZ10EL16VOT

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ10EL16VO AZM-AZ10EL16VO Datasheet
258Kb / 18P
   ECL/PECL Oscillator Gain Stage and Buffer with Enable
AZ100LVEL16VR AZM-AZ100LVEL16VR_12 Datasheet
739Kb / 9P
   PECL/ECL Oscillator Gain Stage & Buffer with Selectable Enable
logo
List of Unclassifed Man...
AZ100LVEL16VR ETC-AZ100LVEL16VR Datasheet
178Kb / 6P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
logo
Arizona Microtek, Inc
AZ100LVEL16VR AZM-AZ100LVEL16VR Datasheet
191Kb / 13P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VT AZM-AZ100LVEL16VT Datasheet
215Kb / 13P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VT AZM-AZ100LVEL16VT_12 Datasheet
486Kb / 9P
   PECL/ECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VV AZM-AZ100LVEL16VV_12 Datasheet
473Kb / 9P
   Dual Frequency PECL/ECL Oscillator Gain Stage & Buffer with Enable
AZ100LVEL16VV AZM-AZ100LVEL16VV Datasheet
93Kb / 9P
   Dual Frequency ECL/PECL Oscillator Gain Stage & Buffer with Enable
AZV99 AZM-AZV99_09 Datasheet
260Kb / 16P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
AZV99 AZM-AZV99 Datasheet
226Kb / 15P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com