Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ100EL16VST Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AZ100EL16VST
Description  ECL/PECL Differential Receiver with Variable Output Swing
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AZ100EL16VST Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AZ100EL16VST Datasheet HTML 1Page - List of Unclassifed Manufacturers AZ100EL16VST Datasheet HTML 2Page - List of Unclassifed Manufacturers AZ100EL16VST Datasheet HTML 3Page - List of Unclassifed Manufacturers AZ100EL16VST Datasheet HTML 4Page - List of Unclassifed Manufacturers AZ100EL16VST Datasheet HTML 5Page - List of Unclassifed Manufacturers AZ100EL16VST Datasheet HTML 6Page - List of Unclassifed Manufacturers AZ100EL16VST Datasheet HTML 7Page - List of Unclassifed Manufacturers AZ100EL16VST Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AZ100EL16VS
November 2006 * REV - 3
www.azmicrotek.com
3
100K PECL DC Characteristics (VEE = GND, VCC = +5.0V)
-40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
VOH
Output HIGH Voltage
1,3
3915
4120
3975
4120
3975
4045
4120
3975
4120
mV
VOL
Output LOW Voltage
1,3
VCTRL = VBB
2
3110
3380
3130
3320
3130
3225
3320
3130
3320
mV
VOL
Output LOW Voltage
1,3
VCTRL = VCC
3820
4025
3865
4010
3865
3935
4010
3865
4010
mV
VIH
Input HIGH Voltage
1
3835
4120
3835
4120
3835
4120
3835
4120
mV
VIL
Input LOW Voltage
1
3190
3525
3190
3525
3190
3525
3190
3525
mV
VBB
Reference Voltage
1
3580
3740
3580
3740
3580
3740
3580
3740
mV
IIH
Input HIGH Current
D, D
¯
VCTRL
150
40
150
40
150
40
150
40
μA
IIL
Input LOW Current
0.5
0.5
0.5
0.5
μA
IEE
Power Supply Current
18
25
18
25
18
25
21
26
mA
1.
For supply voltages other that 5.0V, use the ECL table values and ADD supply voltage value.
2.
If VCTRL is Open Circuit, use the VOH (Max & Min) and VOL (VCTRL = VREF : Max only) limits.
3.
Each output is terminated through a 50
Ω resistor to V
CC – 2V.
AC Characteristics (VEE = -4.2V to -5.5V; VCC =GND or VEE =GND; VCC = +4.2V to +5.5V)
-40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
tPLH / tPHL
Input to Output Delay
(Diff)
(SE)
250
250
175
125
250
250
325
375
175
125
250
250
325
375
205
155
280
280
355
405
ps
tSKEW
Duty Cycle Skew
1 (Diff)
5
5
20
5
20
5
20
ps
VPP (AC)
Minimum Input Swing
2
150
150
150
150
mV
VCMR
Common Mode Range
3
VCC -
2.0
VCC -
0.4
VCC -
2.0
VCC -
0.4
VCC -
2.0
VCC -
0.4
VCC -
2.0
VCC -
0.4
V
tr / tf
Rise/Fall Time
20 – 80%
100
350
100
350
100
350
100
350
ps
1.
Duty cycle skew is the difference between a tPLH and tPHL propagation delay through a device.
2.
VPP is the minimum peak-to-peak differential input swing for which AC parameters are guaranteed.
3.
The VCMR range is referenced to the most positive side of the differential input signal. Normal operation is obtained if the HIGH level falls within
the specified range and the peak-to-peak voltage lies between VPP(min) and 1V.


Similar Part No. - AZ100EL16VST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ100EL16VST ETC1-AZ100EL16VST Datasheet
180Kb / 8P
   ECL/PECL Differential Receiver with Variable Output Swing
logo
Arizona Microtek, Inc
AZ100EL16VST AZM-AZ100EL16VST Datasheet
94Kb / 8P
   ECL/PECL Differential Receiver with Variable Output Swing
logo
List of Unclassifed Man...
AZ100EL16VSTR1 ETC1-AZ100EL16VSTR1 Datasheet
180Kb / 8P
   ECL/PECL Differential Receiver with Variable Output Swing
AZ100EL16VSTR2 ETC1-AZ100EL16VSTR2 Datasheet
180Kb / 8P
   ECL/PECL Differential Receiver with Variable Output Swing
More results

Similar Description - AZ100EL16VST

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ10LVEL16VS AZM-AZ10LVEL16VS Datasheet
101Kb / 8P
   ECL/PECL Differential Receiver with Variable Output Swing
AZ100EL16VS AZM-AZ100EL16VS Datasheet
94Kb / 8P
   ECL/PECL Differential Receiver with Variable Output Swing
logo
List of Unclassifed Man...
AZ100EL16VS ETC1-AZ100EL16VS Datasheet
180Kb / 8P
   ECL/PECL Differential Receiver with Variable Output Swing
logo
Arizona Microtek, Inc
AZ10EP16VS AZM-AZ10EP16VS Datasheet
122Kb / 10P
   ECL/PECL Differential Receiver with Variable Output Swing
logo
Micrel Semiconductor
SY89307V MICREL-SY89307V Datasheet
49Kb / 5P
   5V/3.3V 2.5Gbps VARIABLE OUTPUT SWING PECL/ECL DIFFERENTIAL RECEIVER
logo
ON Semiconductor
MC100EP16VS ONSEMI-MC100EP16VS Datasheet
167Kb / 12P
   3.3V / 5V ECL Differential Receiver/Driver with Variable Output Swing
December, 2006 ??Rev. 5
logo
Semtech Corporation
SK10EL16VD SEMTECH-SK10EL16VD Datasheet
146Kb / 9P
   Differential Receiver with Variable Output Swing
logo
Arizona Microtek, Inc
AZ100EP16VS AZM-AZ100EP16VS_12 Datasheet
505Kb / 11P
   LVPECL Differential Receiver with Variable Output Swing
logo
ON Semiconductor
MC100EP16VS ONSEMI-MC100EP16VS_16 Datasheet
184Kb / 11P
   3.3 V / 5 V ECL Differential Receiver/Driver with Variable Output Swing
August, 2016 ??Rev. 7
logo
Micrel Semiconductor
SY100EL16S MICREL-SY100EL16S Datasheet
87Kb / 5P
   5V VARIABLE OUTPUT SWING DIFFERENTIAL RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com