Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR2K-T3 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # FR2K-T3
Description  2.0A SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

FR2K-T3 Datasheet(HTML) 1 Page - Won-Top Electronics

  FR2K-T3 Datasheet HTML 1Page - Won-Top Electronics FR2K-T3 Datasheet HTML 2Page - Won-Top Electronics FR2K-T3 Datasheet HTML 3Page - Won-Top Electronics FR2K-T3 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FR2A – FR2K
1 of 4
© 2006 Won-Top Electronics
Pb
FR2A – FR2K
2.0A SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY DIODE
Features
!
Glass Passivated Die Construction
!
Ideally Suited for Automatic Assembly
B
!
Low Forward Voltage Drop, High Efficiency
!
Surge Overload Rating to 50A Peak
D
!
Low Power Loss
A
!
Fast Recovery Time
F
!
Plastic Case Material has UL Flammability
Classification Rating 94V-O
C
H
G
                             E
Mechanical Data
!
Case: SMB/DO-214AA, Molded Plastic
!
Terminals: Solder Plated, Solderable
per MIL-STD-750, Method 2026
!
Polarity: Cathode Band or Cathode Notch
!
Marking: Type Number
!
Weight: 0.093 grams (approx.)
!
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Characteristic
Symbol
FR2A
FR2B
FR2D
FR2G
FR2J
FR2K
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
V
Average Rectified Output Current
@TL = 90°C
IO
2.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
50
A
Forward Voltage
@IF = 2.0A
VFM
1.30
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 125°C
IRM
5.0
300
µA
Reverse Recovery Time (Note 1)
trr
150
250
500
nS
Typical Junction Capacitance (Note 2)
Cj
50
pF
Typical Thermal Resistance (Note 3)
RJL
20
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-50 to +150
°C
Note: 1. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A. See figure 5.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0 V DC.
3. Mounted on P.C. Board with 8.0mm2 land area.
WTE
POWER SEMICONDUCTORS
SMB/DO-214AA
Dim
Min
Max
A
3.30
3.94
B
4.06
4.70
C
1.91
2.11
D
0.152
0.305
E
5.08
5.59
F
2.13
2.44
G
0.051
0.203
H
0.76
1.27
All Dimensions in mm


Similar Part No. - FR2K-T3

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FR2K-L MCC-FR2K-L Datasheet
392Kb / 4P
   2.0 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR2K-L MCC-FR2K-L Datasheet
434Kb / 4P
   2.0 Amp Fast Recovery Rectifier 50 to 1000 Volts
More results

Similar Description - FR2K-T3

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
RS2ABF ZSELEC-RS2ABF Datasheet
109Kb / 2P
   2.0A SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY DIODE
RS2AF ZSELEC-RS2AF Datasheet
109Kb / 2P
   2.0A SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY DIODE
RS2AW ZSELEC-RS2AW Datasheet
114Kb / 2P
   2.0A GLASS PASSIVATED FAST RECOVERY DIODE
FR201G ZSELEC-FR201G Datasheet
118Kb / 2P
   2.0A GLASS PASSIVATED FAST RECOVERY DIODE
PR2001G ZSELEC-PR2001G Datasheet
134Kb / 2P
   2.0A GLASS PASSIVATED FAST RECOVERY DIODE
RS2A ZSELEC-RS2A Datasheet
148Kb / 2P
   2.0A SURFACE MOUNT FAST RECOVERY DIODE
FR2A ZSELEC-FR2A Datasheet
124Kb / 2P
   2.0A SURFACE MOUNT FAST RECOVERY DIODE
FS2A ZSELEC-FS2A Datasheet
74Kb / 2P
   2.0A SURFACE MOUNT FAST RECOVERY DIODE
logo
Won-Top Electronics
ER2AA WTE-ER2AA Datasheet
54Kb / 4P
   2.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
logo
Zibo Seno Electronic En...
ES2A ZSELEC-ES2A Datasheet
121Kb / 2P
   2.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com